Part Number Hot Search : 
N5339 UNSMF AOW15S65 2SK176 81100L ADUM2200 PM5316 BD233
Product Description
Full Text Search
 

To Download ILCX13-GHD318-20000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4 pad ceramic package, 2.5 mm x 3.2 mm ilcx13 series ilsi america phone: 775-851-8880 ? fax: 775-851-8882? e-mail: e-mail@ilsiamerica.com ? www.ilsiamerica.com 12/20/12_e specifications subject to change without notice page 1 1 4 2 3 3 2 4 1 0.9 max. 2.5 +/-0.15 3.2 +/-0.15 connection diagram recommended pad layout dimension units: mm 1.2 0.7 0.9 0.8 3 4 1 2 2.1 1.7 1.3 1.3 product features: applications: smd package pcmcia cards small package foot print storage supplied in tape and reel pc?s compatible with leadfree processing wireless lan * not available at all frequencies. ** not available for all temperature ranges. frequency 12 mhz to 150 mhz esr (equivalent series resistance) 12.0 mhz ? 15.9 mhz 16.0 mhz ? 19.9 mhz 20.0 mhz ? 23.9 mhz 24.0 mhz ? 60.0 mhz 60.0 mhz ? 150.0 mhz (3 rd o/t) 100 ? max. 80 ? max. 60 ? max. 40 ? max. 100 ? max. shunt capacitance (c0) 3.5 pf max. frequency tolerance @ 25 ? c ? 30 ppm standard (see part number guide for more options) frequency stability over temperature ? 50 ppm standard (see part number guide for more options) crystal cut at cut load capacitance 18 pf standard (see part number guide for more options) drive level 100 w max. aging ? 5 ppm max. / year standard temperature operating 0 ? c to +70 ? c standard (see part number guide for more options) storage -40 ? c to +85 ? c standard part number guide sample part number: ilcx13 - fb1f18 - 20.000 package tolerance (ppm) at room temperature stability (ppm) over operating temperature operating temperature range mode (overtone) load capacitance (pf) frequency ilcx13 - b = 50 ppm b = 50 ppm 0 = 0c to +50c f = fundamental 18 pf standard or specify - 20.000 mhz f = 30 ppm f = 30 ppm 1 = 0c to +70c 3 = 3 rd overtone g = 25 ppm g = 25 ppm 2 = -10c to +60c h = 20 ppm h = 20 ppm 3 = -20c to +70c i = 15 ppm i = 15 ppm** 5 = -40c to +85c j = 10 ppm* j = 10 ppm** 9 = -10c to +50c d = -10c to +105c* e = -40c to +105c*
4 pad ceramic package, 2.5 mm x 3.2 mm ilcx13 series ilsi america phone: 775-851-8880 ? fax: 775-851-8882? e-mail: e-mail@ilsiamerica.com ? www.ilsiamerica.com 12/20/12_e specifications subject to change without notice page 2 pb free solder reflow profile: typical circuit: *units are backward compatible with 240c reflow processes package information: msl = 1 termination = e4 (au over ni over w base metal). tape and reel information: environmental specifications thermal shock mil-std-883, method 1011, condition a moisture resistance mil-std-883, method 1004 mechanical shock mil-std-883, method 2002, condition b mechanical vibration mil-std-883, method 2007, condition a resistance to soldering heat j-std-020c, tabl e 5-2 pb-free devices (except 2 cycles max) hazardous substance pb-free / rohs / green compliant solderability jesd22-b102-d method 2 (preconditioning e) terminal strength mil-std-883, method 2004, test condition d gross leak mil-std-883, method 1014, condition c fine leak mil-std-883, method 1014, condition a2, r1=2x10-8 atm cc/s solvent resistance mil-std-202, method 215 marking line 1: i-date code (yww) line 2: frequency quantity per reel 1000 a 8.0+/-.2 b 4.0 +/-.2 c 3.5 +/-.2 d 16.5 +/-2 e 50 / 60 / 80 f 180


▲Up To Search▲   

 
Price & Availability of ILCX13-GHD318-20000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X