Part Number Hot Search : 
KE180 HM63921 3425L ML4880 OM5216RT RT33L012 74AC2 GLZ12C
Product Description
Full Text Search
 

To Download I411-56561F-20000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leaded oscillator, ocxo i411 series metal package, 20.5 mm x 20.5 mm ilsi america phone: 775-851-8880 ? fax: 775- 851-8882? e-mail: e-mail@ilsiamerica.com ? www.ilsiamerica.com 12/10_a specifications subject to change without notice frequency 1.000 mhz to 150.000 mhz output level hc-mos sine level ?0? = 10% vcc max., ?1?= 90% vcc min. +4 dbm, ? 3 dbm duty cycle specify 50% ? 10% or ? 5% see table n.a. rise / fall time 10 ns max. @ fo < 16 mhz, 5 ns max. @ fo > 16 mhz n.a. output load see table 50 ohms supply voltage 5.0 vdc ? 5% current (warm up) 600 ma max. @ 5.0 vdc current @ +25 ? c 250 ma @ 5 vdc control voltage (?v? option) 2.5 vdc ? 2.0 vdc, ? 8 ppm min. slope positive temperature operating see operating temperature table storage -40 ? c to +85 ? c environmental see appendix b for information package information msl = n.a., termination = e1 part number guide sample part nu mber: i411 - 5151yv - 20.000 mhz package input voltage operating temperature symmetry (duty cycle) output stability (in ppm) voltage control frequency i411 - 3 = 3.3 v 7 = 0 ? c to +50 ? c 5 = 45 / 55 max. 1 = 10ttl / 15 pf hc-mos y = ? 0.5 v = controled - 20.000 mhz 5 = 5.0 v 1 = 0 ? c to +70 ? c 6 = 40 / 60 max. 3 = 15 pf hc-mos 1 = ? 0.25 f = fixed 9 = 12 v 6 = -10 ? c to +70 ? c 6 = 30 p f 2= ? 0.1 3 = -20 ? c to +70 ? c a = sine 3 = ? 0.05 * note: a 0.01 f bypass capacitor is recommended between vcc (pin 4) and gnd (pin 2) to minimize power supply noise. * - not available for all temperature ranges.


▲Up To Search▲   

 
Price & Availability of I411-56561F-20000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X