Part Number Hot Search : 
DT454P 2C10LI30 PJ120A 10C80 JCR1LB 825J250E BA80JC5T FDMB380
Product Description
Full Text Search
 

To Download DTC114ESA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc114 em/ee/eua/eca/esa npn small signal transistor small signal diode package sot-723 sot-523 sot-323 sot-23 to-92s em ee esa 100 150 300 mw v v c notes:1. valid provided that electrodes are kept at ambient temperature symbol min typ max unit v i(on) 3 v i(off) 0.5 v o(on) 0.3 v i i 0.88 ma i o off) 0.5 a g i 30 r 1 71013 k ? r 2 /r 1 0.8 1 1.2 f t 250 mhz 50 v in output current value pd type number dtc114 eua units 50 supply voltage part no. dtc114 em dtc114 ee 8k / 7" reel 3k / 7" reel packing symbol 200 power dissipation dtc114 eca dtc114 esa 3k / 7" reel 3k / 7" reel eua eca output voltage i c(max) 100 -10 40 input voltage i o /i i =10ma/5ma condtion v cc =5v,i o =100 a v o =0.3v,i o =10ma i o v maximum ratings and electrical characteristics rating at 25c ambient temperature unless otherwise specified. junction and storage temperature range tj, t stg -55 to + 150 parameter input voltage v cc ma v i =5v v cc =50v,v i =0 v o =5v,i o =5ma output current dc current gain input current v o =10v,i o =5ma,f=100mhz input resistance resistance ratio transition frequency 3k / 7" reel features ? built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistor (see equivalent circuit). ? green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code. ? only the on/off conditions need to be set for operation,marking device design easy. ? the bias resistors consist of thin -film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. orderin g information version:a12
0.1 1 10 100 0.1 1 10 100 11 01 0 0 0.01 0.1 1 0481 21 62 0 0 2 4 6 8 10 0.1 1 10 100 1 10 100 1000 0 . 00 . 40 . 81 . 21 . 62 . 0 0.01 0.1 1 10 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 30 3 0.03 0.3 300 30 3 30 3 0.3 3 0.03 0.3 30 3 30 0.3 3 0.3 off characteristics on characteristics t a =25 100 v o =0.3v input voltage v i(on) (v) output current i o (ma) v o(on) i o t a =100 25 i o /i i =20 output voltage v o(on) (v) output current i o (ma) f=1mhz t a =25 c o v r output capacitance c o (pf) reverse bias voltage v r (v) g i i o t a =100 25 v o =5v dc current gain g i output current i o (ma) t a =100 25 v cc =5v output current i o (ma) input voltage v i(off) (v) p d t a DTC114ESA dtc114eua/ca dtc114ee dtc114em power dissipation p d (mw) ambient temperature t a ( ) dtc114 em/ee/eua/eca/esa npn small signal transistor small signal diode dtc114 e a typical characteristics version:a12 u
dtc114 em/ee/eua/eca/esa npn small signal transistor aa c c min max min max min max min max 2.80 3.00 0.11 0.12 1.90 2.10 0.07 0.08 1.20 1.40 0.05 0.06 1.15 1.35 0.05 0.05 0.30 0.50 0.01 0.02 0.25 0.35 0.01 0.01 1.80 2.00 0.07 0.08 1.20 1.40 0.05 0.06 2.25 2.55 0.09 0.10 2.00 2.20 0.08 0.09 0.90 1.20 0.04 0.04 0.80 1.00 0.03 0.04 a a c c min max min max min max min max 1.50 1.70 0.06 0.07 1.15 1.25 0.05 0.05 0.70 0.80 0.03 0.03 0.75 0.85 0.03 0.03 0.25 0.35 0.01 0.01 0.17 0.27 0.01 0.01 0.90 1.10 0.04 0.04 1.50 1.70 0.06 0.07 1.15 1.25 0.05 0.05 0.70 0.90 0.03 0.04 0.50 0.02 a e bg f c min max min max 3.85 4.15 0.15 0.16 3.01 3.31 0.12 0.13 15.10 15.50 0.59 0.61 0.38 0.55 0.01 0.02 1.42 1.62 0.06 0.06 d 0.66 0.86 0.03 0.03 0.36 0.51 0.01 0.02 e f g a b c d e f to-92s dimensions unit (mm) unit (inch) c d 0.8 typ 0.31typ unit (mm) unit (inch) a b d e f sot-723 unit (inch) a b c dimensions f sot-523 dimensions unit (mm) 0.550 ref 0.022 ref f g unit (inch) a b c unit (inch) a b c dimensions unit (mm) sot-323 d e sot-23 dimensions unit (mm) d e b d f e g b d f e b d f e b d f e version:a12


▲Up To Search▲   

 
Price & Availability of DTC114ESA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X