Part Number Hot Search : 
RS2201 00130 K8VM800 16080 MC344 ISOPAC02 D9893F SMAJ5306
Product Description
Full Text Search
 

To Download CK12BX390K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 20 ceramic molded axial & radial performance characteristics general working voltage: c0g 50, 100 & 200 volts x7r 50, 100 & 200 volts temperature characteristics: c0g 0 ?0 ppm/? from -55? to +125? x7r ?5% from -55? to +125? capacitance tolerance: c0g 0.5 pf, ?%, ?%, ?%, ?0%, ?0% (?.5 pf is tightest available tolerance) x7r ?0%, ?0%, -0 +100%, -20% +80% construction: monolithic block of ceramic dielectric with interdigitated internal electrodes, encapsulated in a molded case, and having axial or radial leads. meets flame test requirements of ul standard 94v-0. terminal strength: eia-198 method 303 condition a (2.2 kg) electrical capacitance: within specified tolerance when measured with 1 volt rms at 1 khz (1000 pf or less at 1 mhz for c0g). dissipation factor: 25? at 1 khz (1000 pf or less at 1 mhz for c0g). c0g .15% maximum x7r 2.5% maximum insulation resistance: after 2 minutes electrification at 25? and rated voltage c0g 100k megohms or 1000 megohm - ?, whichever is less. x7r 100k megohms or 1000 megohm - ?, whichever is less. dielectric withstanding voltage: 250% of rated voltage for 5 seconds with current limited to 50 ma at 25?. life test: 2000 hours at 200% of rated voltage at 125?. post-test limits at 25? are: capacitance change: c0g less than 3% or 0.25 pf, whichever is higher x7r ?0% of initial value dissipation factor: c0g .25% maximum x7r 3.0% maximum insulation resistance: c0g 10k megohms or 100 megohm - ?, whichever is less x7r 10k megohms or 100 megohm - ?, whichever is less dielectric withstanding voltage: 250% of rated voltage for 5 seconds with current limited to 50 ma. environmental moisture resistance: mil-std-202, method 106, or eia-198, method 204, condition a, except 20 cycles. insulation resistance: c0g 10k megohms or 100 megohm - ?, whichever is less x7r 10k megohms or 100 megohm - ?, whichever is less dielectric withstanding voltage: 250% of rated voltage for 5 seconds with current limited to 50 ma. immersion cycling: mil-std-202, method 104, condition b. post-test limits at 25? are: insulation resistance: c0g 10k megohms or 100 megohm - ?, whichever is less x7r 10k megohms or 100 megohm - ?, whichever is less solderability: mil-std-202, method 208, sn62 solder, 245? for 5 ?/2 seconds. resistance to soldering heat: mil-std-202, method 210, condition b (260?, 10 secs). depth of immersion ?to a minimum of .050" from the capacitor body. lead material: axial: solder-coated copper clad steel radial: solder-coated copper
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 33 ceramic molded/mil-c-11015 (ck) & mil-prf-39014 (ckr) c062 (ck06, ckr06) lead dia. .025 (+.004 -.002) w .026 min. h l s w .045 max. h 1.25 min. l s w h 1.25 min. l s w center line of leads within .030" of center line of case. h 1.25 min. s .026 min. l c052 (ck05, ckr05) c056 (ckr05) c066 (ckr06) lead dia. .025 (+.004 -.002) lead dia. .025 (+.004 -.002) lead dia. .025 (+.004 -.002) 1.25 min. * * * * dimensions ?inches & (millimeters) case military size equivalent styles ld c c114 ck12, ckr11 .160 .010 (4.06 .25) .090 .010 (2.29 .25) .020, +.000, -.003 (.51, +.00, -.08) c124 ck13, ckr12 .250 .010 (6.35 .25) .090 .010 (2.29 .25) .020, +.000, -.003 (.51, +.00, -.08) c192 ck14, ckr14 .390 .010 (9.91 .25) .140 .010 (3.56 .25) .025, +.002, -.002 (.64, +.05, -.05) c202 ck15, ckr15 .500 .020 (12.70 .51) .250 .015 (6.35 .38) .025, +.002, -.002 (.64, +.05, -.05) c222 ck16, ckr16 .690 .030 (17.53 .76) .350 .020 (8.89 .51) .025, +.002, -.002 (.64, +.05, -.05) d l c 1.50 min. (38.10) 1.50 min. (38.10) capacitor outline drawings (axial leads) capacitor outline drawings (radial leads) dimensions ?inches & (millimeters) military s case equivalent h l w lead size styles height length width spacing ck05, ckr05 .190 .010 (4.83 .25) .190 .010 (4.83 .25) .090 .010 (2.29 .25) .200 .015 (5.08 .38) ck06, ckr06 .290 .010 (7.37 .25) .290 .010 (7.37 .25) .090 .010 (2.29 .25) .200 .015 (5.08 .38) c052/ c056 c062/ c066 * leads are .625 minimum when tape and reel packaged. mil-c-11015 mil-prf-39014
ceramic molded/mil-c-11015 & mil-prf-39014 (ckr) ?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 34 c114t (ckr11) k 102 052 c 5 k a x 2 c ceramic *case size (see table below) specification military t mil-prf-39014 k mil-c-11015 capacitance in picofarad code: first two digits are significant figures and third is number of zeroes following (except 9 indicates division by 10). examples: 0.1 f = 100,000 pf = 104 and 9.1 pf = 919. see tables for standard values. failure rate internal construction capacitance tolerance standard m 20% k 10% a not applicable (std.) m 1.0% p 0.1% r 0.01% s 0.001% lead material c standard 5 standard working voltage 1 100 2 200 5 50 standard tolerances for each series are shown in the repetitive parts lists. *case sizes radial axial c052 c114 c056 c124 c062 c192 c066 c202 c222 temperature characteristic capacitance change with temp. measured measured without with bias kemet military eia temp. dc bias (rated designator equivalent equivalent range, c voltage voltage) x bx x7r -55 to 15% +15% (stable) +125 -25% r br x7r -55 to 15% +15% (stable) +125 -40% ** **part number example: c052k102k2x5ca (14 digits C no spaces) ordering information marking information c114t (ckr11) through c222t (ckr16) per mil-prf-39014 jk 103 kp5 37a j for jan k for kemet capacitance capacitance tolerance, fr level & date code (yr.) date and lot code c124t (ckr12) ckr12 2657j 0537a 31433 style dash no., j for jan date & lot code source code (federal supply code for manufacturers, fscm) c192t (ckr14) c202t (ckr15) c222t (ckr16) m39014 5-2125 kemet 0537a j50v 105k complete part number manufacturer s name date & lot code jan & voltage capacitance, pf code, capacitance tolerance c052/56t (ckr05) per mil-prf-39014/01 jk 0537 a jan-kemet date code lot code back m390 14/01 1579* specification sheet no. four digit part no. *add v as the last digit for stand-off leads. front c062/66t (ckr06) per mil-prf-39014/02 0537a j200v 103k date & lot code jan & voltage capacitance, pf code, capacitance tolerance back m39014 2-1338 *kemet complete mil part no. manufacturer s name front *add v as the last digit for stand-off leads. c114k (ck12) through c222k (ck16) per mil-c-11015 c114k (ck12) c124k (ck13) kck 12bx 102k 0537 kemet, ck style (12 or 13), temp. char. (bx or br) capacitance, pf code, capacitance tolerance date code c192k (ck14) c202k (ck15) c222k (ck16) k100v ck14bx 123k 0537 kemet, voltage style (14, 15 or 16), temp. char. (bx or br) capacitance, pf code, capacitance tolerance date code c052k (ck05) per mil-c-11015/18 & c062k (ck06) per mil-c-11015/19 200v k 0501 voltage kemet date code back ck05 bx 102k style temperature characteristic capacitance, pf code, capacitance tolerance front
ceramic molded/axial ?mil-c-11015 & mil-prf-39014 stable temperature characteristics?x & br (eia-x7r) ?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 35 mil-c-11015 mil-prf-39014 ratings & part number reference cap. tol. kemet mil-prf-39014/05 for failure rate levels (2) pf % part number mil-c-11015/20 mil-prf-39014/05 mp r s 100 volt ?c114 size (military?k12 or ckr11) 10 10 c114(1 )100k1x5c(2 ) ck12bx100k ckr11bx100k(2 ) 2601 2801 2001 2201 10 20 c114(1 )100m1x5c(2 ) ck12bx100m ckr11bx100m(2 ) 2602 2802 2002 2202 12 10 c114(1 )120k1x5c(2 ) ck12bx120k ckr11bx120k(2 ) 2603 2803 2003 2203 15 10 c114(1 )150k1x5c(2 ) ck12bx150k ckr11bx150k(2 ) 2604 2804 2004 2204 15 20 c114(1 )150m1x5c(2 ) ck12bx150m ckr11bx150m(2 ) 2605 2805 2005 2205 18 10 c114(1 )180k1x5c(2 ) ck12bx180k ckr11bx180k(2 ) 2606 2806 2006 2206 22 10 c114(1 )220k1x5c(2 ) ck12bx220k ckr11bx220k(2 ) 2607 2807 2007 2207 22 20 c114(1 )220m1x5c(2 ) ck12bx220m ckr11bx220m(2 ) 2608 2808 2008 2208 27 10 c114(1 )270k1x5c(2 ) ck12bx270k ckr11bx270k(2 ) 2609 2809 2009 2209 33 10 c114(1 )330k1x5c(2 ) ck12bx330k ckr11bx330k(2 ) 2610 2810 2010 2210 33 20 c114(1 )330m1x5c(2 ) ck12bx330m ckr11bx330m(2 ) 2611 2811 2011 2211 39 10 c114(1 )390k1x5c(2 ) CK12BX390K ckr11bx390k(2 ) 2612 2812 2012 2212 47 10 c114(1 )470k1x5c(2 ) ck12bx470k ckr11bx470k(2 ) 2613 2813 2013 2213 47 20 c114(1 )470m1x5c(2 ) ck12bx470m ckr11bx470m(2 ) 2614 2814 2014 2214 56 10 c114(1 )560k1x5c(2 ) ck12bx560k ckr11bx560k(2 ) 2615 2815 2015 2215 68 10 c114(1 )680k1x5c(2 ) ck12bx680k ckr11bx680k(2 ) 2616 2816 2016 2216 68 20 c114(1 )680m1x5c(2 ) ck12bx680m ckr11bx680m(2 ) 2617 2817 2017 2217 82 10 c114(1 )820k1x5c(2 ) ck12bx820k ckr11bx820k(2 ) 2618 2818 2018 2218 100 10 c114(1 )101k1x5c(2 ) ck12bx101k ckr11bx101k(2 ) 2619 2819 2019 2219 100 20 c114(1 )101m1x5c(2 ) ck12bx101m ckr11bx101m(2 ) 2620 2820 2020 2220 120 10 c114(1 )121k1x5c(2 ) ck12bx121k ckr11bx121k(2 ) 2621 2821 2021 2221 150 10 c114(1 )151k1x5c(2 ) ck12bx151k ckr11bx151k(2 ) 2622 2822 2022 2222 150 20 c114(1 )151m1x5c(2 ) ck12bx151m ckr11bx151m(2 ) 2623 2823 2023 2223 180 10 c114(1 )181k1x5c(2 ) ck12bx181k ckr11bx181k(2 ) 2624 2824 2024 2224 220 10 c114(1 )221k1x5c(2 ) ck12bx221k ckr11bx221k(2 ) 2625 2825 2025 2225 220 20 c114(1 )221m1x5c(2 ) ck12bx221m ckr11bx221m(2 ) 2626 2826 2026 2226 270 10 c114(1 )271k1x5c(2 ) ck12bx271k ckr11bx271k(2 ) 2627 2827 2027 2227 330 10 c114(1 )331k1x5c(2 ) ck12bx331k ckr11bx331k(2 ) 2628 2828 2028 2228 330 20 c114(1 )331m1x5c(2 ) ck12bx331m ckr11bx331m(2 ) 2629 2829 2029 2229 390 10 c114(1 )391k1x5c(2 ) ck12bx391k ckr11bx391k(2 ) 2630 2830 2030 2230 470 10 c114(1 )471k1x5c(2 ) ck12bx471k ckr11bx471k(2 ) 2631 2831 2031 2231 470 20 c114(1 )471m1x5c(2 ) ck12bx471m ckr11bx471m(2 ) 2632 2832 2032 2232 560 10 c114(1 )561k1x5c(2 ) ck12bx561k ckr11bx561k(2 ) 2633 2833 2033 2233 680 10 c114(1 )681k1x5c(2 ) ck12bx681k ckr11bx681k(2 ) 2634 2834 2034 2234 680 20 c114(1 )681m1x5c(2 ) ck12bx681m ckr11bx681m(2 ) 2635 2835 2035 2235 820 10 c114(1 )821k1x5c(2 ) ck12bx821k ckr11bx821k(2 ) 2636 2836 2036 2236 1,000 10 c114(1 )102k1x5c(2 ) ck12bx102k ckr11bx102k(2 ) 2637 2837 2037 2237 1,000 20 c114(1 )102m1x5c(2 ) ck12bx102m ckr11bx102m(2 ) 2638 2838 2038 2238 1,200 10 c114(1 )122k1x5c(2 ) ck12bx122k ckr11bx122k(2 ) 2639 2839 2039 2239 1,500 10 c114(1 )152k1x5c(2 ) ck12bx152k ckr11bx152k(2 ) 2640 2840 2040 2240 1,500 20 c114(1 )152m1x5c(2 ) ck12bx152m ckr11bx152m(2 ) 2641 2841 2041 2241 1,800 10 c114(1 )182k1x5c(2 ) ck12bx182k ckr11bx182k(2 ) 2642 2842 2042 2242 2,200 10 c114(1 )222k1x5c(2 ) ck12bx222k ckr11bx222k(2 ) 2643 2843 2043 2243 2,200 20 c114(1 )222m1x5c(2 ) ck12bx222m ckr11bx222m(2 ) 2644 2844 2044 2244 2,700 10 c114(1 )272k1x5c(2 ) ck12bx272k ckr11bx272k(2 ) 2645 2845 2045 2245 3,300 10 c114(1 )332k1x5c(2 ) ck12bx332k ckr11bx332k(2 ) 2646 2846 2046 2246 3,300 20 c114(1 )332m1x5c(2 ) ck12bx332m ckr11bx332m2 ) 2647 2847 2047 2247 3,900 10 c114(1 )392k1x5c(2 ) ck12bx392k ckr11bx392k(2 ) 2648 2848 2048 2248 4,700 10 c114(1 )472k1x5c(2 ) ck12bx472k ckr11bx472k(2 ) 2649 2849 2049 2249 4,700 20 c114(1 )472m1x5c(2 ) ck12bx472m ckr11bx472m2 ) 2650 2850 2050 2250 50 volt ?c114 size (military?k12 or ckr11) 5,600 10 c114(1 )562k5x5c(2 ) ck12bx562k ckr11bx562k(2 ) 2651 2851 2051 2251 6,800 10 c114(1 )682k5x5c(2 ) ck12bx682k ckr11bx682k(2 ) 2652 2852 2052 2252 6,800 20 c114(1 )682m5x5c(2 ) ck12bx682m ckr11bx682m(2 ) 2653 2853 2053 2253 8,200 10 c114(1 )822k5x5c(2 ) ck12bx822k ckr11bx822k(2 ) 2654 2854 2054 2254 10,000 10 c114(1 )103k5x5c(2 ) ck12bx103k ckr11bx103k(2 ) 2655 2855 2055 2255 10,000 20 c114(1 )103m5x5c(2 ) ck12bx103m ckr11bx103m(2 ) 2656 2856 2056 2256 100 volt ?c124 size (military?k13 or ckr12) 5,600 10 c124(1 )562k1x5c(2 ) ck13bx562k ckr12bx562k(2 ) 2657 2857 2057 2257 6,800 10 c124(1 )682k1x5c(2 ) ck13bx682k ckr12bx682k(2 ) 2658 2858 2058 2258 6,800 20 c124(1 )682m1x5c(2 ) ck13bx682m ckr12bx682m(2 ) 2659 2859 2059 2259 8,200 10 c124(1 )822k1x5c(2 ) ck13bx822k ckr12bx822k(2 ) 2660 2860 2060 2260 10,000 10 c124(1 )103k1x5c(2 ) ck13bx103k ckr12bx103k(2 ) 2661 2861 2061 2261 10,000 20 c124(1 )103m1x5c(2 ) ck13bx103m ckr12bx103m(2 ) 2662 2862 2062 2262 50 volt ?c124 size (military?k13 or ckr12) 12,000 10 c124(1 )123k5x5c(2 ) ck13bx123k ckr12bx123k(2 ) 2663 2863 2063 2263 15,000 10 c124(1 )153k5x5c(2 ) ck13bx153k ckr12bx153k(2 ) 2664 2864 2064 2264 15,000 20 c124(1 )153m5x5c(2 ) ck13bx153m ckr12bx153m(2 ) 2665 2865 2065 2265 18,000 10 c124(1 )183k5x5c(2 ) ck13bx183k ckr12bx183k(2 ) 2666 2866 2066 2266 22,000 10 c124(1 )223k5x5c(2 ) ck13bx223k ckr12bx223k(2 ) 2667 2867 2067 2267 22,000 20 c124(1 )223m5x5c(2 ) ck13bx223m ckr12bx223m(2 ) 2668 2868 2068 2268 27,000 10 c124k273k5r5ca ck13br273k 33,000 10 c124k333k5r5ca ck13br333k 33,000 20 c124k333m5r5ca ck13br333m 39,000 10 c124k393k5r5ca ck13br393k 47,000 10 c124k473k5r5ca ck13br473k 47,000 20 c124k473m5r5ca ck13br473m (1) insert proper letter for specification: k ?mil-c-11015; t ?mil-prf-39014 (2) failure rate designator: a ?not applicab le (mil-c-11015); m ?1%/1000 hours, p ?.1%/1000 hours, r ?.01%/1000 hours, s ?.001%/1000 hours (mil-prf-39014)
ceramic molded/axial ?mil-c-11015 & mil-prf-39014 stable temperature characteristics?x & br (eia-x7r) ?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 36 ratings & part number reference cap. tol. kemet mil-prf-39014/05 for failure rate levels (2) pf % part number mil-c-11015/20 mil-prf-39014/05 mp r s 50 volt ?c124 size (military?k13 or ckr12) (cont?) 27,000 10 c124t273k5x5c(2 ) ckr12bx273k(2 ) 2669 2869 2069 2269 33,000 10 c124t333k5x5c(2 ) ckr12bx333k(2 ) 2670 2870 2070 2270 33,000 20 c124t333m5x5c(2 ) ckr12bx333m(2 ) 2671 2871 2071 2271 39,000 10 c124t393k5x5c(2 ) ckr12bx393k(2 ) 2672 2872 2072 2272 47,000 10 c124t473k5x5c(2 ) ckr12bx473k(2 ) 2673 2873 2073 2273 47,000 20 c124t473m5x5c(2 ) ckr12bx473m(2 ) 2674 2874 2074 2274 100 volt ?c192 size (military?k14 or ckr14) 12,000 10 c192(1 )123k1x5c(2 ) ck14bx123k ckr14bx123k(2 ) 2675 2875 2075 2275 15,000 10 c192(1 )153k1x5c(2 ) ck14bx153k ckr14bx153k(2 ) 2676 2876 2076 2276 15,000 20 c192(1 )153m1x5c(2 ) ck14bx153m ckr14bx153m(2 ) 2677 2877 2077 2277 18,000 10 c192(1 )183k1x5c(2 ) ck14bx183k ckr14bx183k(2 ) 2678 2878 2078 2278 22,000 10 c192(1 )223k1x5c(2 ) ck14bx223k ckr14bx223k(2 ) 2679 2879 2079 2279 22,000 20 c192(1 )223m1x5c(2 ) ck14bx223m ckr14bx223m(2 ) 2680 2880 2080 2280 27,000 10 c192(1 )273k1x5c(2 ) ck14bx273k ckr14bx273k(2 ) 2681 2881 2081 2281 33,000 10 c192(1 )333k1x5c(2 ) ck14bx333k ckr14bx333k(2 ) 2682 2882 2082 2282 33,000 20 c192(1 )333m1x5c(2 ) ck14bx333m ckr14bx333m(2 ) 2683 2883 2083 2283 39,000 10 c192(1) 393k1x5c(2 ) ck14bx393k ckr14bx393k(2 ) 2684 2884 2084 2284 47,000 10 c192(1 )473k1x5c(2 ) ck14bx473k ckr14bx473k(2 ) 2685 2885 2085 2285 47,000 20 c192(1 )473m1x5c(2 ) ck14bx473m ckr14bx473m(2 ) 2686 2886 2086 2286 56,000 10 c192(1 )563k1r5c(2 ) ck14br563k ckr14br563k(2 ) 2693 2893 2093 2293 68,000 10 c192(1 )683k1r5c(2 ) ck14br683k ckr14br683k(2 ) 2694 2894 2094 2294 68,000 20 c192(1 )683m1r5c(2 ) ck14br683m ckr14br683m(2 ) 2695 2895 2095 2295 82,000 10 c192(1 )823k1r5c(2 ) ck14br823k ckr14br823k(2 ) 2696 2896 2096 2296 100,000 10 c192(1 )104k1r5c(2 ) ck14br104k ckr14br104k(2 ) 2697 2897 2097 2297 100,000 20 c192(1 )104m1r5c(2 ) ck14br104m ckr14br104m(2 ) 2698 2898 2098 2298 50 volt ?c192 size (military?k14 or ckr14) 56,000 10 c192t563k5x5c(2 ) ckr14bx563k(2 ) 2687 2887 2087 2287 68,000 10 c192t683k5x5c(2 ) ckr14bx683k(2 ) 2688 2888 2088 2288 68,000 20 c192t683m5x5c(2 ) ckr14bx683m(2 ) 2689 2889 2089 2289 82,000 10 c192t823k5x5c(2 ) ckr14bx823k(2 ) 2690 2890 2090 2290 100,000 10 c192t104k5x5c(2 ) ckr14bx104k(2 ) 2691 2891 2091 2291 100,000 20 c192t104m5x5c(2 ) ckr14bx104m(2 ) 2692 2892 2092 2292 120,000 10 c192(1 )124k5r5c(2 ) ck14br124k ckr14br124k(2 ) 2699 2899 2099 2299 150,000 10 c192(1 )154k5r5c(2 ) ck14br154k ckr14br154k(2 ) 2700 2900 2100 2300 150,000 20 c192(1 )154m5r5c(2 ) ck14br154m ckr14br154m(2 ) 2701 2901 2101 2301 180,000 10 c192(1 )184k5r5c(2 ) ck14br184k ckr14br184k(2 ) 2702 2902 2102 2302 220,000 10 c192(1 )224k5r5c(2 ) ck14br224k ckr14br224k(2 ) 2703 2903 2103 2303 220,000 20 c192(1 )224m5r5c(2 ) ck14br224m ckr14br224m(2 ) 2704 2904 2104 2304 270,000 10 c192(1 )274k5r5c(2 ) ck14br274k ckr14br274k(2 ) 2705 2905 2105 2305 100 volt ?c202 size (military?k15 or ckr15) 56,000 10 c202t563k1x5c(2 ) ckr15bx563k(2 ) 2706 2906 2106 2306 68,000 10 c202t683k1x5c(2 ) ckr15bx683k(2 ) 2707 2907 2107 2307 68,000 20 c202t683m1x5c(2 ) ckr15bx683m(2 ) 2708 2908 2108 2308 82,000 10 c202t823k1x5c(2 ) ckr15bx823k(2 ) 2709 2909 2109 2309 100,000 10 c202(1 )104k1x5c(2 ) ck15bx104k ckr15bx104k(2 ) 2710 2910 2110 2310 100,000 20 c202(1 )104m1x5c(2 ) ck15bx104m ckr15bx104m(2 ) 2711 2911 2111 2311 120,000 10 c202(1 )124k1r5c(2 ) ck15br124k ckr15br124k(2 ) 2712 2912 2112 2312 150,000 10 c202(1 )154k1r5c(2 ) ck15br154k ckr15br154k(2 ) 2713 2913 2113 2313 150,000 20 c202(1 )154m1r5c(2 ) ck15br154m ckr15br154m(2 ) 2714 2914 2114 2314 180,000 10 c202(1 )184k1r5c(2 ) ck15br184k ckr15br184k(2 ) 2715 2915 2115 2315 220,000 10 c202(1 )224k1r5c(2 ) ck15br224k ckr15br224k(2 ) 2716 2916 2116 2316 220,000 20 c202(1 )224m1r5c(2 ) ck15br224m ckr15br224m(2 ) 2717 2917 2117 2317 270,000 10 c202(1 )274k1r5c(2 ) ck15br274k ckr15br274k(2 ) 2718 2918 2118 2318 330,000 10 c202(1 )334k1r5c(2 ) ck15br334k ckr15br334k(2 ) 2719 2919 2119 2319 330,000 20 c202(1 )334m1r5c(2 ) ck15br334m ckr15br334m(2 ) 2720 2920 2120 2320 50 volt ?c202 size (military?k15 or ckr15) 470,000 10 c202(1 )474k5r5c(2 ) ck15br474k ckr15br474k(2 ) 2721 2921 2121 2321 470,000 20 c202(1 )474m5r5c(2 ) ck15br474m ckr15br474m(2 ) 2722 2922 2122 2322 680,000 10 c202t684k5r5c(2 ) ckr15br684k(2 ) 2723 2923 2123 2323 680,000 20 c202t684m5r5c(2 ) ckr15br684m(2 ) 2724 2924 2124 2324 1,000,000 10 c202(1 )105k5r5c(2 ) ck15br105k ckr15br105k(2 ) 2725 2925 2125 2325 1,000,000 20 c202(1 )105m5r5c(2 ) ck15br105m ckr15br105m(2 ) 2726 2926 2126 2326 100 volt ?c222 size (military?k16 or ckr16) 470,000 10 c222(1 )474k1r5c(2 ) ck16br474k ckr16br474k(2 ) 2727 2927 2127 2327 470,000 20 c222(1 )474m1r5c(2 ) ck16br474m ckr16br474m(2 ) 2728 2928 2128 2328 680,000 10 c222t684k1r5c(2 ) ckr16br684k(2 ) 2729 2929 2129 2329 680,000 20 c222t684m1r5c(2 ) ckr16br684m(2 ) 2730 2930 2130 2330 1,000,000 10 c222(1 )105k1r5c(2 ) ck16br105k ckr16br105k(2 ) 2731 2931 2131 2331 1,000,000 20 c222(1 )105m1r5c(2 ) ck16br105m ckr16br105m(2 ) 2732 2932 2132 2332 50 volt ?c222 size (military?k16 or ckr16) 2,200,000 10 c222(1 )225k5r5c(2 ) ck16br225k ckr16br225k(2 ) 2733 2933 2133 2333 2,200,000 20 c222(1 )225m5r5c(2 ) ck16br225m ckr16br225m(2 ) 2734 2934 2134 2334 3,300,000 10 c222(1 )335k5r5c(2 ) ck16br335m ckr16br335k(2 ) 2735 2935 2135 2335 3,300,000 20 c222(1 )335m5r5c(2 ) ck16br335m ckr16br335m(2 ) 2736 2936 2136 2336 (1) insert proper letter for specification: k ?mil-c-11015; t ?mil-prf-39014 (2) failure rate designator: a ?not applicab le (mil-c-11015); m ?1%/1000 hours, p ?.1%/1000 hours, r ?.01%/1000 hours, s ?.001%/1000 hours (mil-prf-39014)
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 37 ceramic molded/radial ?mil-c-11015 & mil-prf-39014 stable temperature characteristics?x & br (eia-x7r) mil-c-11015 mil-prf-39014 ratings & part number reference cap. tol. kemet mil-prf-39014/01 for failure rate levels (2) pf % part number mil-c-11015/18 mil-prf-39014/01 mp r s 200 volt ?c052/c056 size (military?k05 or ckr05) 10 10 c05(4 )(1 )100k2x5c(2 ) ck05bx100k ckr05bx100k(2 )(3 ) 1201(3 ) 1241(3 ) 1281(3 ) 1321(3 ) 10 20 c05(4 )(1 )100m2x5c(2 ) ck05bx100m ckr05bx100m(2 )(3 ) 1202(3 ) 1242(3 ) 1282(3 ) 1322(3 ) 12 10 c05(4 )(1 )120k2x5c(2 ) ck05bx120k ckr05bx120k(2 )(3 ) 1203(3 ) 1243(3 ) 1283(3 ) 1323(3 ) 15 10 c05(4 )(1 )150k2x5c(2 ) ck05bx150k ckr05bx150k(2 )(3 ) 1204(3 ) 1244(3 ) 1284(3 ) 1324(3 ) 15 20 c05(4 )(1 )150m2x5c(2 ) ck05bx150m ckr05bx150m(2 )(3 ) 1205(3 ) 1245(3 ) 1285(3 ) 1325(3 ) 18 10 c05(4 )(1 )180k2x5c(2 ) ck05bx180k ckr05bx180k(2 )(3 ) 1206(3 ) 1246(3 ) 1286(3 ) 1326(3 ) 22 10 c05(4 )(1 )220k2x5c(2 ) ck05bx220k ckr05bx220k(2 )(3 ) 1207(3 ) 1247(3 ) 1287(3 ) 1327(3 ) 22 20 c05(4 )(1 )220m2x5c(2 ) ck05bx220m ckr05bx220m(2 )(3 ) 1208(3 ) 1248(3 ) 1288(3 ) 1328(3 ) 27 10 c05(4 )(1 )270k2x5c(2 ) ck05bx270k ckr05bx270k(2 )(3 ) 1209(3 ) 1249(3 ) 1289(3 ) 1329(3 ) 33 10 c05(4 )(1 )330k2x5c(2 ) ck05bx330k ckr05bx330k(2 )(3 ) 1210(3 ) 1250(3 ) 1290(3 ) 1330(3 ) 33 20 c05(4 )(1 )330m2x5c(2 ) ck05bx330m ckr05bx330m(2 )(3 ) 1211(3 ) 1251(3 ) 1291(3 ) 1331(3 ) 39 10 c05(4 )(1 )390k2x5c(2 ) ck05bx390k ckr05bx390k(2 )(3 ) 1212(3 ) 1252(3 ) 1292(3 ) 1332(3 ) 47 10 c05(4 )(1 )470k2x5c(2 ) ck05bx470k ckr05bx470k(2 )(3 ) 1213(3 ) 1253(3 ) 1293(3 ) 1333(3 ) 47 20 c05(4 )(1 )470m2x5c(2 ) ck05bx470m ckr05bx470m(2 )(3 ) 1214(3 ) 1254(3 ) 1294(3 ) 1334(3 ) 56 10 c05(4 )(1 )560k2x5c(2 ) ck05bx560k ckr05bx560k(2 )(3 ) 1215(3 ) 1255(3 ) 1295(3 ) 1335(3 ) 68 10 c05(4 )(1 )680k2x5c(2 ) ck05bx680k ckr05bx680k(2 )(3 ) 1216(3 ) 1256(3 ) 1296(3 ) 1336(3 ) 68 20 c05(4 )(1 )680m2x5c(2 ) ck05bx680m ckr05bx680m(2 )(3 ) 1217(3 ) 1257(3 ) 1297(3 ) 1337(3 ) 82 10 c05(4 )(1 )820k2x5c(2 ) ck05bx820k ckr05bx820k(2 )(3 ) 1218(3 ) 1258(3 ) 1298(3 ) 1338(3 ) 100 10 c05(4 )(1 )101k2x5c(2 ) ck05bx101k ckr05bx101k(2 )(3 ) 1219(3 ) 1259(3 ) 1299(3 ) 1339(3 ) 100 20 c05(4 )(1 )101m2x5c(2 ) ck05bx101m ckr05bx101m(2 )(3 ) 1220(3 ) 1260(3 ) 1300(3 ) 1340(3 ) 120 10 c05(4 )(1 )121k2x5c(2 ) ck05bx121k ckr05bx121k(2 )(3 ) 1221(3 ) 1261(3 ) 1301(3 ) 1341(3 ) 150 10 c05(4 )(1 )151k2x5c(2 ) ck05bx151k ckr05bx151k(2 )(3 ) 1222(3 ) 1262(3 ) 1302(3 ) 1342(3 ) 150 20 c05(4 )(1 )151m2x5c(2 ) ck05bx151m ckr05bx151m(2 )(3 ) 1223(3 ) 1263(3 ) 1303(3 ) 1343(3 ) 180 10 c05(4 )(1 )181k2x5c(2 ) ck05bx181k ckr05bx181k(2 )(3 ) 1224(3 ) 1264(3 ) 1304(3 ) 1344(3 ) 220 10 c05(4 )(1 )221k2x5c(2 ) ck05bx221k ckr05bx221k(2 )(3 ) 1225(3 ) 1265(3 ) 1305(3 ) 1345(3 ) 220 20 c05(4 )(1 )221m2x5c(2 ) ck05bx221m ckr05bx221m(2 )(3 ) 1226(3 ) 1266(3 ) 1306(3 ) 1346(3 ) 270 10 c05(4 )(1 )271k2x5c(2 ) ck05bx271k ckr05bx271k(2 )(3 ) 1227(3 ) 1267(3 ) 1307(3 ) 1347(3 ) 330 10 c05(4 )(1 )331k2x5c(2 ) ck05bx331k ckr05bx331k(2 )(3 ) 1228(3 ) 1268(3 ) 1308(3 ) 1348(3 ) 330 20 c05(4 )(1 )331m2x5c(2 ) ck05bx331m ckr05bx331m(2 )(3 ) 1229(3 ) 1269(3 ) 1309(3 ) 1349(3 ) 390 10 c05(4 )(1 )391k2x5c(2 ) ck05bx391k ckr05bx391k(2 )(3 ) 1230(3 ) 1270(3 ) 1310(3 ) 1350(3 ) 470 10 c05(4 )(1 )471k2x5c(2 ) ck05bx471k ckr05bx471k(2 )(3 ) 1231(3 ) 1271(3 ) 1311(3 ) 1351(3 ) 470 20 c05(4 )(1 )471m2x5c(2 ) ck05bx471m ckr05bx471m(2 )(3 ) 1232(3 ) 1272(3 ) 1312(3 ) 1352(3 ) 560 10 c05(4 )(1 )561k2x5c(2 ) ck05bx561k ckr05bx561k(2 )(3 ) 1233(3 ) 1273(3 ) 1313(3 ) 1353(3 ) 680 10 c05(4 )(1 )681k2x5c(2 ) ck05bx681k ckr05bx681k(2 )(3 ) 1234(3 ) 1274(3 ) 1314(3 ) 1354(3 ) 680 20 c05(4 )(1 )681m2x5c(2 ) ck05bx681m ckr05bx681m(2 )(3 ) 1235(3 ) 1275(3 ) 1315(3 ) 1355(3 ) 820 10 c05(4 )(1 )821k2x5c(2 ) ck05bx821k ckr05bx821k(2 )(3 ) 1236(3 ) 1276(3 ) 1316(3 ) 1356(3 ) 1,000 10 c05(4 )(1 )102k2x5c(2 ) ck05bx102k ckr05bx102k(2 )(3 ) 1237(3 ) 1277(3 ) 1317(3 ) 1357(3 ) 1,000 20 c05(4 )(1 )102m2x5c(2 ) ck05bx102m ckr05bx102m(2 )(3 ) 1238(3 ) 1278(3 ) 1318(3 ) 1358(3 ) 100 volt ?c052/c056 size (military?k05 or ckr05) 1,200 10 c05(4 )(1 )122k1x5c(2 ) ck05bx122k ckr05bx122k(2 )(3 ) 1239(3 ) 1279(3 ) 1319(3 ) 1359(3 ) 1,500 10 c05(4 )(1 )152k1x5c(2 ) ck05bx152k ckr05bx152k(2 )(3 ) 1240(3 ) 1280(3 ) 1320(3 ) 1360(3 ) 1,500 20 c05(4 )(1 )152m1x5c(2 ) ck05bx152m ckr05bx152m(2 )(3 ) 1441(3 ) 1481(3 ) 1521(3 ) 1561(3 ) 1,800 10 c05(4 )(1 )182k1x5c(2 ) ck05bx182k ckr05bx182k(2 )(3 ) 1442(3 ) 1482(3 ) 1522(3 ) 1562(3 ) 2,200 10 c05(4 )(1 )222k1x5c(2 ) ck05bx222k ckr05bx222k(2 )(3 ) 1443(3 ) 1483(3 ) 1523(3 ) 1563(3 ) 2,200 20 c05(4 )(1 )222m1x5c(2 ) ck05bx222m ckr05bx222m(2 )(3 ) 1444(3 ) 1484(3 ) 1524(3 ) 1564(3 ) 2,700 10 c05(4 )(1 )272k1x5c(2 ) ck05bx272k ckr05bx272k(2 )(3 ) 1445(3 ) 1485(3 ) 1525(3 ) 1565(3 ) 3,300 10 c05(4 )(1 )332k1x5c(2 ) ck05bx332k ckr05bx332k(2 )(3 ) 1446(3 ) 1486(3 ) 1526(3 ) 1566(3 ) 3,300 20 c05(4 )(1 )332m1x5c(2 ) ck05bx332m ckr05bx332m(2 )(3 ) 1447(3 ) 1487(3 ) 1527(3 ) 1567(3 ) 3,900 10 c05(4 )(1 )392k1x5c(2 ) ck05bx392k ckr05bx392k(2 )(3 ) 1448(3 ) 1488(3 ) 1528(3 ) 1568(3 ) 4,700 10 c05(4 )(1 )472k1x5c(2 ) ck05bx472k ckr05bx472k(2 )(3 ) 1449(3 ) 1489(3 ) 1529(3 ) 1569(3 ) 4,700 20 c05(4 )(1 )472m1x5c(2 ) ck05bx472m ckr05bx472m(2 )(3 ) 1450(3 ) 1490(3 ) 1530(3 ) 1570(3 ) 5,600 10 c05(4 )(1 )562k1x5c(2 ) ck05bx562k ckr05bx562k(2 )(3 ) 1451(3 ) 1491(3 ) 1531(3 ) 1571(3 ) 6,800 10 c05(4 )(1 )682k1x5c(2 ) ck05bx682k ckr05bx682k(2 )(3 ) 1452(3 ) 1492(3 ) 1532(3 ) 1572(3 ) 6,800 20 c05(4 )(1 )682m1x5c(2 ) ck05bx682m ckr05bx682m(2 )(3 ) 1453(3 ) 1493(3 ) 1533(3 ) 1573(3 ) 8,200 10 c05(4 )(1 )822k1x5c(2 ) ck05bx822k ckr05bx822k(2 )(3 ) 1454(3 ) 1494(3 ) 1534(3 ) 1574(3 ) 10,000 10 c05(4 )(1 )103k1x5c(2 ) ck05bx103k ckr05bx103k(2 )(3 ) 1455(3 ) 1495(3 ) 1535(3 ) 1575(3 ) 10,000 20 c05(4 )(1 )103m1x5c(2 ) ck05bx103m ckr05bx103m(2 )(3 ) 1456(3 ) 1496(3 ) 1536(3 ) 1576(3 ) 50 volt ?c052/c056 size (military?k05 or ckr05) 12,000 10 c05(4 )(1 )123k5x5c(2 ) ck05bx123k ckr05bx123k(2 )(3 ) 1457(3 ) 1497(3 ) 1537(3 ) 1577(3 ) 15,000 10 c05(4 )(1 )153k5x5c(2 ) ck05bx153k ckr05bx153k(2 )(3 ) 1458(3 ) 1498(3 ) 1538(3 ) 1578(3 ) 15,000 20 c05(4 )(1 )153m5x5c(2 ) ck05bx153m ckr05bx153m(2 )(3 ) 1459(3 ) 1499(3 ) 1539(3 ) 1579(3 ) 18,000 10 c05(4 )(1 )183k5x5c(2 ) ck05bx183k ckr05bx183k(2 )(3 ) 1460(3 ) 1500(3 ) 1540(3 ) 1580(3 ) 22,000 10 c05(4 )(1 )223k5x5c(2 ) ck05bx223k ckr05bx223k(2 )(3 ) 1461(3 ) 1501(3 ) 1541(3 ) 1581(3 ) 22,000 20 c05(4 )(1 )223m5x5c(2 ) ck05bx223m ckr05bx223m(2 )(3 ) 1462(3 ) 1502(3 ) 1542(3 ) 1582(3 ) 27,000 10 c05(4 )(1 )273k5x5c(2 ) ck05bx273k ckr05bx273k(2 )(3 ) 1463(3 ) 1503(3 ) 1543(3 ) 1583(3 ) 33,000 10 c05(4 )(1 )333k5x5c(2 ) ck05bx333k ckr05bx333k(2 )(3 ) 1464(3 ) 1504(3 ) 1544(3 ) 1584(3 ) 33,000 20 c05(4 )(1 )333m5x5c(2 ) ck05bx333m ckr05bx333m(2 )(3 ) 1465(3 ) 1505(3 ) 1545(3 ) 1585(3 ) 39,000 10 c05(4 )(1 )393k5x5c(2 ) ck05bx393k ckr05bx393k(2 )(3 ) 1466(3 ) 1506(3 ) 1546(3 ) 1586(3 ) 47,000 10 c05(4 )(1 )473k5x5c(2 ) ck05bx473k ckr05bx473k(2 )(3 ) 1467(3 ) 1507(3 ) 1547(3 ) 1587(3 ) 47,000 20 c05(4 )(1 )473m5x5c(2 ) ck05bx473m ckr05bx473m(2 )(3 ) 1468(3 ) 1508(3 ) 1548(3 ) 1588(3 ) 56,000 10 c05(4 )(1 )563k5x5c(2 ) ck05bx563k ckr05bx563k(2 )(3 ) 1469(3 ) 1509(3 ) 1549(3 ) 1589(3 ) 68,000 10 c05(4 )(1 )683k5x5c(2 ) ck05bx683k ckr05bx683k(2 )(3 ) 1470(3 ) 1510(3 ) 1550(3 ) 1590(3 ) 68,000 20 c05(4 )(1 )683m5x5c(2 ) ck05bx683m ckr05bx683m(2 )(3 ) 1471(3 ) 1511(3 ) 1551(3 ) 1591(3 ) 82,000 10 c05(4 )(1 )823k5x5c(2 ) ck05bx823k ckr05bx823k(2 )(3 ) 1472(3 ) 1512(3 ) 1552(3 ) 1592(3 ) 100,000 10 c05(4 )(1 )104k5x5c(2 ) ck05bx104k ckr05bx104k(2 )(3 ) 1473(3 ) 1513(3 ) 1553(3 ) 1593(3 ) 100,000 20 c05(4 )(1 )104m5x5c(2 ) ck05bx104m ckr05bx104m(2 )(3 ) 1474(3 ) 1514(3 ) 1554(3 ) 1594(3 ) (1) insert proper letter for specification: k ?mil-c-11015; t ?mil-prf-39014 (2) failure rate designator: a ?not applicabl e (mil-c-11015); m ?1%/1000 hours, p ?.1%/1000 hours, r ?.01%/1000 hours, s ?.001%/1000 hours (mil-prf-39014) (3) insert ??for standard design (c056). leave blank for the flat bottom design (c052). (4) insert ??for standard design (style c052) note: stand-offs are available only insert ??for stand-off design (style c056) with the ckr, not the ck. }
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 ceramic molded/radial ?mil-c-11015 & mil-prf-39014 stable temperature characteristics?x & br (eia-x7r) 38 ratings & part number reference cap. tol. kemet mil-prf-39014/02 for failure rate levels (2) pf % part number mil-c-11015/19 mil-prf-39014/02 mp r s 200 volt ?c062/c066 size (military?k06 or ckr06) 1,200 10 c06(4 )(1 )122k2x5c(2 ) ck06bx122k ckr06bx122k(2 )(3 ) 1201(3 ) 1241(3 ) 1281(3 ) 1321(3 ) 1,500 10 c06(4 )(1 )152k2x5c(2 ) ck06bx152k ckr06bx152k(2 )(3 ) 1202(3 ) 1242(3 ) 1282(3 ) 1322(3 ) 1,500 20 c06(4 )(1 )152m2x5c(2 ) ck06bx152m ckr06bx152m(2 )(3 ) 1203(3 ) 1243(3 ) 1283(3 ) 1323(3 ) 1,800 10 c06(4 )(1 )182k2x5c(2 ) ck06bx182k ckr06bx182k(2 )(3 ) 1204(3 ) 1244(3 ) 1284(3 ) 1324(3 ) 2,200 10 c06(4 )(1 )222k2x5c(2 ) ck06bx222k ckr06bx222k(2 )(3 ) 1206(3 ) 1246(3 ) 1286(3 ) 1326(3 ) 2,200 20 c06(4 )(1 )222m2x5c(2 ) ck06bx222m ckr06bx222m(2 )(3 ) 1207(3 ) 1247(3 ) 1287(3 ) 1327(3 ) 2,700 10 c06(4 )(1 )272k2x5c(2 ) ck06bx272k ckr06bx272k(2 )(3 ) 1208(3 ) 1248(3 ) 1288(3 ) 1328(3 ) 3,300 10 c06(4 )(1 )332k2x5c(2 ) ck06bx332k ckr06bx332k(2 )(3 ) 1209(3 ) 1249(3 ) 1289(3 ) 1329(3 ) 3,300 20 c06(4 )(1 )332m2x5c(2 ) ck06bx332m ckr06bx332m(2 )(3 ) 1210(3 ) 1250(3 ) 1290(3 ) 1330(3 ) 3,900 10 c06(4 )(1 )392k2x5c(2 ) ck06bx392k ckr06bx392k(2 )(3 ) 1211(3 ) 1251(3 ) 1291(3 ) 1331(3 ) 4,700 10 c06(4 )(1 )472k2x5c(2 ) ck06bx472k ckr06bx472k(2 )(3 ) 1212(3 ) 1252(3 ) 1292(3 ) 1332(3 ) 4,700 20 c06(4 )(1 )472m2x5c(2 ) ck06bx472m ckr06bx472m(2 )(3 ) 1213(3 ) 1253(3 ) 1293(3 ) 1333(3 ) 5,600 10 c06(4 )(1 )562k2x5c(2 ) ck06bx562k ckr06bx562k(2 )(3 ) 1214(3 ) 1254(3 ) 1294(3 ) 1334(3 ) 6,800 10 c06(4 )(1 )682k2x5c(2 ) ck06bx682k ckr06bx682k(2 )(3 ) 1215(3 ) 1255(3 ) 1295(3 ) 1335(3 ) 6,800 20 c06(4 )(1 )682m2x5c(2 ) ck06bx682m ckr06bx682m(2 )(3 ) 1216(3 ) 1256(3 ) 1296(3 ) 1336(3 ) 8,200 10 c06(4 )(1 )822k2x5c(2 ) ck06bx822k ckr06bx822k(2 )(3 ) 1217(3 ) 1257(3 ) 1297(3 ) 1337(3 ) 10,000 10 c06(4 )(1 )103k2x5c(2 ) ck06bx103k ckr06bx103k(2 )(3 ) 1218(3 ) 1258(3 ) 1298(3 ) 1338(3 ) 10,000 20 c06(4 )(1 )103m2x5c(2 ) ck06bx103m ckr06bx103m(2 )(3 ) 1219(3 ) 1259(3 ) 1299(3 ) 1339(3 ) 100 volt ?c062/c066 size (military?k06 or ckr06) 12,000 10 c06(4 )(1 )123k1x5c(2 ) ck06bx123k ckr06bx123k(2 )(3 ) 1231(3 ) 1271(3 ) 1311(3 ) 1351(3 ) 15,000 10 c06(4 )(1 )153k1x5c(2 ) ck06bx153k ckr06bx153k(2 )(3 ) 1220(3 ) 1260(3 ) 1300(3 ) 1340(3 ) 15,000 20 c062k153m1x5ca ck06bx153m 18,000 10 c06(4 )(1 )183k1x5c(2 ) ck06bx183k ckr06bx183k(2 )(3 ) 1221(3 ) 1261(3 ) 1301(3 ) 1341(3 ) 22,000 10 c06(4 )(1 )223k1x5c(2 ) ck06bx223k ckr06bx223k(2 )(3 ) 1222(3 ) 1262(3 ) 1302(3 ) 1342(3 ) 22,000 20 c062k223m1x5ca ck06bx223m 27,000 10 c06(4 )(1 )273k1x5c(2 ) ck06bx273k ckr06bx273k(2 )(3 ) 1232(3 ) 1272(3 ) 1312(3 ) 1352(3 ) 33,000 10 c06(4 )(1 )333k1x5c(2 ) ck06bx333k ckr06bx333k(2 )(3 ) 1223(3 ) 1263(3 ) 1303(3 ) 1343(3 ) 33,000 20 c062k333m1x5ca ck06bx333m 39,000 10 c06(4 )(1 )393k1x5c(2 ) ck06bx393k ckr06bx393k(2 )(3 ) 1224(3 ) 1264(3 ) 1304(3 ) 1344(3 ) 47,000 10 c06(4 )(1 )473k1x5c(2 ) ck06bx473k ckr06bx473k(2 )(3 ) 1225(3 ) 1265(3 ) 1305(3 ) 1345(3 ) 47,000 20 c062k473m1x5ca ck06bx473m 56,000 10 c06(4 )(1 )563k1x5c(2 ) ck06bx563k ckr06bx563k(2 )(3 ) 1226(3 ) 1266(3 ) 1306(3 ) 1346(3 ) 68,000 10 c06(4 )(1 )683k1x5c(2 ) ck06bx683k ckr06bx683k(2 )(3 ) 1227(3 ) 1267(3 ) 1307(3 ) 1347(3 ) 68,000 20 c062k683m1x5ca ck06bx683m 82,000 10 c06(4 )(1 )823k1x5c(2 ) ck06bx823k ckr06bx823k(2 )(3 ) 1229(3 ) 1269(3 ) 1309(3 ) 1349(3 ) 100,000 10 c06(4 )(1 )104k1x5c(2 ) ck06bx104k ckr06bx104k(2 )(3 ) 1230(3 ) 1270(3 ) 1310(3 ) 1350(3 ) 100,000 20 c062k104m1x5ca ck06bx104m 50 volt ?c062/c066 size (military?k06 or ckr06) 120,000 10 c06(4 )(1 )124k5x5c(2 ) ck06bx124k ckr06bx124k(2 )(3 ) 1233(3 ) 1273(3 ) 1313(3 ) 1353(3 ) 150,000 10 c06(4 )(1 )154k5x5c(2 ) ck06bx154k ckr06bx154k(2 )(3 ) 1234(3 ) 1274(3 ) 1314(3 ) 1354(3 ) 150,000 20 c062k154m5x5ca ck06bx154m 180,000 10 c06(4 )(1 )184k5x5c(2 ) ck06bx184k ckr06bx184k(2 )(3 ) 1235(3 ) 1275(3 ) 1315(3 ) 1355(3 ) 220,000 10 c06(4 )(1 )224k5x5c(2 ) ck06bx224k ckr06bx224k(2 )(3 ) 1236(3 ) 1276(3 ) 1316(3 ) 1356(3 ) 220,000 20 c062k224m5x5ca ck06bx224m 270,000 10 c06(4 )(1 )274k5x5c(2 ) ck06bx274k ckr06bx274k(2 )(3 ) 1237(3 ) 1277(3 ) 1317(3 ) 1357(3 ) 330,000 10 c06(4 )(1 )334k5x5c(2 ) ck06bx334k ckr06bx334k(2 )(3 ) 1238(3 ) 1278(3 ) 1318(3 ) 1358(3 ) 330,000 20 c062k334m5x5ca ck06bx334m 390,000 10 c06(4 )(1 )394k5x5c(2 ) ck06bx394k ckr06bx394k(2 )(3 ) 1239(3 ) 1279(3 ) 1319(3 ) 1359(3 ) 470,000 10 c06(4 )(1 )474k5x5c(2 ) ck06bx474k ckr06bx474k(2 )(3 ) 1240(3 ) 1280(3 ) 1320(3 ) 1360(3 ) 470,000 20 c062k474m5x5ca ck06bx474m 560,000 10 c06(4 )(1 )564k5x5c(2 ) ck06bx564k ckr06bx564k(2 )(3 ) 1404(3 ) 1408(3 ) 1412(3 ) 1416(3 ) 680,000 10 c06(4 )(1 )684k5x5c(2 ) ck06bx684k ckr06bx684k(2 )(3 ) 1405(3 ) 1409(3 ) 1413(3 ) 1417(3 ) 680,000 20 c062k684m5x5ca ck06bx684m 820,000 10 c06(4 )(1 )824k5x5c(2 ) ck06bx824k ckr06bx824k(2 )(3 ) 1406(3 ) 1410(3 ) 1414(3 ) 1418(3 ) 1,000,000 10 c06(4 )(1 )105k5x5c(2 ) ck06bx105k ckr06bx105k(2 )(3 ) 1407(3 ) 1411(3 ) 1415(3 ) 1419(3 ) 1,000,000 20 c062k105m5x5ca ck06bx105m (1) insert proper letter for specification: k ?mil-c-11015; t ?mil-prf-39014. (2) failure rate designator: a ?not applicable (mil-c-11015); m ?1%/1000 hours, p ?.1%/1000 hours, r ?.01%/1000 hours, s ? .001%/1000 hours (mil-prf-39014) (3) add ??for stand-off design (c066). leave blank for the flat bottom design (c062). (4) insert ??for standard design (style c062). insert ??for stand-off design (style c066). note: stand-offs are available on ly with the ckr, not the ck.
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 39 ceramic leaded packaging information tape and reel packaging kemet kemet adhesive tape adhesive tape kraft paper interleaving figure 1 figure 2 3 1 / 4 " (82.6) .655" 0.010" (16.6 0.25) 10.5" - 14" (26.67 - 35.56cm) .059" to .315" greater than component length * hub 1 / 8 " (3.18) figure 3 see table 1 (b) .250" nom. (6.35) * .047" max (1.20) see table 1 (a) ceramic axial lead tape and reel packaging kemet offers standard reeling of molded and conformally coated axial leaded ceramic capacitors for automatic insertion or lead forming machines per eia specification rs-296. kemet s internal specification four-digit suffix, 7200, is placed at the end of the part number to designate tape and reel packaging, ie: c410c104z5u5ca7200. paper (50 lb.) test minimum is inserted between the layers of capacitors wound on reels for component pitch 0.400". capacitor lead length may extend only a maximum of .0625" (1.59mm) beyond the tapes' edges. capacitors are centered in a row between the two tapes and will deviate only 0.031 (0.79mm) from the row center. a minimum of 36" (91.5 cm) leader tape is provided at each end of the reel capacitors. universal splicing clips are used to connect the tape. standard reel quantities are shown on page 41. dimensions in inches & (millimeters) * not available for conformally coated parts. component body diameter component pitch "a" inside tape spacing "b" 1.5mm (0.059") 0.020" or ( 0.5mm) i iii* 0" (0mm) to 0.197" (5mm) 0.197" (5.01mm) to 0.394: (10mm) 0.197" or (5mm) 0.394" or (10mm) 2.062" (52.4mm) 2.874" (73mm) table 1
ceramic leaded packaging information ? kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 40 ceramic radial t ape and reel dimensions in millimeters & (inches) figure 3: standard reel figure 1 3 1 / 4 " (82.6) .655"  0.010" (16.6  0.25) 12" (30.48 cm ) .059" to .315" greater than over all height of taped component s * hub 1 / 8 " (3.18) ceramic radial lead tape and reel packaging kemet offers standard reeling of molded and conformally coated radial leaded ceramic capacitors for automatic insertion per eia specification rs-468. parts are taped to a tagboard carrier strip, and wound on a reel as shown in figure 1. kraft paper interleaving is inserted between the layers of capacitors on the reel. ammopack is also available, with the same lead tape configuration and package quantities. kemet kemet kraft paper interleaving carrier tape carrier strip adhesive t ape * lead spacings are 2.54mm (.10") center-to-center. ** lead spacings are 5.08mm (.20") center-to-center. c317** c322** c323** c333** p 2 h w 0 w 2 w 2 p 0 t h 1 l 1 d 0 c315* c320* ck05** ckr05** c052** c056** c066** ck06** ckr06** c062** c330** c340** p 1mm max. (.039") tape carrier  h p1 f figure 2: lead tape configuration (see table below) w h 0 sprocket hole diameter sprocket hole pitch component pitch lead spacing (1) sprocket hole center to lead center (1) sprocket hole center to component center height to seating plane (straight leads) (2) component height above tape center dimension symbol nominal mm (inch) tolerance mm (inch) dimension symbol nominal mm (inch) tolerance mm (inch) height to seating plane (formed leads) (2) component alignment lead protrusion composite tape thickness overall tape and lead thickness carrier tape width hold-down tape width hold-down tape location do p0 p f p1 p2 h h1  0.2 (.008)  0.3 (.012)  0.3 (.012) +0.6 -0.2 (+.024 -.008)  0.7 (.028)  1.3 (.051) 7301 7303  0.5 (.020) minimum maximum 7301 7303 16.0 (.630) 18.0 (.709) 4.0 (.157) 1.0 (.039) 0.7 (.051) 1.5 (.059) 18.0 (.709) 5.0 (.197) 3.0 (.118) h 0  h l1 t t w w0 w2 7301 7303  0.5 (.020) minimum  0.2 (.008) maximum  0.2 (.008) maximum +1.0 - 0.5 (+.039 -.020) minimum maximum (1) measured at the egress from the carrier tape, on the component side. (2) determined by a 4 digit suffix placed at the end of the part number, as follows: 7301 = 7303 = 4.0 (.157) 12.7 (.500) 12.7 (.500) 5.08 2.54 (.20) (.10) 3.81 5.08 (.150) (.200) 6.35 (.250) 7301 7303 16.0 (.630) 18.0 (.709) 32.2 (1.27) recommended for parts with formed leads. recommended for parts with straight leads. example: c322c104k5r5ca7301 example: c320c104k5r5ca7303 (note: non-standard lead lengths available in bulk only.) c6xx# c6xx# # see page 15 for exact lead configuration for series.
? kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 41 ceramic leaded packaging information tape and reel packaging kemet series military style military specification standard (1) bulk quantity ammo pack quantity maximum maximum reel quantity reel size c114c-k-g ck12, cc75 mil-c-11015/ 200/box 5000 12" c124c-k-g ck13, cc76 mil-prf-20 200/box 5000 12" c192c-k-g ck14, cc77 100/box 3000 12" c202c-k ck15 25/box 500 12" c222c-k ck16 10/tray 300 12" c052c-k-g ck05, cc05 100/bag 2000 2000 12" c062c-k-g ck06, cc06 100/bag 1500 1500 12" c114g ccr75 mil-prf-20 200/box 5000 12" c124g ccr76 200/box 5000 12" c192g ccr77 100/box 3000 12" c202g cc78-ccr78 25/box 500 12" c222g cc79-ccr79 10/tray 300 12" c052/56g ccr05 100/bag 1700 12" c062/66g ccr06 100/bag 1500 12" c512g cc07-ccr07 footnote (2) n/a n/a c522g cc08-ccr08 footnote (2) n/a n/a c114t ckr11 mil-prf-39014 200/box 5000 12" c124t ckr12 200/box 5000 12" c192t ckr14 100/box 3000 12" c202t ckr15 25/box 500 12" c222t ckr16 10/tray 300 12" c052/56t ckr05 100/bag 1700 12" c062/66t ckr06 100/bag 1500 12" c31x 500/bag 2500 2500 12" c32x 500/bag 2500 2500 12" c33x 250/bag 1500 1500 12" c340 100/bag 1000 1000 12" c350 50/bag n/a n/a n/a c410 300/box 4000 5000 12" c412 200/box 4000 5000 12" c420 300/box 4000 5000 12" c430 200/box 2000 2500 12" c440 200/box 2000 2500 12" c512 n/a n/a footnote (2) n/a n/a c522 n/a n/a footnote (2) n/a n/a c617 500/bag c622/c623 500/bag c627/c628 500/bag c630/c631 250/bag c637/c638 250/bag c640/c641 100/bag c642/c643 100/bag c647/c648 100/bag c657/c658 50/bag c667/c668 50/bag ceramic packaging note: (1) standard packaging refers to number of pieces per bag, tray or vial. (2) quantity varies. for further details, please consult the factory.


▲Up To Search▲   

 
Price & Availability of CK12BX390K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X