Part Number Hot Search : 
FX510 SM3P2 1S205Q D82C43C ENA1511A N60CT BU4325G BU4325G
Product Description
Full Text Search
 

To Download CDNBS16-PLC05-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CDNBS16-PLC05-6 C low capacitance tvs diode array features rohs compliant* esd protection >40k v protects 2 lines low capacitance - 15 pf applications t1/e1 ports ethernet ports wireless lans xdsl equipment general information the CDNBS16-PLC05-6 device provides esd, eft and surge protection for external ports meeting iec 61000-4-2 (esd), iec 61000-4-4 (eft) and iec 61000-4-5 (surge) requirements. the transient voltage suppressor offers a choice of working peak reverse voltage of 5 v and minimum breakdown voltage of 6 v. the device is available in a jedec so-16 package and intended to be mounted directly onto an fr4 printed circuit board. 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 *rohs compliant *rohs directive 2002/95/ec jan 27 2003 including annex. specifications are subject to change without notice. customers should verify actual device performance in their specific applications. absolute maximum ratings (@ t a = 25 c unless otherwise noted) electrical characteristics (@ t a = 25 c unless otherwise noted) notes: 1. see peak pulse power vs. pulse time. parameter symbol value unit peak pulse power (t p = 8/20 s) p pk 3600 w peak pulse power (t p = 10/1000 s) note 1 p pk 600 w storage temperature t stg -55 ?c to 150 ?c ?c operating temperature t opr -55 ?c to 150 ?c ?c parameter symbol value unit minimum breakdown voltage @ 1 ma v br 6v maximum working peak voltage v wm 5v maximum leakage current @ v wm = 5 v i d 300 a maximum clamping voltage @ i p = 5 a v c 9.6 v typical junction capacitance @ 0 v, 1 mhz c d 15 pf esd protection: per iec 61000-4-2 standard minimum contact discharge 8 kv minimum air discharge 15 kv eft protection: per iec61000-4-4 standard @ 5/50 ns 40 a surge protection: per iec 61000-4-5 standard @ 8/20 s l3 (line - ground) 95 a l4 (line - line) 48 a l1 (power) 83 a asia-pacific: tel: +886-2 2562-4117 ?fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 ?fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 ?fax: +1-951 781-5700 www.bourns.com obsolete
CDNBS16-PLC05-6 C low capacitance tvs diode array millimeters (inches) dimensions = 9.80 - 10.00 (0.386 - 0.393) 16 9 18 3.80 - 4.00 (0.150 - 0.157) 5.80 - 6.20 (0.229 - 0.244) 0.35 - 0.49 (0.014 - 0.019) 16 plcs. 0.10 - 0.25 (0.004 - 0.009) 0 - 7 r x 45 0.40 - 1.25 (0.016 - 0.049) 0.19 - 0.25 (0.008 - 0.009) 1.35 - 1.75 (0.054 - 0.068) 1.27 (0.05) 1.27 (0.050) typ. 6.22 (0.245) min. 0.76 0.13 (0.030 0.005) 4.06 0.13 (0.160 0.005) 1.14 0.13 (0.045 0.005) this is a molded jedec so-16 package with 100% sn plating on the terminations. it weighs approximately 150 mg and has a flammab ility rating of ul 94v-0. specifications are subject to change without notice. customers should verify actual device performance in their specific applications. recommended footprint how to order cd nbs16 - plc 05 - 6 common code chip diode package nbs16 = so-16 package model plc = special model working peak reverse voltage 05 = 5 v wm (volts) suffix 6 = 6 v minimum voltage breakdown product dimensions CDNBS16-PLC05-6...................................................... plc05-6 typical part marking obsolete
CDNBS16-PLC05-6 C low capacitance tvs diode array specifications are subject to change without notice. customers should verify actual device performance in their specific applications. performance graphs peak pulse power vs pulse time pulse wave form power derating curve esd pulse response 100 10 1 0.1 1 0.1 10 100 100,000 1,000 10,000 p pp C peak pulse power (kw) t d C pulse duration (s) esd test pulse: 25 kilovolt, 1/30 ns (waveshape) 0 20 40 60 80 100 0 25 50 75 100 125 150 % of rated power t l C lead temperature (c) 20 40 60 80 100 120 0 030 25 20 15 10 5 i pp C peak pulse current (% of i pp ) t C time (s) test waveform parameters t t = 8 s t d = 20 s 600 w, 10/1000 s waveform average power peak pulse power 8/20 s t t e t t d = t | i pp /2 40 30 20 10 0 -250.000 ns 0.000 ns 50.0 ns/div 250.000 ns real time 5 volts per division obsolete
CDNBS16-PLC05-6 C low capacitance tvs diode array specifications are subject to change without notice. customers should verify actual device performance in their specific applications. rev. 09/09 packaging specifications the product will be dispensed in tape and reel format (see diagram below). item symbol nsoic 16l carrier width a 6.7 0.10 (0.264 0.004) carrier length b 10.5 0.10 0.413 0.004 carrier depth c 2.10 0.10 0.083 0.004 sprocket hole d 1.55 0.05 (0.061 0.002) reel outside diameter d 330 (12.992) reel inner diameter d 1 80.0 (3.1500) min. feed hole diameter d 2 13.0 0.20 (0.512 0.008) sprocket hole position e 1.75 0.10 (0.069 0.004) punch hole position f 3.50 0.05 (0.138 0.002) punch hole pitch p 8.00 0.10 (0.315 0.004) sprocket hole pitch p 0 4.00 0.10 (0.157 0.004) embossment center p 1 2.00 0.05 (0.079 0.002) overall tape thickness t 0.20 0.10 (0.008 0.004) tape width w 16.00 0.20 (0.630 0.008) reel width w 1 18.4 (0.724) max. quantity per reel - 2500 ....... ....... ....... ....... ....... ....... ....... ....... p a f e t 120 d 2 d d 1 w 1 c index hole p 0 p 1 w b 10 pitches (min.) direction of feed 10 pitches (min.) end trailer device leader start d dimensions: mm (inches) devices are packed in accordance with eia standard rs-481-a. obsolete


▲Up To Search▲   

 
Price & Availability of CDNBS16-PLC05-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X