Part Number Hot Search : 
03953 TMJ9904 74C86 1645P STRRP 1N472 X24008 1EEB2
Product Description
Full Text Search
 

To Download AA1011SYC28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsae6088 rev no: v.7 date: feb/17/2005 page: 1 of 4 approved: j. lu checked: allen liu drawn: y.w.wang erp:1201001430 preliminary spec applications *traffic signaling *backlighting (illuminated advertising , general lighting) *interior and exterior automotive lighting *substitution of micro incandescent lamps *portable light source (e.g. bicycle flashlight) *signal and symbol luminaire for orientation *marker lights (e.g. steps, exit ways, etc) *decorative and entertainment lighting *indoor and outdoor commercial and residential architectural lighting notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. specifications are subject to change without notice . xpower part number : AA1011SYC28 super bright yellow patent pending features *p - lcc - 4 package. *single color. *high luminance. * high power,operating current @350ma. *suitable for all smt assembly methods. *package : 1000pcs / reel. *rohs compliant.
spec no: dsae6088 rev no: v.7 date: feb/17/2005 page: 2 of 4 approved: j. lu checked: allen liu drawn: y.w.wang erp:1201001430 selection guid e part no. dice lens type viewing angle [2] min. typ. 2 ? 1/2 AA1011SYC28 super bright yellow (ingaalp) water clear 14 19 30 luminous intensity iv(cd)@ 350 ma [1] parameter symbol unit power dissipation p t w reverse voltage v r v operating temperature top c storage temperature tstg c dc forward current[1] i f ma thermal resistance [1] r th c/w value 1.2 5 - 40 to +85 - 40 to +85 350 80 peak forward current [3] i fm 500 ma absolute maximum ratings at t a =25 c notes : 1.results from mounting on pc board fr4(pad size 100mm 2 per pad), mounted on pc board - metal core pcb is recommend for lowest thermal resistance . 2. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 3.1/10 duty cycle, 0.1ms pulse width. electrical / optical characteristics at t a =25 c parameter symbol value unit wavelength at peak emission i f =350ma [typ.] peak 590 nm dominant wavelength i f =350ma [typ.] dom 588 nm spectral bandwidth at 50% rel max i f =350ma [typ.] ? 20 nm viewing angle at 50% v [typ.] 30 reverse current (v r =5v) [typ.] i r 10 a temperature coefficient of peak i f =350ma, - 10 c  t  100 c [typ.] tc peak 0.15 nm / c temperature coefficient of dom i f =350ma, - 10 c  t  100 c [typ.] tc dom 0.13 nm / c temperature coefficient of v f i f =350ma, - 10 c  t  100 c [typ.] tc v - 2.0 mv / c forward voltage i f =350ma [typ.] v f 2.5 v
spec no: dsae6088 rev no: v.7 date: feb/17/2005 page: 3 of 4 approved: j. lu checked: allen liu drawn: y.w.wang erp:1201001430 AA1011SYC28
spec no: dsae6088 rev no: v.7 date: feb/17/2005 page: 4 of 4 approved: j. lu checked: allen liu drawn: y.w.wang erp:1201001430 AA1011SYC28 reel dimension tape specifications (units : mm ) recommended soldering pattern (units : mm )


▲Up To Search▲   

 
Price & Availability of AA1011SYC28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X