Part Number Hot Search : 
RL251G MMST5401 MBT440 MM1Z9B1H N5402 IRFIZ34V 74HC53 BSP20FB
Product Description
Full Text Search
 

To Download 85056-0048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  j-160 mx01 backplane connector systems j features and specifications 2.54mm (.100") pitch din 41612/iec 603-2 mixed layout connector 85056 female style m, inverse features and bene?s cavities for coaxial and high power inserts dual opposing beam contact board lock option flux proof option solder tails for 1.6mm (.062") and 2.4mm (.094") pcbs reference information product speci?ation: ps-85052-0001 packaging: tray ul file no.: e29179 csa file no.: lr19980-390 mates with: 85017 ?traight male style m ?nverse 85009 ?ight angle male style m use with: 85022 ?oaxial and high current/voltage contacts electrical current: 1.5a physical housing: glass-?led polyester, ul 94v-0 contact: copper alloy operating temperature: -55 to +125?c catalog drawing (for reference only) ordering information and dimensions for other versions contact molex * performance levels based on test conditions per din 41612, part 5: 1: >500 mating cycles. 10 day industrial environment (s02) 2: >400 mating cycles. 4 day industrial environment (s02) circuits order no. contact loading rows solder tail dimension p performance level* 12 24+8 85056-0282 85056-0000 full a, b, c 3.0 (.118) 85056-0012 3.4 (.133) 42+6 85056-0232 85056-0024 full a, b, c 3.0 (.118) 85056-0036 3.4 (.133) 60+4 85056-0115 85056-0048 full a, b, c 3.0 (.118) 85009-0050 3.4 (.133) 78+2 85056-0103 85056-0062 full a, b, c 3.0 (.118) 85056-0074 3.4 (.133)


▲Up To Search▲   

 
Price & Availability of 85056-0048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X