Part Number Hot Search : 
S1500 YX8018 VHCXXXX MT9044 ANTX2 LTC1841 3105V MC14557
Product Description
Full Text Search
 

To Download 801805000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  als-1 leaf als-2 leaf (low motion) aws-1 leaf roller aws-2 leaf roller (low motion) auxiliary actuators l miscellaneous components, hardware & technical data c&k hardware l-6 www.ittcannon.com itt industries cannon easy to assemble auxiliary actuators for the mm series provides the end-user with the capability to operate the switch with for ce not directly in line with the operating button. actuators are available in either the plain-leaf or roller-leaf style. each act uator kit consists of the stainless steel spring-leaf with an integral side mounting plate, flexible insulator, two (2) #2-56 x 7/16o rou ndhead screws, with lockwashers and hex nuts. actuator and hardware are supplied unassembled. specially formed auxiliary actuators are available, consult customer service center.
bb-1 sealed plunger (for use with p0 actuator option.) bj-1 overtravel plunger (for use with p0 actuator option.) bb-2 sealed plunger (for use with ps sealed actuator option.) bj-2 overtravel plunger (for use with ps sealed actuator option.) auxiliary actuators l miscellaneous components, hardware & technical data c&k hardware l-7 www.ittcannon.com itt industries cannon basic precision hb series switches, with any terminal style, can be used with these attachable actuators. as supplied, the actuator is not assembled to the switch; the switch must be ordered separately. the actuator can be assembled to the switch before mounting, or the actuator can be mounted on the panel or chassis and the switch installed after wiring. assembly screws, nuts and lockwashers are furnished. actuator assembly sealed to mounting surface by flexible boot and o-ring seal. provides up to .250 in. total travel; mounting by threaded bushing or two screws.
part no. 708901000 708902000 708903000 part no. 752701000 752702000 752703000 part no. 801801000 801802000 801803000 .375 dia. (9,53 ) .120 (3,05) .250 (6,35) .200 dia. (5,08 ) .310 dia. (7,87 ) .250 (6,35) .138 (3,51) .187 (4,75) .081 (2,03) .245 dia. (6,22 ) white black red white black red white black red part no. 785101000 785102000 785103000 white black red 8020, 8060, e010, e020, km11, l & tp series, .122  dia. plungers 8600 & km33 series, .106  dia. plungers 8020, 8060, e010, e020, km11, l & tp series .122  dia. plungers 8020, 8060, e010, e020, km11 & l series, .122  dia. plungers .120 (3,05) .155 (3,94) part no. 894001000 894002000 894003000 white black red 8020, 8050, e010, e020 & l series, .122  dia. snap-fitting plungers part no. 894101000 894102000 894103000 white black red 8020, 8050, e010, e020 & l series, .122  dia. snap-fitting plungers caps tp series, .100  dia. plungers (recommended for s9 plunger) 538701000 538702000 538703000 white black red part no. .200 dia. (5,08) .155 (3,94) .081 (2,06) ep & tp series, .100  dia. plungers 465801000 465802000 465803000 white black red part no. .080 (2,03) .310 dia. (7,87) .152 (3,86) ep & tp series, .100  dia. plungers 508101000 508102000 508103000 white black red part no. .155 (3,94) .200 dia. (5,08) .100 (2,54) .157  dia. plungers 267a01000 267a02000 267a03000 part no. for series 85x2t, 8534t models only 893101000 893102000 893103000 white black red part no. for series 85x1t, 8532t1, 8533t, 8534t1 models only .331 dia. (8,41) .300 (7,62) .150 (3,81) for 267a .200 (5,08) for 8931 ep11 & ep12 models, .100 dia. snap-fitting plungers 585a01000 585a02000 585a03000 white black red part no. white black red ep11 & ep12 models, .100 dia. snap-fitting plungers 785a01000 785a02000 785a03000 white black red part no. special colors, custom markings available, consult customer service center. nylon. finish: gloss. material l miscellaneous components, hardware & technical data c&k hardware l-8 www.ittcannon.com itt industries cannon
part no. 489501000 489502000 489503000 material polycarbonate-abs blend; finish: matte white black red part no. 489601000 489602000 489603000 material polycarbonate-abs blend; finish: matte white black red caps part no. 489701000 489702000 489703000 material polycarbonate-abs blend; finish: matte white black red part no. 489801000 489802000 489803000 material polycarbonate-abs blend; finish: matte white black red part no. 552701000 552702000 552703000 material polycarbonate-abs blend; finish: matte white black red mp series, anti-static with transparent lens part no. 120100602 material 6/6 nylon; finish: matte black part no. 121000101 121000102 121000103 material 6/6 nylon; finish: gloss white black red part no. 121160100 121160200 121160300 material 6/6 nylon; finish: matte white black red part no. 489301000 489302000 489303000 material polycarbonate-abs blend; finish: matte white black red mp series without led mp series with two led mp series with led mp series with two led ka series, k1 cruciform actuators 699101000 699102000 699103000 white black red part no. mp series l series s series, c1-c9 actuators s series, 03 actuator part no. 489401000 489402000 489403000 material polycarbonate-abs blend; finish: matte white black red mp series special colors, custom markings available, consult customer service center. material nylon; finish: matte matte gloss 484601000 484602000 484603000 for series 8020, 8060, e010, e020, km11, l, tp. .450 sq. (11,43) .195 (4,95) .240 (6,10) white black red part no. 798201000 798202263 798203000 for series 8020, 8060, e010, e020, km11, l, tp. white black red .122  dia. plungers part no. l miscellaneous components, hardware & technical data c&k hardware l-9 www.ittcannon.com itt industries cannon
caps special colors, custom markings available, consult customer service center. nylon. finish: matte or gloss. material 8020 & 8060 series, .122  dia. plungers 459701000 459702000 459703000 part no. 476801000 476802000 476803000 white black red part no. .074 (1,88) .450 sq. (11,43) .212 (5,38) .220 (5,59) .175 (4,45) matte gloss 8500 series, .157  dia. plungers 448901000 448902000 448903000 white black red part no. .450 sq. .240 (6,10) .195 (4,95) pn series, .110  sq. plungers pn series, .130  sq. plungers pn series, .110  sq. plungers pn series, .130  sq. plungers pn series, .130  sq. plungers 979a01000 979a02000 979a03000 material abs white black red part no. 980a01000 980a02000 980a03000 material abs white black red part no. 981a01000 981a02000 981a03000 material abs white black red part no. 982a01000 982a02000 982a03000 material abs white black red part no. 983a01000 983a02000 983a03000 material abs white black red part no. 7000, 9000, e & et series toggle caps 706201000 706202000 706203000 white black red part no. material: vinyl 7000, 9000 & e series toggle caps 896801000 896802000 896803000 white black red part no. material: polyethylene 7000 series toggle caps 763701000 763702000 763703000 white black red part no. material: vinyl l miscellaneous components, hardware & technical data c&k hardware l-10 www.ittcannon.com itt industries cannon
2127 2290 coded switches blank (inactive) sections 123b002000 123b009000 black gray part no. s2 series blank section, .315  thk. 3u series blank section, .302  thk. (replaces active section.) 663702000 663709000 black gray part no. 212702000 229002000 plain-black w/rib-black part no. 3p series blank section, .300  thk. 3 series front mount, type 0 & 3, .315  thk. 3 series front mount, type 0 & 3, .315  thk. 413602000 413609000 w/rib-black w/rib-gray part no. 413502000 413509000 plain-black plain-gray part no. 400502000 400509000 w/rib & w/out springs-black w/rib & w/out springs gray 400702000 400709000 plain w/out springs-black plain w/out springs gray 3 series rear mount, type 1, .350  thk. 3 series rear mount, type 2, .350  thk. 4006 4008 400602000 400609000 w/rib-black w/rib-gray part no. 473402000 473409000 w/rib-black w/rib-gray part no. 400802000 400809000 plain-black plain-gray 473302000 473309000 plain-black plain-gray 4734 4733 l miscellaneous components, hardware & technical data c&k hardware l-11 www.ittcannon.com itt industries cannon
coded switches end plates 211702000 211709000 black gray part no. two required for complete assembly. 211802000 211809000 black gray part no. two required for complete assembly. s2 series rear mount, mounting style s2s with .157  (4mm) flange s2 series rear mount, mounting style s2r with .315  (8mm) flange 212002000 212009000 black gray part no. two required for complete assembly. 211902000 211909000 black gray part no. two required for complete assembly. s2 series rear mount, mounting style s2t with no flange s2 series front mount, mounting style s2f 413402000 413409000 black gray part no. two required for complete assembly. 3 series front mount, type 0 400402000 400409000 black gray part no. two required for complete assembly. 3 series rear mount, type 1 473202000 473209000 black gray part no. two required for complete assembly. 3 series rear mount, type 2 655702000 655709000 black gray part no. two required for complete assembly. 3 series front mount, type 3 one left and one right piece required for complete assembly. left-with hole right-with pin 113b02000 113b09000 left-black left-gray part no. 114b02000 114b09000 right-black right-gray 3u series 623502000 623509000 left-black left-gray part no. 3p series 623602000 623609000 right-black right-gray one left and one right piece required for complete assembly. left-with hole right-with pin l miscellaneous components, hardware & technical data c&k hardware l-12 www.ittcannon.com itt industries cannon
hardware for field assembly-3 series only. screws for field assembly of thumbwheel switches (2 screws needed per assembly + 403500000 nuts) see 3 series mounting styles, pages j-11 thru j-14. two nuts required per assembly and screws. not required for assembly. not supplied with sample pieces. 403500000 part no. 406100652 part no. nut nut driver (for 403500000 nut) 663602000 663609000 black gray part no. 3p series, .100  thk. (makes section pitch .400  ) 3 series front mount-fits type 0 & 3, .185  thk. (makes section pitch .500  ) 410602000 410609000 black gray part no. 3 series front mount, fits type 0 & 3, .078  thk. (makes section pitch 10mm) 410802000 410809000 black gray part no. 3 series rear mount, fits type 1, .150  thk. (makes section pitch .500  ) 410702000 410709000 black gray part no. 3 series rear mount, fits type 2, .150  thk. (makes section pitch .500  ) 473602000 473609000 black gray part no. coded switches spacers l miscellaneous components, hardware & technical data c&k hardware l-13 www.ittcannon.com itt industries cannon number of sections in assembly front mounting rear mounting screw part number (080 unf thd. size ) mtg. style 00, 30 mtg. style 03, 33 mtg. style 04, 34 mtg. style 10, 20 mtg. style 14, 24 412700000 1 2 1 1 1 2 1 412701000 3 4 2 3 2 3 2 412702000 5 7 4 5 3 4 4 6 3 4 412703000 8 10 6 8 5 6 7 9 5 6 412704000 11 13 9 10 7 8 10 12 7 8 412705000 14 16 11 13 9 10 13 15 9 10
fixing spanners 5.58002.0190000 description tool used to secure switch to panel. tightens threaded fixing ring. 5.58002.0270000 description tool used to secure switch to panel. tightens threaded fixing ring. 5.58002.0340000 description tool used to secure switch to panel. tightens hexagon nut. part no. part no. part no. rafi 15.2mm, lumotast 75 & 8.1mm rafix 16 frames special colors, custom markings available, consult customer service center. 7000 & e series j11, j21 actuators 7000 & e series j16, j26 actuators 764500223 764500252 764500746 764500747 bright chrome satin chrome black enamel white enamel part no. 459101000 459102000 459103000 white black red part no. material: spring steel. material: nylon. finish: matte. 764601106 retaining spring j19 actuator 7000 & 9000 series j37, j47, j57 actuators 781000223 781000252 781000746 781000747 part no. 445400223 445400252 445400746 445400747 part no. material: spring steel. material: spring steel. bright chrome satin chrome black enamel white enamel bright chrome satin chrome black enamel white enamel 7000, 8020, 8060 & 8500 series j51, j61, j81, j83, j85, j86, j91 actuators 615601000 615602263 615603000 white black red part no. material: nylon. finish: matte. 7000, 8020, 8060 & 8500 series j52, j62, j82, j84, j92 actuators 613301000 613302263 613303000 white black red part no. material: nylon. finish: matte. 486701000 486702000 486703000 part no. j50, j60, j80, j83, j90 actuators 486801000 486802000 486803000 white black red part no. material: nylon. finish: matte or gloss. matte gloss 7000 series j76 actuators 724a01000 724a02000 724a03000 white black red part no. material: nylon. finish: matte. l miscellaneous components, hardware & technical data c&k hardware l-14 www.ittcannon.com itt industries cannon
frameseseparate snap-in special colors, custom markings available, consult customer service center. .495 .505 (12,57 12,83) .797 .803 (20,24 20,40) .005 r. max. (0,13) typ. .495 .505 (12,57 12,83) .595 .605 (15,11 15,37) .005 r. (0,13) max. typ. .495 .505 (12,57 12,83) .620 .625 (15,75 15,88) .005 r. (0,13) max. typ. 452601000 452602263 452603000 white black red part no. 452801000 452802263 452803000 part no. 452701000 452702263 452703000 part no. 452901000 452902263 452903000 part no. 7000 & e series j1, j2 actuators .047  (1,19) panel thk. .062  (1,57) panel thk. .090  (2,29) panel thk. .125  (3,18) panel thk. 432801000 432802263 432803000 white black red part no. 432701000 432702263 432703000 part no. 432601000 432602263 432603000 part no. 432501000 432502263 432503000 part no. 7000, 8020, 8060, 8500, e, e010, e020 & tp series j50, j60, j80, j90 actuators .047  (1,19) panel thk. .062  (1,57) panel thk. .090  (2,29) panel thk. .125  (3,18) panel thk. panel mounting 4529, 4527, 4528, 4526 4325, 4326 4327, 4328 476601000 476602000 476603000 white black red part no. 894901000 894902000 894903000 part no. panel insert with hole for led blank panel insert without hole for led panel inserts (will fit separate snap-in frames for j50, j60, j90 actuators). typical application l miscellaneous components, hardware & technical data c&k hardware l-15 www.ittcannon.com itt industries cannon frames snap into panel opening and are independent from switch mounting. accurate positioning of the pc mounted switch relative to the panel opening is necessary to provide proper clearance between actuator and frame. available in two basic styles and four panel thicknesses .047-.125 in. material: nylon. finish: matte. above frames (part nos. 432xxxxxx) are also available with insert which accepts led for indicator light assembly. order insert separately from frame. blank insert panel (without hole for led) also available. led not included, see page l-17 for led information and recommendations.
keys part no. (one key) 115140126 material brass; finish: nickel plate part no. (one key) 11599112601 11599112602 11599112603 11599112600 material brass; finish: nickel plate; 6/6 nylon insert molded head white black red beige for series a, h, p, w, y, yl key code: a126 for series a, h, p, w, y, yl key code: a126 part no. (one key) 115441001 material brass; finish: nickel plate for series a, by, gy, h, y, yl key code: d001 part no. (one key) 11622100101 11622100102 11622100103 11622100100 material brass; finish: nickel plate; 6/6 nylon insert molded head white black red beige for series a, by, gy, h, y, yl key code: d001 4 tumbler 5 tumbler 4 tumbler 5 tumbler part no. (one key) 1110801 material zinc alloy; finish: chrome plate a, h, w, y & yl series key code: aaaa part no. (one key) 16916004101 16916004102 16916004103 16916004100 material brass; finish: nickel plate; 6/6 nylon insert molded head pf, pl & pm series key code: 041 white black red beige part no. (one key) 119091029 material brass; finish: nickel plate yf & ym series key code: 0029 part no. (one key) 11630ckbyst material zinc alloy; finish: chrome plate by, gy series key code: 3434 part no. (one key) 16564112601 16564112602 16564112603 16564112600 material brass; finish: nickel plate; 6/6 nylon insert molded head white black red beige a, by, h, p, w, y & yl series key code: a126 part no. (one key) 5.58004.7210000 rafi lumotast 75 part no. (one key) 5.58007.0010000 rafix 16 insert d series part no. 057190200 material zinc nylon 6/6 finish: matte l miscellaneous components, hardware & technical data c&k hardware l-16 www.ittcannon.com itt industries cannon
part no. 498703614 498705614 498706614 part no. 498703615 498705615 498706615 red yellow green red yellow green mp series 02, r2 & s2 cap styles mp series 01, a1, a2 & s1 cap styles leds & filament lamps * must install a suitable external series resistor. lamp extractors 1.90900.0010000 for series rafi 8.1 mm illuminated pushbutton description tool used to remove lamps or leds from switches. 1.90900.0020000 for series rafi lumotast  75 description tool used to remove lamps or leds from switches. 1.90900.0030000 for series rafix 16 description tool used to remove lamps or leds from switches. part no. part no. part no. l miscellaneous components, hardware & technical data c&k hardware l-17 www.ittcannon.com itt industries cannon led part number description color base voltage u b forward current i f for series lamp extractor part number 1.90691.0260000 1.90691.0270000 1.90691.0280000 1 chip led red green yellow bi-pin t1 dc* 10 ma 8.1mm illuminated pushbutton 1.90900.0010000 1.90692.0010000 1.90692.0020000 1.90692.0030000 1 chip led red green yellow t4.5 dc* 10 ma lumotast ? 75 1.90900.0010000 1.90692.0450000 1.90692.0460000 1.90692.0470000 6 chip led red green yellow w 2x4.6 d 24 +10% ac/dc max. 12 ma rafix 16 1.90900.0030000 filament lamp part number description base rated voltage rated current (a or ma) rated power (w) average operating life (hrs.) for series lamp extractor part number 1.90100.0210000 1.90100.0220000 1.90100.0230000 miniature telephone filament lamp t 4.5 6 v 12 v 24 v 0.05 a 0.04 a 0.02 a 0.3 0.48 0.48 10,000 10,000 8,000 lumotast ? 75 1.90900.0020000 1.90120.0130000 1.90120.0120000 1.90120.0110000 1.90120.0090000 filament lamp w 2x4.6 d 6 v 12 v 24 v 60 v 0.20 a 0.08 a 0.04 a 0.02 a 1.2 1.2 1.2 1.2 20,000 15,000 7,000 3,300 rafix 16 1.90900.0030000 1.90180.4710000 1.90180.4720000 1.90180.4730000 indicator lamp t1 bi-pin 6 v 12/14 v 24/28 v 0.05 a 0.03 a 0.016 a 0.3 0.4-.56 0.4-.56 50,000 20,000 5,000 8.1 mm illum. pushbuttons 1.90900.0010000
locking rings t & tp series fits 10-48 bushing part no. 465000201 nickel plated with flat 7000, 8020, 8060, 8500, 9000, m, t & tp series fits 1/4-40 bushing part no. 700701201 nickel plated with keyway 700701264 black with keyway .435 dia. (11,05) .029 (0,74) .065 (1,65) .435 dia. (11,05) .029 (0,74) .065 (1,65) part no. 465101201 nickel plated with keyway material brass, nickel plated standard. other finishes available, consult customer service center. 7000, 8500 & 9000 series fits 15/32 bushing part no. 707200201 nickel plated with keyway 707200264 black with keyway .718 dia. (18,24) .040 (1,02) .090 (2,29) part no. 753700201 nickel plated with keyway 753700264 black with keyway part no. 757200201 nickel plated with flat 757200264 black with flat 7000, 8020, 8060, 8500, 9000, m, t & tp series fits 1/4-40 bushing 7000, 8020, 8060, 8500, 9000, m, t & tp series fits 1/4-40 bushing .343 dia. (8,71) .468 dia. (11,89) .029 (0,74) .082 (2,08) .029 (0,74) .065 (1,65) 7000, 8020 & 8060 series fits m6p2 metric bushing part no. 791800201 nickel plated with keyway 791800264 black with keyway part no. 757300201 nickel plated with flat 757300264 black with flat 7000, 8020, 8060, 8500, 9000, m, t & tp series fits 1/4-40 bushing .029 (0,74) .472 dia. (11,99) .034 (0,86) .065 (1,65) .343 dia. (8,71) .082 (2,08) t & tp series fits 10-48 bushing .468 dia. (11,89) .029 (0,74) .065 (1,65) l miscellaneous components, hardware & technical data c&k hardware l-18 www.ittcannon.com itt industries cannon
lockwashers fits 10-48 bushing fits 15/32 bushing fits 1/4-40 bushing .310 (7,87) .593 (15,06) .402 (10,21) .018 thk. (0,46) .018 thk. (0,46) .021 thk. (0,53) 465200202 nickel plated part no. 700302202 700302264 nickel plated black part no. 700303202 700303264 nickel plated black part no. part no. 175050200 material steel; finish: zinc plate a, by, gy, h, w, y & yl series fits 3/4 dia. bushing nickel plated 1.010 (25,65) .615 (15,62) 1.150 (29,21) .100 (2,54) .250 (6,36) .030 (0,76) part no. 175050300 material steel; finish: nickel or bright zinc plate mounting clip part no. 472800202 material steel; finish: zinc plate a series fits 3/8 dia. thread material steel, nickel plated standard. other finishes available, consult customer service center. a, by, gy, h, p, w, y & yl series l miscellaneous components, hardware & technical data c&k hardware l-19 www.ittcannon.com itt industries cannon
nuts (dress) part no. 531300201 531300535 175052745 nickel plate polished nickel plate gloss black plate t & tp series .280 (7,11) .312 dia. (7,92) 10-48 uns .215 dia. (5,46) .070 (1,78) .040 (1,02) 465701201 465701264 nickel plated black part no. 8020, 8060, 8500 & tp series 580700201 nickel plated part no. 8020, 8060, e010 & tp series 702501201 702501264 nickel plated black part no. 7000, 8020, 8060, 8500, 9000, e, e010, t & tp series 7000, 8020, 8060, 8500, 9000, e, e010, t & tp series .372 dia. (9,45) 1/4-40 uns blind thd. .352 (8,94) .118 (3,00) .460 dia. (11,68) .440 (11,18) 1/4-40 uns .090 (2,29) 709901201 709901215 709901264 nickel plated satin chrome black part no. for series 7000, 8020, 8060, 8500, 9000, e, e010, t, tp 776001201 776002231 nickel plated black part no. for series 7000, 8020, 8060, 8500, 9000, e, e010, t, tp y, h & a series brass, nickel plated standard. other finishes available, consult customer service center. material 7000, 8020, 8060, 8500, 9000, e, e010, t & tp series .352 (8,94) .372 dia. (9,45) 1/4-40 uns .118 (3,00) 780701201 780701215 780701264 nickel plated satin chrome black part no. 8500 series 498800201 nickel plated part no. 7000 series, t2p actuator 15/32-32 ns blind thd. .030 (0,76) .170 (4,32) .556 (14,12) .322 dia. (8,18) .630 dia. (16,00) 605300201 nickel plated part no. l miscellaneous components, hardware & technical data c&k hardware l-20 www.ittcannon.com itt industries cannon
brass, nickel plated standard. other finishes available, consult customer service center. material nuts (dress) 7000, 8500 & 9000 series .750 (19,05) .770 dia. (19,56) 15/32-32 ns .120 (3,05) 895101201 895101264 nickel plated black part no. 7000, 8020 & 8060 series 709903201 709903264 nickel plated black part no. nuts (knurled) 7000, 8020, 8060, 8500, 9000, t & tp series 7000, 8020, 8060, 8500, 9000, e, e010, t & tp series controlled knurl .312 dia. (7,92) 1/4-40 uns .080 (2,03) .300 dia. (7,62) 1/4-40 uns .100 (2,54) 778000201 778000264 nickel plated black part no. 778600201 778600224 nickel plated black part no. 7000, 8020, 8060, 8500, 9000, t & tp series fits gulmite #12 socket & wrench 8942-02-201 7000, 8500 & 9000 series controlled knurl .362 dia. (9,19) 1/4-40 uns .062 (1,57) .638 dia. (16,21) 15/32-32 ns blind thd. .174 (4,42) 796901201 796901264 nickel plated black part no. 471300201 471300264 nickel plated black part no. 7000, 8020 & 8060 series m6p .75 thd. controlled knurl (7,9) (2,0) 483200201 nickel plated part no. brass, nickel plated standard. other finishes available, consult customer service center. material l miscellaneous components, hardware & technical data c&k hardware l-21 www.ittcannon.com itt industries cannon
nuts (mounting) 8600 series t & tp series m series e & e010 series .253 (6,43) .219 (5,56) 8-40 uns .324 (8,23) .281 (7,14) 10-48 uns .047 (1,19) .359 (9,12) .307 (7,80) 1/4-40 uns .093 (2,36) .355 (9,02) .307 (7,80) 1/4-28 uns .062 (1,57) 775200201 775200264 nickel plated black part no. 464900201 464900264 nickel plated black part no. 477100201 nickel plated part no. 540400201 540400264 nickel plated black part no. material brass, nickel plated standard. other finishes available, consult customer service center. 7000, 8020, 8060, 8500, 9000, t & tp series 7000, 8500 & 9000 series .355 (9,02) .307 (7,80) 1/4-40 uns .062 (1,57) 15/32-32 ns .563 (14,30) .650 (16,51) .078 (1,98) 700201201 700201264 nickel plated black part no. 707100201 707100215 707100264 nickel plated satin chrome black part no. part no. 495100201 a series part no. 175020201 f series part no. 175000100 material brass; finish: zinc electro & clear bright chromate h & r series 7000, 8020 & 8060 series (10,4) m6p .75 thd. (9,0) (1,6) 791600201 791600264 nickel plated black part no. part no. 175050700 material steel; finish: zinc plate a, by, gy, h, p, w, y & yl series part no. 472706201 material zinc; finish: nickel plate a series l miscellaneous components, hardware & technical data c&k hardware l-22 www.ittcannon.com itt industries cannon
material brass, nickel plated standard. other finishes available, consult customer service center. nuts (mounting) part no. 179090123 ym series recessed bracket part no. 057090100 material 6/6 nylon d & dm series material screws, nuts, lockwashers: stainless steel. standoffs: nylon, standard aluminum available, consult customer service center. rocker and lever handle switch-panel mounting hardware ?? ?? ? ? ?? ?? ? ? screw panel thickness stand-off lockwasher nut typical assembly l miscellaneous components, hardware & technical data c&k hardware l-23 www.ittcannon.com itt industries cannon panel mounting hardware for rocker and lever handle switches is available separately. mounting hardware consists of two screws, two nuts, two standoffs and two lockwashers per switch, and is available for panel thicknesses of 1/16, 3/32 and 1/8 inch. see part numbers below. 7000 series: j1, j2, j54, j64, j94 actuators. t series: j1, j6 actuators. part no. panel thk. standoff length 761101000 1/16 in. (1,59) .295 (7,49) 761102000 3/32 in (2,38) .264 (6,71) 761103000 1/8 in. (3,18) .233 (5,92) 7000 & 9000 series: j4, j5 actuators. part no. panel thk. standoff length 775001000 1/16 in. (1,59) .375 99,53) 775002000 3/32 in (2,38) .344 (8,74) 775003000 1/8 in. (3,18) .312 (7,92) 9000 series: j1, j2, j3, j50, j60, j90 actuators. 7000 series: j3 actuators. part no. panel thk. standoff length 770601000 1/16 in. (1,59) .295 (7,49) 770602000 3/32 in (2,38) .264 (6,71) 770603000 1/8 in. (3,18) .233 (5,92) 7000 & 9000 series: j10 actuators. part no. panel thk. standoff length 770701000 1/16 in. (1,59) .295 (7,49) 770702000 3/32 in (2,38) .264 (6,71) 770703000 1/8 in. (3,18) .233 (5,92)
rocker and lever handle actuators et series j1 actuator material t series j1 actuator nylon. finish: matte. special colors, custom markings available, consult customer service center. 261a01000 261a02263 261a03000 white black red part no. 468001000 468002263 468003000 white black red part no. 7000, 9000 & e series j1, j11, j15, j16 actuators 7000, 9000 & e series j2, j21, j25, j26 actuators 760201000 760202263 760203000 white black red part no. 760501000 760502263 760503000 white black red part no. 7000, 9000 & e series j3, j37 actuators 766601000 766602263 766603000 white black red part no. 7000, 9000 & e series j4, j47 actuators 773301000 773302263 773303000 white black red part no. et series, j6 actuator t series j6 actuator 791201000 791202263 791203000 white black red part no. 260a01000 260a02263 260a03000 white black red part no. 468101000 468102263 468103000 white black red part no. 628301000 628302263 628303000 white black red part no. 7000, 9000 & e series j60, j61, j62, j63, j64 actuators 598101000 613802263 598103000 white black red part no. 7000 series j76 actuator 725a01000 725a02263 725a03000 white black red part no. 7000, 9000 & e series j5, j57 actuators 7000, 9000 & e series j50, j51, j52, j53, j54 actuators for hi temp, consult factory) l miscellaneous components, hardware & technical data c&k hardware l-24 www.ittcannon.com itt industries cannon
rocker and lever handle actuators material nylon. finish: matte. special colors, custom markings available, consult customer service center. 7000, 9000 & e series j8 actuator 488701000 488702263 488703000 white black red part no. 7000, 9000 & e series j90, j91, j92, j93, j94 actuators 598001000 598002263 598003000 white black red part no. 7000 & 9000 series j10, j19 actuators 769501000 769502263 769503000 white black red part no. 7000 & 9000 series l41 actuator 481001000 481002263 481003000 white black red part no. 7000 & 9000 series l42 actuator 481101000 481102263 481103000 white black red part no. 9000 series l43 actuator 481201000 481202263 481203000 white black red part no. splash caps part no. 120100200 material 6/6 nylon part no. 120100300 material 6/6 nylon l series l series fits `ms' mounting style, lxx1 & lxx2 models only. fits `mv' mounting style, lx1x models only. part no. 120100400 material 6/6 nylon l series fits `ma' mounting style, lxx3 models only. part no. 128000100 material 6/6 nylon v series fits `ms' mounting style. sd series 678500000 678501000 natural black part no. material 6/6 nylon l miscellaneous components, hardware & technical data c&k hardware l-25 www.ittcannon.com itt industries cannon
part no. 472900201 material brass; finish: nickel plated a series stop rings switch enclosures tc-2 thru-bolt mounting, 1/2-14 npsm conduit thread (straight thread) tc-4 thru-bolt mounting, 1/2-14 npt conduit thread (tapered thread) 638100000 638101000 inner-w/short tab outer-w/long tab part no. one each required for setting stops. m series tc-3 flange mounting, 1/2-14 npsm conduit thread (straight thread) tc-5 flange mounting, 1/2-14 npt conduit thread (tapered thread) l miscellaneous components, hardware & technical data c&k hardware l-26 www.ittcannon.com itt industries cannon these enclosures make it easy to install hb and hg series switches with electrical conduit, electrical tubing or armored cable. the switch is inserted through the open top of the enclosure and is secured by two screws (furnished). the lower section of the enclosure is completely removable and gives free access to the switch terminals. switches having either the flat base or step b ase can be used. switches must be ordered separately.
tc-1 terminal covers wrenches part no. 465300201 fits nut part numbers 4649xxxxx, 4657xxxxx part no. 481500201 fits nut part numbers 7780xxxxx, 4832xxxxx part no. 778500201 fits nut part numbers 7002xxxxx, 7099xxxxx 7807xxxxx, 7916xxxxx part no. 894200201 fits nut part numbers 7969xxxxx l miscellaneous components, hardware & technical data c&k hardware l-27 www.ittcannon.com itt industries cannon these terminal covers are available with hb and hg series switches. they are made of molded phenolic, with knockouts that permit wires to be brought in at convenient points. they are held in place by the switch mounting screws.
586800000 537202000 miscellaneous stop pins 3 series connector 402900000 657800000 537100000 587300000 3 series 3p series m series sf/sr & s2 series part no. 605a00000 605a02000 part no. fits 0, 1, 4, 5 terminations only. pc solder lug 3p series connector 630000000 part no. fits 0, 1 terminations only. m series washers rubber panel seal adhesive mylar retains stop pins part no. z3 termination female connector 530100000 part no. ks series led support 540300000 part no. l miscellaneous components, hardware & technical data c&k hardware l-28 www.ittcannon.com itt industries cannon
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: c&k components: ? 801801000? 801803000? 780701201? 700701201? 537100000? 709901201? 580700201? 175050700? 707200201? 780701215? 479603000? 476803000? 700303202? 700201201? 785103000? 798203000? 484603000? 586800000? 464900201? 465802000? 477100201? 540400201? 753700201? 459102000? 530100000? 894102000? 121000102? 778500201? 638100000? 638101000? 752701000? 472706201? 700302202? 121000101? 452602263? 706202000? 708903000? 585a01000? 707100201? 895101201? 896802000? 708901000? 896803000? 894103000? 472800202? 894101000? 538702000? 498800201? 708905000? 708906000? 761103000? 776002231? 801805000? 801807000


▲Up To Search▲   

 
Price & Availability of 801805000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X