Part Number Hot Search : 
IRS21 STM6968 2500V GR40N60 US1DL AC12V P6NB80FP HMC606L
Product Description
Full Text Search
 

To Download 7805CV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ! 3-termainal regulators ! output current up to 1.5 a ! no external components ! internal thermal overload protection ! high power dissipation capability ! internal shot-circuit current limiting ! output transistor safe-area compensation description this series of fixed-voltage monolithic integrated-circuit voltage regulators designed for a wide range of applications. these applications include on-card regulation for elimination of noise and distribution problems associated with single-point regulation. each of these regulators can deliver up to 1.5 amperes of output current. the internal current limiting and thermal shutdown features of these regulators make them essentially immune to overload. absolute maximum ratings over operating tenperature range (unless otherwise note ws7805 parameter unit input voltage, v i 3 5 v continuous total dissipation at 25 free-air temperature 2w lead temperature 1.6mm (1/16 inch) from case 10 seconds 260 storage temperature range, t stg -65 to 150 recommemded operating conditions min max unit input voltage, v i 7 output current, i o 1.5 a operating virtual junction temperature, t j 070 i c o (to-252) wing shing computer components co., (h.k.)ltd. tel:(852)2341 9276 fax:(852)2797 8153 homepage: http://www.wingshing.com e-mail: wsccltd@hkstar.com
ws7805 el e c tr i cal c h aracteri s tics at s p ecified v i rtu a l j u n c tion t e m p e r a t u r e, v i =10v, i o =500ma (u n l ess ot h e r w i s e not e d) ws7805 parameter test conditions min typ max unit 25 4.8 5 5.2 output voltage i o =5ma to1a, v i =7v to 20v, p Q 15w 0 to 70 4.75 5 5.25 v v i =7v to 25v 3 100 input regulation v i =8v to12v 25 15 0 ripple rejection v i =8v to18v f=120h z 0 to 70 62 78 db i o =5ma to 1.5a 15 100 output regulation i o =250ma to 750ma 25 550 mv output resistance f=1kh z 0 to 70 0.017 temperature coefficient of output voltage i o =5ma 0 to 70 -1.1 mv/ output noise voltage f=10h z to 100 khz 25 40 v dropout voltage i o =1a 25 2.0 v bias current 25 4.2 8 ma v i =7v to 25v 1.3 bias current change i o =5ma to 1a 0 to 70 0.5 short-circuit output current 25 750 peak output current 25 2.2 a
fig. 1. positive regulator pad location


▲Up To Search▲   

 
Price & Availability of 7805CV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X