|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
mx07 b-35 b 2.00 to 2.50mm (.079 to .098") pitch pcb and wire connectors www.molex.com/product/board_in.htm l 2.00mm (.079") pitch board-in connector crimp terminal 50034 features and benefts locking tang secures terminal to housing reference information packaging: reel or bag use with: 51015 designed in: millimeters electrical voltage: 125v current: awg 26 28 30 2.0a 1.5a 1.0a contact resistance: 5 milliohms max. dielectric withstanding voltage: 500v ac/1 min. insulation resistance: 1000 megohms min. physical contact: phosphor bronze plating: tin operating temperature: -40 to +105?c wire range: 26 to 30 awg insulation range: 1.40mm dia. max. strip length: 1.40 to 1.90mm order no. terminal lead-free 50034-800 0 reel yes 50034-810 0 bag www.molex.com/product/board_in.htm l 2.00mm (.079") pitch board-in connector housing 51015 features and benefts sizes 2 to 15 circuits low profile of 3.8mm locking windows secure terminal to housing reference information packaging: bag use with: 50034 designed in: millimeters electrical voltage: 125v current: awg 26 28 30 2.0a 1.5a 1.0a dielectric withstanding voltage: 500v ac insulation resistance: 1000 megohms min. physical housing: pbtp, ul 94v-0 operating temperature: -40 to +105?c circuits order no. 2 51015-020 0 3 51015-030 0 4 51015-040 0 5 51015-050 0 6 51015-060 0 7 51015-070 0 8 51015-080 0 circuits order no. 9 51015-090 0 10 51015-100 0 11 51015-110 0 12 51015-120 0 13 51015-130 0 14 51015-140 0 15 51015-150 0
|
Price & Availability of 51015-1200 |