Part Number Hot Search : 
AD8397 LM3S3748 TA806 DZ23C24 100TS 10405 XFATM9P8 F2R5G
Product Description
Full Text Search
 

To Download WJ1121AS18VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  distributor: electro-stock www.electrostock.com tel: 630-682-1542 fax: 630-682-1562 features: ? low power consumption: .12w ? ultra light weight ? narrow width ideal for high density mounting ? ul/cul certified e197851 20.2 x 5.3 x 12.8 mm contact data contact arrangement 1a = spst n.o. contact rating 5a @ 250vac resistive, 20k cycles 5a @ 30vdc resistive, 20k cycles contact resistance < 50 milliohms initial contact material agsno 2 maximum switching power 150w, 1250va maximum switching voltage 250vac, 110vdc maximum switching current 5a coil data coil voltage vdc rated max. coil resistance ? 10% pick up voltage vdc (max) 75% of rated voltage release voltage vdc (min) 10% of rated voltage coil power w operate time ms release time ms 5 6.5 208 3.75 0.5 6 7.8 300 4.50 0.6 9 11.7 675 6.75 0.9 12 15.6 1200 9.00 1.2 18 23.4 2700 13.5 1.8 .12 24 31.2 3200 18.00 2.4 .18 10 5 caution: 1. the use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. pickup and release voltages are for test purposes only and are not to be used as design criteria. general data electrical life @ rated load mechanical life 100k cycles, typical 10m cycles, typical insulation resistance 100m ? min @ 500vdc dielectric strength, coil to contact contact to contact 2000v rms min. @ sea level 1000v rms min. @ sea level shock resistance 100m/s 2 for 11ms vibration resistance 1.50mm double amplitude 10-40hz terminal (copper alloy) strength 5n operating temperature storage temperature -40 c to + 85 c -40 c to + 155 c solderability 230 c 2 c for 10 0.5s weight 3g wj112
distributor: electro-stock www.electrostock.com tel: 630-682-1542 fax: 630-682-1562 ordering information 1. series: wj112 wj112k wj112 2.contact arrangement: 1a = spst n.o. 1a 3. sealing options: s = sealed s 4. coil voltage: 5vdc 6vdc 9vdc 12vdc 18vdc 24vdc 12vdc dimensions (units = mm) wj112 wj112k schematics & pc layouts (bottom views) wj112 wj112 1a wj112k 1a


▲Up To Search▲   

 
Price & Availability of WJ1121AS18VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X