Part Number Hot Search : 
MX29LV 1000AM D2478 LT1T023C C103Z 002223 BYV27200 MJF3055G
Product Description
Full Text Search
 

To Download UFW1C333MPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100v aluminum electrolytic capacitors fw series standard, for audio equipment radial lead type type numbering system (example : 10v 1000 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance shelf life marking performance characteristics item 40 ~ +85 c 6.3 ~ 100v 0.1 ~ 33000f 20% at 120hz, 20 c after 1 minute's application of rated voltage, leakage current is not more than 0.03 cv or 4 (a) , whichever is greater. after 2 minutes' application of rated voltage, leakage current is not more than 0.01 cv or 3 (a) , whichever is greater. printed with black color letter on gold sleeve. for capacitance of more than 1000 f, add 0.02 for every increase of 1000 f. measurement frequency : 120hz, temperature : 20 c measurement frequency : 120hz capacitance change leakage current after 2000 hours' application of voltage at 85 c, capacitors meet the characteristic requirements listed at right. after sroring the capacitors under no load at 85 c for 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they will meet the specified value for endurance characteristics listed above. tan within 20% of initial value 200% or less of initial specified value initial specified value or less rated voltage (v) tan (max.) 6.3 0.28 10 0.24 16 0.20 25 0.16 35 0.14 50 0.12 63 0.10 100 0.08 z 25 c / z+20 c z 40 c / z+20 c rated voltage (v) impedance ratio zt / z20 (max.) 6.3 5 12 10 4 10 16 3 8 25 2 5 35 2 4 50 2 3 63 2 3 100 2 3 fw high grade please refer to page 21, 22, 23 about the formed or taped product spec. please refer to page 3 for the minimum order quantity. ( f d < 20) 1.5 ( f d 20) 2.0 f d p 5 0.5 2.0 6.3 0.5 2.5 8 0.5 3.5 10 0.5 5.0 12.5 0.5 5.0 16 0.5 7.5 18 0.5 7.5 f d 0.5 0.5 0.6 0.6 0.6 0.8 0.8 20 0.5 10 1.0 22 1.0 10 1.0 25 1.0 12.5 1.0 (mm) pressure relief vent p 0.5 l + max. 15 min 4 min sleeve (p.e.t.) f d ( f 6.3up) f d + max. u 1 f 2 w 3 1 4 a 5 1 6 0 7 2 8 m 9 p 10 d 11 configuration capacitance tolerance ( 20%) rated capacitance (1000f) rated voltage (10v) series name type f d 5 pb-free leadwire pb-free pet sleeve dd ed 6.3 8 10 pd 12.5 ~ 18 hd 20~25 rd configuration dimension table in next page. adapted to the rohs directive (2002/95/ec). kw high sound quality please refer to page 21 about the end seal configulation. fg
cat.8100v aluminum electrolytic capacitors fw series frequency coefficient of rated ripple current frequency cap.(f) ~47 100 ~ 470 1000 ~ 33000 50hz 0.75 0.80 0.85 120hz 1.00 1.00 1.00 300hz 1.35 1.23 1.10 1khz 1.57 1.34 1.13 10khz ~ 2.00 1.50 1.15 dimensions 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 15000 22000 33000 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 153 223 333 6.3 11 6.3 11 8 11.5 10 20 10 20 12.5 20 12.5 25 16 25 16 35.5 18 40 22 50 265 310 530 980 1170 1350 1600 2000 2550 3200 3900 0j v 6.3 5 11 6.3 11 6.3 11 6.3 11 10 12.5 10 20 12.5 20 12.5 25 16 25 16 35.5 18 35.5 20 40 22 50 145 230 270 330 630 1050 1420 1800 2150 2500 2720 3700 4500 1a 10 5 11 6.3 11 8 11.5 8 11.5 10 16 12.5 20 12.5 25 16 25 16 35.5 18 35.5 20 40 22 50 25 50 155 250 360 420 770 1250 1700 2100 2500 2640 3400 4200 4800 1c 16 5 11 6.3 11 8 11.5 10 12.5 10 12.5 10 20 12.5 25 16 25 16 31.5 18 35.5 20 40 22 50 25 50 115 185 320 420 530 950 1550 1950 2360 2590 3000 3800 4500 1e 25 5 11 5 11 6.3 11 10 12.5 10 12.5 10 16 12.5 20 16 25 16 35.5 18 35.5 20 40 22 50 25 50 105 120 200 370 470 630 1100 1800 2220 2490 3000 3700 4300 1v 35 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 8 11.5 10 12.5 10 16 12.5 20 12.5 25 16 35.5 18 35.5 20 40 22 50 25 50 1.1 2.4 3.5 5.0 10 23 35 40 65 95 120 150 250 410 570 760 1300 2090 2360 2900 3500 4000 1h 50 5 11 5 11 6.3 11 6.3 11 10 12.5 10 16 10 20 12.5 20 16 25 18 35.5 20 40 22 50 25 50 70 100 140 165 300 470 650 880 1300 2200 2700 3400 3500 1j 63 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 20 12.5 25 12.5 25 16 25 18 40 22 50 25 50 case size d l (mm) 2.1 4.7 7.0 10 21 30 40 45 75 120 160 210 350 600 750 1000 1370 2400 2900 100 code 2a rated ripple (marms) at 85 c 120hz cap.(f) rated ripple


▲Up To Search▲   

 
Price & Availability of UFW1C333MPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X