mates with bcss, bssh, bsshc, bssq, bssqc, bssqm, lsmbc, lsshsm, smbc, sshq, sshqr, sshr, sshs, sshsm, ulsmbc products cut to specific sizes are uncancellable/nonreturnable parts are subject to change without notice specifications current rating: 3.0 ampere insulation resistance: 1000m ? min. dielectric withstanding: 500v ac contact resistance: 20 m ? max. operating temperature: -40c to + 105c max. process temperature: peak: 260c up to 10 secs. process: 230c up to 60 secs. wave: 260c up to 6 secs. manual solder: 350c up to 5 secs. materials contact material: phosphor bronze insulator material: nylon 6t plating: au or sn over 50" (1,27) ni 4235 earnings way, new albany, indiana, 47150, usa 1-800-782-3486 (usa/canada/mexico) tel: 812-944-7244 fax: 812-944-7268 e-mail: mle@mlelectronics.com web: www.mlelectronics.com row specification s = single row pins per row tshr-2 xx s xx ordering information xx lf 01 - 40 lead free xxx pin options 01 polarized position leave blank if not needed if required, specify empty pin position, e.g. 012 for pin 12 02 xx lock tight "lt" option leave blank if not needed lt = with plating options matte tin all over t 10 gold on contact area / matte tin on tail gt g 10 gold on contact area / flash on tail tail with .146 post 2.54mm .100 3.05mm .120 30 gold on contact area / matte tin on tail h 04 3.56mm .140 05 4.55mm .179 06 7.06mm .278 08 7.57mm .298 10 8.05mm .317 3.05mm .120 3.56mm .140 4.06mm .160 5.05mm .199 7.57mm .298 8.08mm .318 8.56mm .337 tail with .126 post post height a = .126 (3.20) b = .146 (3.71) x every other pin filled leave blank if not needed e = filled gold flash over entire pin f x major league electronics .079 cl te rminal strip headers - right angle 21 feb 07 TSHR-2-S series .079cl sin g le row - ri g ht an g l e terminal strip headers
|