Part Number Hot Search : 
FO112 IRF7311 MAX984 36510 P6SMB68A AN663 ON1072 HVP350
Product Description
Full Text Search
 

To Download TBOX321-870-FL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  265 * all specifcations and photos are subject to change without notice. TBOX321-870-FL fanless embedded system with intel ? core? i processor for railway pc 3rd generation intel ? core? i (17w) processor onboard intel ? qm77 pch high performance ddr3-1600 4 gb memory onboard fanless operation operating temperature range of -40c ~ +70c isolated rs-232/422/485 and dio support usb 3.0 and sata3 2 removable & lockable 2.5 sata hdd and 1 cfast? 3 internal pci express mini card slot and one sim slot lockable i/o interface and m12 lan and usb connector comply to fre protection of railway vehicles europe standard prcen ts 45545-2 features specifcations standard color silver-black construction aluminum extrusion and heavy-duty steel, ip40 cpu 3rd generation intel ? core? i processor onboard; 3rd gen. intel ? core? i7-3517ue (17w) or 3rd gen. intel ? core? i3-3217ue (17w) system memory ddr3-1600 4gb dram onboard chipset intel ? qm77 pch bios ami system i/o outlet 4 x 10/100/1000mbps ethernet (m12 female a-coded) 4 x isolated rs-232/422/485 (com 1 ~ 4) 1 x isolated di/do (4-in/4-out) 2 x usb 2.0 (rear side) (m12 connector) 2 x usb 3.0 (front side) 1 x audio (mic-in/line-out) (screw type) 1 x vga (1080p) 1 x dvi (1080p) 1 x vdc power input connector (m12 connector) 1 x reset switch 1 x power switch 4 x antenna opening watchdog timer 255 levels, 0 ~ 255 sec. storage 2 x 2.5 sata hdd(removable and with lock protection) supports raid 0/1 1 x cfast? expansion interface 3 x pci express mini card 1 x sim card slot system indicator 1 x green led for system power on 1 x blue led for hdd active 1 x green led for lan1 link 1 x green/yellow led for lan 1 speed 1 x green led for lan2 link 1 x green/yellow led for lan 2 speed 1 x green led for lan3 link 1 x green/yellow led for lan 3 speed 1 x green led for lan4 link 1 x green/yellow led for lan 4 speed power supply power input : 14vdc ~ 32vdc (isolation) typical : 24vdc power interruption class s2 power consumption 6.67a @ 12v / 3.34a @ 24v / 2.5a @ 32v operating temperature -40c ~ +70c (-40c ~ +158c) w/t ssd -25c ~ +55c (-13c ~ +131c) w/t hdd storage temperature -40c ~ +80c (-40c ~ +176c) humidity 10% ~ 90%, non-condensing vibration endurance 3 grms w/ cfast (5-500hz, x, y, z directions) 1 grms w/ hdd (5-500hz, x, y, z directions) dimensions 288 mm (11.33) (w) x 211 mm (8.3) (d) x 85.7 mm (3.37) (h) weight (net/gross) 5.5 kg (12.12 lb)/6.5 kg (14.33 lb) certifcation ce (class a), en50155, en50121, en45545, en60950 compliance eos support xpe, windows ? 7, linux *xpe: windows xp embedded ordering information standard TBOX321-870-FL-i7-dc fanless embedded system with 3rd generation intel ? core? i7 processor, 4 gb ddr3-1600, 4 10/100/1000mbps ethernent (m12), 4 isolated com, cfast? TBOX321-870-FL-i3-dc fanless embedded system with 3rd generation intel ? core? i3 processor optional 2.5 sata hdd/ssd cfast? 3g module wif module wif+bluetooth gps module m12 giga lan cable m12 power cable 16 gb or above 1 gb or above 826k3101010e 826k3101050e 826k3101060e 82606200270e 594n3202730e 594b8120b30e *specifcations and certifcations are based on options and may vary. new ip40 fanless extended t emperature en50155 m12 lan connector isolation en60950 ddr3 d d r 3 ddr3 en45545 ip40 fanless extended t emperature en50155 m12 lan connector isolation en60950 ddr3 d d r 3 ddr3 en45545 rear view front view swappable hdd/ cfast? screw type audio usb 3.0 pcie mini card slots (bottom) isolated com & dio m12 type giga lan m12 type usb 2.0 m12 type power input
266 * all specifcations and photos are subject to change without notice. axiomtek.com ? 2013 axiomtek co., ltd. all rights reserved. overview embedded systems for transportation embedded systems embedded field controllers embedded microboxes industrial barebone systems industrial chassis backplanes power supplies peripherals & accessories expansion & installation dimensions packing list 1 x quick manual 1 x driver cd 1 x screw pack 4 x foot pad 8 x hdd anti-vibration damper 1 x wall-mount kit power protection dc version scp (short circuit protection) ovp (over voltage protection) uvp (under voltage protection) onboard 3rd gen. intel ? core? i processor and 4 gb & 2 gb ddr3-1600 dram both battery and wide temperature goldcap onboard swappable and lockable sata3 hdd/ssd, audio jack, usb 3.0 & cfast? isolated rs-232/422/485 & dio 3 pcie mini card slots with 1 sim slot m12 connector for power, giga lan & usb 2.0 ports


▲Up To Search▲   

 
Price & Availability of TBOX321-870-FL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X