Part Number Hot Search : 
66510 0N60B 2N5309 OP269A VSH64115 APM2504 CONTR 36V18
Product Description
Full Text Search
 

To Download SK13-13-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds13003 rev. 8 - 3 1 of 3 sk12-sk16 www.diodes.com  diodes incorporated sk12 - sk16 surface mount schottky barrier rectifier features maximum ratings and electrical characteristics characteristic symbol sk12 sk13 sk14 sk15 sk16 units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 v maximum rms voltage v rms 14 21 28 35 42 v maximum dc blocking voltage v dc 20 30 40 50 60 v maximum average forward rectified current @ t a = 75  c i (av) 1.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 25 a maximum instantaneous forward voltage at 1.0a v f 0.55 0.70 v maximum dc reverse current at rated @ t a = 25  c dc blocking voltage @ t a = 100  c i r 0.5 10 ma maximum full load reverse current full cycle average @ t a = 75  c i r 5ma maximumthermal resistance (see note 1) r  jl 25  c/w typical total capacitance (see note 2) c t 110 pf operating temperature range t j -65 to +125  c storage temperature range t stg -65 to +150  c ratings at 25  c ambient temperature unless otherwise specified. single phase, halfwave, 60hz resistive or inductive load. a b c d g h e j notes: 1. thermal resistance from junction to lead. 2. measured at 1.0mhz and applied reverse voltage of 4.0v. 3. rohs revision 13.2.2003. glass and high temperature solder exemptions applied, see eu directive annex notes 5 and 7 . smb dim min max a 3.30 3.94 b 4.00 4.65 c 1.95 2.21 d 0.15 0.40 e 5.00 6.00 g 0.10 0.20 h 0.76 1.52 j 2.00 2.62 all dimensions in mm  case: smb  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  also available in lead free plating (matte tin finish). please see ordering information, note 5, on page 3  terminals: solderable per mil-std-202, method 208  polarity: cathode band or notch  approx. weight: 0.093 grams mechanical data  for surface mounted applications  high temperature metallurgically bonded contacts  capable of meeting environmental standards of mil-std-19500  high reliability  submersible temperature of 265  c for 10 seconds in solder bath  available in lead free finish/rohs compliant version (note 3) not recommended for new designs - use b1x0b series
ds13003 rev. 8 - 3 2 of 3 sk12-sk16 www.diodes.com 1.0 0.8 0.6 0.4 0.2 0 40 60 80 100 120 140 160 180 t , ambient temperature (oc) fig. 1, forward current derating curve a i , average o utput current (a) av single phase half-wave 60 hz resistive or inductive load 6.0mm copper pads 2 1 10 100 0 5 10 15 20 25 number of cycles @ 60 hz fig. 4, max non-repetitive peak forward surge curren t i , peak f o rward surge current (a) fsm 8.3ms single half sine-wave jedec method 0.1 1.0 10 100 10 100 400 v , reverse voltage (volts) fig. 3, typical total capacitance r c,t o tal capacitance (pf) t t = 25oc f = 1.0mhz j 0.1 0.5 0.9 1.3 1.7 2.1 0.01 0.1 1.0 4.0 v instantaneous forward voltage (v) fi g .2, t y pical forward characteristics f i , instantaneous forward current (a) f t = 25oc pulse width = 300 ms 2% duty cycle j sk12-14 sk15-16 not recommended for new designs - use b1x0b series
ds13003 rev. 8 - 3 3 of 3 sk12-sk16 www.diodes.com not recommended for new designs - use b1x0b series device packaging shipping sk12-13 smb 3000/tape & reel sk13-13 smb 3000/tape & reel sk14-13 smb 3000/tape & reel sk15-13 smb 3000/tape & reel sk16-13 smb 3000/tape & reel ordering information notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. for lead free finish; rohs compliant version part numbers, please add "-f" suffix to the part numbers above. example: sk14- 13-f. (note 4)


▲Up To Search▲   

 
Price & Availability of SK13-13-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X