Part Number Hot Search : 
50010 MA46451 KBP206 SB104 319209A 2SD2209 HPR109WH IRN50
Product Description
Full Text Search
 

To Download RBOX103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * all specifcations and photos are subject to change without notice. 289 led indicators (power, alarm, ready/active, com) 2 isolated can 2.0 a/b din-rail kit rear view RBOX103 robust din-rail fanless embedded system with intel ? atom? processor z510pt/ z520pt up to 1.33 ghz, intel ? us15wpt chipset and 2 isolated can bus fanless and cableless design supports intel ? atom? processor z510 pt 1.1 ghz or z520 pt 1.33 ghz wide temperature operation of -40c ~ +70c 2 isolated can 2.0 a/b 2 isolated ethernet 2 watchdog timer led indicators 1 wireless (3g/gprs) snmp v1/v2c supports one compactflash?, one sd card (optional) 2 power paths with terminal block and 12-48vdc supports axview monitoring software package introduction specifcations RBOX103 din-rail fanless embedded field controller supports extra low power intel ? atom? processors z510pt and z520pt with extended temperature range of -40c to +70c for use in extreme operating environments. to prevent esd and over-voltage, this super compact RBOX103 is equipped with two isolated can 2.0 a/b, two isolated ethernet for offering magnetic isolation protection. two power paths input minimize the risk of data loss in the event of a single power failure. RBOX103 is powered by ip30 housing, wide operating temperature range and safety/emi/ems compliance. besides, it is also specially designed for remote control/ monitoring management applications like automatic parking lot, traffc cabinet and more. RBOX103 features rich expansion for communication such as can bus in-vehicle network. the ready-to-run RBOX103 equipped with axview monitoring software is a total solution for facility monitoring systems, intelligent transportation systems, and more. standard color sliver-black construction extruded aluminum and heary-duty steel, ip30 cpu intel ? atom? processor z510 pt 1.1 ghz or z520 pt 1.33 ghz system memory 1 x 200-pin ddr2 so-dimm max. up to 2 gb system i/o outlet serial port 2 x rs-232/422/485 (com 1/2) (isolated com as option) interface select by software or bios supports auto flow control in rs-485 mode esd protection 15 kv serial port speed up to 115.2kbps lan 1 x 10/100/1000mbps ethernet 1 x 10/100mbps ethernet magnetic isolation protection 1.5 kv usb 2 x usb2.0 usb power distribution control by software can 2 can 2.0 a/b (db9 connector) meets iso 11898 standard system i/o outlet can sofeware control termination resistor 120 ohm magnetic isolation protection 2.5kv transmitter baud rate from 5kb/s to 1mb/s vga 1 x db15 connector power input 2 x dc power input with terminal block alarm contact one relay output with current 0.5a @30vdc wireless 1 x mini card (full size, supports usb only) 1 x sim socket onboard supports 3g/gprs watchdog timer 2 wdt wdt 1: one step is 1 sec, 255 levels wdt 2: one step is 250ms, 255 levels leds system power, alarm, ready/active, com (txd,rxd), can (act,termination indicator) alarm dc pwr1 or pwr2 is lost (default) user defne event storage supports 1 x compactflash supports 1 x sd card up to 32 gb (optional) installation din-rail, wall mount power supply 2 power paths power input range 12-48vdc power protection dc version: ovp (over voltage protection) uvp (under voltage protection) reverse protection power consumption (com port link up) with no load on 2 usb ports: 0.99a @ 12v, 11.88w 0.5a @ 24v, 12w 0.34a @ 36v, 12.24w 0.26a @ 48v, 12.48w with full load on 2 usb ports: 1.4a @ 12v, 16.88w features fanless low power extended temperature ip30 ul508 can bus isolation en60950-1 front view
290 * all specifcations and photos are subject to change without notice. axiomtek.com overview embedded systems embedded systems for transportation embedded field controllers embedded microboxes industrial barebone systems industrial chassis backplanes power supplies peripherals & accessories ? 2013 axiomtek co., ltd. all rights reserved. specifcations ordering information dimensions power supply power consumption (com port link up) 0.7a @ 24v, 17w 0.47a @ 36v, 17.24w 0.36a @ 48v, 17.48w operating temperature -40c ~ +70c (-40c ~ +158c) storage temperature -45c ~ +85c (-49c ~ +185c) humidity 5% ~ 95% weight (net/gross) 1.38 kg (3 lb)/1.72 kg (3.78 lb) dimensions 81 mm (3.18") (w) x 110 mm (4.33") (d) x 135 mm (5.31") (h) eos support xpe, wince, linux, windows 7 embedded iso manufactured in an iso9001 facility safety compliance ul508, ul60950-1 heavy industrial ce, including: en60950-1, iec60950-1 emi compliance fcc part 18 heavy industrial ce, including: en61000-6-4, en61000-3-2, en61000-3-3 ems compliance heavy industrial ce, including: en61000-6-2 en61000-4-2 (esd standards) * contact: +/- 6 kv; criteria b * air: +/- 8 kv; criteria b en61000-4-3 (radiated rfi standards) * 10v/m, 80 to 1000 mhz; 80% am criteria a en61000-4-4 (burst standards) * signal ports: +/- 2 kv; criteria b * dc power ports: +/- 2 kv; criteria b en61000-4-5 (surge standards) * signal ports: +/- 1 kv; line-to-line; criteria b * dc power ports: +/- 0.5 kv; line-to-earth; criteria b en61000-4-6 (induced rfi standards) * signal ports: 10 vrms @ 0.15 ~ 80 mhz; 80% am criteria a * dc power ports: 10 vrms @ 0.15 ~ 80 mhz; 80% am criteria a en61000-4-8 (magnetic feld standards) * 30 a/m @ 50, 60 hz; criteria a standard RBOX103-fl1.1g robust din-rail fanless embedded system with intel ? atom tm processor z510pt 1.1 ghz and 2 isolated can 2.0 (-40c ~ +70c) RBOX103-fl1.33g robust din-rail fanless embedded system with intel ? atom tm processor z520pt 1.33 ghz and 2 isolated can 2.0 (-40c ~ +70c) environmental test compliance iec60068-2-6 fc (vibration resistance) 5 g @ 10 ~ 150 hz, amplitude 0.35 mm (operation/storage/ transport) iec60068-2-27 ea (shock) 25 g @ 11 ms (half-sine shock pulse; operation); 50 g @ 11 ms (half-sine shock pulse; storage/transport) iec60068-2-32 ed (free fall) 1 m (3.281ft) optional ddr2 sodimm 1 gb ~ 2 gb (with w.t. memory) ddr2 sodimm 1 gb ~ 2 gb (with 0c ~ +85c memory; operating temperature: 0c ~ +70c) compactflash 2 gb or above (with w.t. cf) wall mount kit wireless (3g/gprs) module for rbox series *specifcations and certifcations are based on options and may vary .


▲Up To Search▲   

 
Price & Availability of RBOX103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X