Part Number Hot Search : 
50N06 50020 20ETTTS OPB703W HT48R02N 12004 ELECTRON TYN690
Product Description
Full Text Search
 

To Download JANTXV2N4860 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 lake street, lawrence, ma 01841 rev: b 1-800-446-1158 / (978) 794-1666 / fax: (978) 689- 0803 page 1 of 2 2n4856 jan, jtx, jtxv 2n4857 jan, jtx, jtxv 2n4858 jan, jtx, jtxv 2n4859 jan, jtx, jtxv 2n4860 jan, jtx, jtxv 2n4861 jan, jtx, jtxv power mosfet n channel processed per mil-prf-19500/385 absolute maximum ratings (t c = 25 0 c unless otherwise noted) parameters / test conditions symbol 2n4856 2n4857 2n4858 2n4859 2n4860 2n4861 unit gate-source voltage v gs -40 -30 v drain-source voltage v ds 40 30 v drain-gate voltage v dg 40 30 v gate current i g 50 ma power dissipation t a = 25 0 c (1) t c = 25 0 c (2) p t 0.36 1.8 w w operating junction & storage temperature range t j , t stg -65 to +200 0 c (1) derate linearly 2.06 mw/ 0 c for t a > 25 0 c. (2) derate linearly 10.3 mw/ 0 c for t c > 25 0 c. electrical characteristics (t c = 25 0 c unless otherwise noted) parameters / test conditions symbol min. max. units gate-source breakdown voltage v ds = 0, i g = 1.0 m adc 2n4856, 2n4857, 2n4858 2n4859, 2n4860, 2n4861 v (br)gss -40 -30 vdc gate-source ?off? state voltage v ds = 15 vdc, i d = 0.5 h adc 2n4856, 2n4859 2n4857, 2n4860 2n4858, 2n4861 v gs(on) -4.0 -2.0 -0.8 -10 -6.0 -4.0 vdc gate reverse current v ds = 0, v gs = -20 vdc 2n4856, 2n4857, 2n4858 v ds = 0, v gs = -15 vdc 2n4859, 2n4860, 2n4861 i gss -0.25 -0.25 h a drain current v gs = -10 vds, v ds = 15 vdc i d(off) 0.25 h a t echnical d ata to-18 (to-206aa) mil-prf qpl devices
6 lake street, lawrence, ma 01841 rev: b 1-800-446-1158 / (978) 794-1666 / fax: (978) 689- 0803 page 2 of 2 2n4856, 2n4857, 2n4858, 2n4859, 2n4860, 2n24861 jan series electrical characteristics (t c = 25 0 c unless otherwise noted) ( con?t) parameters / test conditions symbol min. max. units drain current v gs = 0, v ds = 15 vdc 2n4856, 2n4859 2n4857, 2n4860 2n4858, 2n4861 i dss 50 20 8.0 175 100 80 ma static drain - source ?on? state resistance v gs = 0, i d = 1.0 madc 2n4856, 2n4859 2n4857, 2n4860 2n4858, 2n4861 r ds (on) 25 40 60 w drain-source ?on? state voltage v gs = 0, i d = 20 madc 2n4856, 2n4859 v gs = 0, i d = 10 madc 2n4857, 2n4860 v gs = 0, i d = 5.0 madc 2n4858, 2n4861 v ds(on) 0.75 0.50 0.50 vdc small-signal, common-source reverse transfer capacitance v gs = -10 vdc, v ds = 0, f = 1.0 mhz c 1 = 0.1 m f, l 1 = l 2 3 500 m h c rss 8.0 pf small-signal, common-source short-circuit input capacitance v gs = -10 vdc, v ds = 0, f = 1.0 mhz c 1 = 0.1 m f, c 2 = 20.1 m fl 1 = l 2 3 500 m h c iss 18 pf


▲Up To Search▲   

 
Price & Availability of JANTXV2N4860

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X