Part Number Hot Search : 
A1302 2SC22 STD4NC50 1207A SC000 74HCT3 HV732 L9UG5233
Product Description
Full Text Search
 

To Download ISL9R18120G2NL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2004 fairchild semiconductor corporation march 2004 isl9r18120g2 / isl9r18120p2 / isl9r18120s3s isl9r18120g2 / isl9r18120p2 / isl9r18120s3s rev. b isl9r18120g2 / isl9r18120p2 / isl9r18120s3s 18a, 1200v stealth? diode general description the isl9r18120g2, isl9r18120p2 and isl9r18120s3s are stealth? diodes optimized for low loss performance in high frequency hard switched applications. the stealth? family exhibits low reverse recovery current (i rm(rec) ) and exceptionally soft recovery under typical operating conditions. this device is intended for use as a free wheeling or boost diode in power supplies and other power switching applications. the low i rm(rec) and short t a phase reduce loss in switching transistors. the soft recovery minimizes ringing, expanding the range of conditions under which the diode may be operated without the use of additional snubber circuitry. consider using the stealth? diode with a 1200v npt igbt to provide the most efficient and highest power density design at lower cost. features  soft recovery . . . . . . . . . . . . . . . . . . . . . . . . t b / t a > 5.0  fast recovery . . . . . . . . . . . . . . . . . . . . . . . . . t rr < 45ns  operating temperature . . . . . . . . . . . . . . . . . . . . 150 o c  reverse voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 1200v  avalanche energy rated applications  switch mode power supplies  hard switched pfc boost diode  ups free wheeling diode  motor drive fwd  smps fwd  snubber diode device maximum ratings t c = 25c unless otherwise noted symbol parameter ratings units v rrm repetitive peak reverse voltage 1200 v v rwm working peak reverse voltage 1200 v v r dc blocking voltage 1200 v i f(av) average rectified forward current (t c = 92 o c) 18 a i frm repetitive peak surge current (20khz square wave) 36 a i fsm nonrepetitive peak surge current (halfwave 1 phase 60hz) 200 a p d power dissipation 125 w e avl avalanche energy (1a, 40mh) 20 mj t j , t stg operating and storage temperature range -55 to 150 c t l t pkg maximum temperature for soldering leads at 0.063in (1.6mm) from case for 10s package body for 10s, see application note an-7528 300 260 c c caution: stresses above those listed in ?absolute maximum ratings? may cause permanent damage to the device. this is a stress o nly rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specificatio n is not implied. k a jedec to-220ac anode cathode jedec to-263ab cathode (flange) n / c 2 lead to-247 anode cathode cathode (bottom side metal) anode cathode (flange) package symbol
?2004 fairchild semiconductor corporation isl9r18120g2 / isl9r18120p2 / isl9r18120s3s rev. b isl9r18120g2 / isl9r18120p2 / isl9r18120s3s package marking and ordering information electrical characteristics t c = 25 c unless otherwise noted off state characteristics on state characteristics dynamic characteristics switching characteristics thermal characteristics device marking device package tape width quantity r18120g2 isl9r18120g2 to-247 n/a 30 r18120p2 isl9r18120p2 to-220ac n/a 50 r18120s3 isl9r18120s3s to-263ab 24mm 800 symbol parameter test conditions min typ max units i r instantaneous reverse current v r = 1200v t c = 25 c - - 100 a t c = 125 c--1.0ma v f instantaneous forward voltage i f = 18a t c = 25 c-2.73.3v t c = 125 c-2.53.1v c j junction capacitance v r = 10v, i f = 0a - 69 - pf t rr reverse recovery time i f = 1a, di f /dt = 100a/s, v r = 30v - 38 45 ns i f = 18a, di f /dt = 100a/s, v r = 30v - 60 70 ns t rr reverse recovery time i f = 18a, di f /dt = 200a/s, v r = 780v, t c = 25 c - 300 - ns i rm(rec) maximum reverse recovery current - 6.5 - a q rr reverse recovered charge - 950 - nc t rr reverse recovery time i f = 18a, di f /dt = 200a/s, v r = 780v, t c = 125 c - 400 - ns s softness factor (t b /t a )-7.0-- i rm(rec) maximum reverse recovery current - 8.0 - a q rr reverse recovered charge - 2.0 - c t rr reverse recovery time i f = 18a, di f /dt = 1000a/s, v r = 780v, t c = 125 c - 235 - ns s softness factor (t b /t a )-5.2-- i rm(rec) maximum reverse recovery current - 22 - a q rr reverse recovered charge - 2.1 - c di m /dt maximum di/dt during t b - 370 - a/s r jc thermal resistance junction to case to-247, to-220, to-263 - - 1.0 c/w r ja thermal resistance junction to ambient to-247 - - 30 c/w r ja thermal resistance junction to ambient to-220, to-263 - - 62 c/w
?2004 fairchild semiconductor corporation isl9r18120g2 / isl9r18120p2 / isl9r18120s3s rev. b isl9r18120g2 / isl9r18120p2 / isl9r18120s3s typical performance curves figure 1. forward current vs forward voltage figure 2. reverse current vs reverse voltage figure 3. t a and t b curves vs forward current figure 4. t a and t b curves vs di f /dt figure 5. maximum reverse recovery current vs forward current figure 6. maximum reverse recovery current vs di f /dt 0 5 10 15 20 25 30 0.25 0.75 1.25 1.75 2.25 2.75 3.25 v f , forward voltage (v) i f , forward current (a) 25 o c 150 o c 125 o c 100 o c 0.01 0.1 1 10 100 1000 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 0.1 v r , reverse voltage (kv) i r , reverse current (a) 25 o c 100 o c 75 o c 150 o c 125 o c 0 100 200 300 400 500 600 0 3 6 9 12 15 18 21 24 27 30 i f , forward current (a) t, recovery times (ns) t a at di f /dt = 200a/s, 500a/s, 800a/s t b at di f /dt = 200a/s, 500a/s, 800a/s v r = 780v, t c = 125 o c 0 100 200 300 400 500 600 200 400 600 800 1000 1200 1400 di f /dt, current rate of change (a/s) t, recovery times (ns) v r = 780v, t c = 125 o c t b at i f = 30a, 15a, 7.5a t a at i f = 30a, 15a, 7.5a 5 10 15 20 25 0 3 6 9 12 15 18 21 24 27 30 i f , forward current (a) i rm(rec) , max reverse recovery current (a) di f /dt = 800a/s di f /dt = 600a/s di f /dt = 200a/s v r = 780v, t c = 125 o c 5 10 15 20 25 200 400 600 800 1000 1200 1400 di f /dt, current rate of change (a/s) i f = 30a i f = 7.5a i rm(rec) , max reverse recovery current (a) i f = 15a v r = 780v, t c = 125 o c
?2004 fairchild semiconductor corporation isl9r18120g2 / isl9r18120p2 / isl9r18120s3s rev. b isl9r18120g2 / isl9r18120p2 / isl9r18120s3s figure 7. reverse recovery softness factor vs di f /dt figure 8. reverse recovered charge vs di f /dt figure 9. junction capacitance vs reverse voltage figure 10. reverse recovery current and times vs case temperature figure 11. dc current derating curve typical performance curves (continued) 3 4 5 6 7 8 9 10 200 400 600 800 1000 1200 1400 di f /dt, current rate of change (a/s) v r = 780v, t c = 125 o c i f = 30a i f = 15a i f = 7.5a s, reverse recovery softness factor 800 1200 1600 2000 2400 2800 3200 3600 200 400 600 800 1000 1200 1400 di f /dt, current rate of change (a/s) v r = 780v, t c = 125 o c i f = 30a i f = 15a i f = 7.5a q rr , reverse recovered charge (nc) 0 200 400 600 800 1000 1200 0.1 1 10 100 0.01 v r , reverse voltage (v) c j , junction capacitance (pf) f = 1mh z t c , case temperature ( o c) 25 50 75 100 125 150 t rr , recovery times (ns) i rm(rec) , max reverse recovery current (a) -12.5 -12.0 -11.5 -11.0 -10.5 -10.0 -9.5 -9.0 -8.5 240 260 280 300 320 340 360 380 400 t rr i rm(rec) i f = 18a, v r = 780v, di f /dt = 300a/s 5 0 100 110 130 80 150 120 10 15 20 t c , case temperature ( o c) i f(av) , average forward current (a) 140 90
?2004 fairchild semiconductor corporation isl9r18120g2 / isl9r18120p2 / isl9r18120s3s rev. b isl9r18120g2 / isl9r18120p2 / isl9r18120s3s figure 12. normalized maximum transient thermal impedance typical performance curves (continued) t, rectangular pulse duration (s) 10 -5 10 -2 10 -1 z ja , normalized thermal impedance 0.01 10 -4 10 -3 single pulse 10 0 0.1 10 1 duty cycle - descending order 0.5 0.2 0.1 0.05 0.01 0.02 notes: duty factor: d = t 1 /t 2 peak t j = p dm x z ja x r ja + t a p dm t 1 t 2 1.0 test circuit and waveforms figure 13. t rr test circuit figure 14. t rr waveforms and definitions figure 15. avalanche energy test circuit figure 16. avalanche current and voltage waveforms r g l v dd mosfet current sense dut v ge t 1 t 2 v ge amplitude and t 1 and t 2 control i f r g control di f /dt + - dt di f i f t rr t a t b 0 i rm 0.25 i rm dut current sense + lr v dd r < 0.1 ? e avl = 1/2li 2 [v r(avl) /(v r(avl) - v dd )] q 1 = igbt (bv ces > dut v r(avl) ) - v dd q 1 i = 1a l = 40mh v dd = 50v iv t 0 t 1 t 2 i l v av l t i l
disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production isoplanar? littlefet? microcoupler? microfet? micropak? microwire? msx? msxpro? ocx? ocxpro? optologic ? optoplanar? pacman? fact quiet series? fast ? fastr? fps? frfet? globaloptoisolator? gto? hisec? i 2 c? implieddisconnect? rev. i9 acex? activearray? bottomless? coolfet? crossvolt ? dome? ecospark? e 2 cmos? ensigna? fact? pop? power247? powersaver? powertrench ? qfet ? qs? qt optoelectronics? quiet series? rapidconfigure? rapidconnect? silent switcher ? smart start? spm? stealth? superfet? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic ? tinyopto? trutranslation? uhc? ultrafet ? vcx? across the board. around the world.? the power franchise ? programmable active droop?
careers | sitema go datasheets, samples, buy technical information applications design center support company investors my f a home >> find products >> isl9r18120s3s 18a, 1200v stealth diod e, to263/d2pak package general description back to top features contents ? general description ? features ? applications ? product status/pricing/packaging ? order samples ? qualification support the isl9r18120g2, isl9r18120p2 and isl9r18120s3s are stealth tm diodes optimized for low loss performance in high frequency hard switched applications. the stealth tm family exhibits low re verse recovery current (i rm(rec) ) and exceptionally soft recovery under typical operating conditions. this device is intended for use as a free wheeling or boost diode in power supplies and other power switching applications. the low i rm(rec) and short t a phase reduce loss in switching transistors. the soft recovery minimizes ringing, expanding the range of conditions under which the diode may be operated without the use of additional snubber circuitry. consider using the stealth tm diode with a 1200v npt igbt to provide the most efficient and highest power density design at lower cost. formerly developmental type ta49414. z soft recovery . . . . . . . . . . .t b / t a > 5.0 z fast recovery . . . . . . . . . . . t rr < 45ns z operating temperature . . . . . . . .150c z reverse voltage. . . . . . . . . . . 1200v datasheet download this datasheet e - mail this datasheet this page print version related links request samples how to order products product change notices (pcns) support sales support quality and reliability design cente r pa g e 1 of 3 product folder - fairchild p/ n isl9r18120s3s - 18a, 1200v stea lth diode, to263/d2pak package 17-au g -2007 mhtml:file://c:\temp\isl9r18120s3st.mht
product status/pricing/packaging back to top qualification support click on a product for detailed qualification data back to top back to top applications back to top z avalanche energy rated z switch mode power supplies z hard switched pfc boost diode z ups free wheeling diode z motor drive fwd z smps fwd z snubber diode product product status pb-free status pricing* package type leads packing method package marking convention** isl9r18120s3st full production $2.15 to - 263(d2pak) 2 tape reel line 1: $y (fairchild logo) & z (asm. plant code) & 3 (3-digit date code) & t (die trace code) line 2: r18120s3 * fairchild 1,000 piece budgetary pricing ** a sample button will appear if the part is available through fa irchild's on-line samples program. if there is no sample butt on, please contact a fairchild distributo r to obtain samples indicates product with pb -free second-level interconne ct. for more information click here. package marking information for product isl9r18120s3s is available. click here for more information . product isl9r18120s3st ? 2007 fairchild semiconductor pa g e 2 of 3 product folder - fairchild p/ n isl9r18120s3s - 18a, 1200v stea lth diode, to263/d2pak package 17-au g -2007 mhtml:file://c:\temp\isl9r18120s3st.mht
products | design center | support | company news | investors | my fairchild | contact us | site index | privacy policy | site terms & conditions | standard terms & conditions o pa g e 3 of 3 product folder - fairchild p/ n isl9r18120s3s - 18a, 1200v stea lth diode, to263/d2pak package 17-au g -2007 mhtml:file://c:\temp\isl9r18120s3st.mht


▲Up To Search▲   

 
Price & Availability of ISL9R18120G2NL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X