Part Number Hot Search : 
AC500 960R0 FPF2163 KQB3N40 88PG8216 P6KE12 B10100 MAX1352
Product Description
Full Text Search
 

To Download IRF2805SPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v 135  i d @ t c = 100c continuous drain current, v gs @ 10v 96  a i dm pulsed drain current   700 p d @t c = 25c power dissipation 200 w linear derating factor 1.3 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy  380 mj e as (6 sigma) single pulse avalanche energy tested value  1220 i ar avalanche current  see fig.12a, 12b, 15, 16 a e ar repetitive avalanche energy  mj dv/dt peak diode recovery dv/dt  2.0 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c hexfet ? power mosfet absolute maximum ratings v dss = 55v r ds(on) = 4.7m ? i d = 135a   www.irf.com 1 automotive mosfet pd - 95944 hexfet(r) is a registered trademark of international rectifier. description specifically designed for automotive applications, this hexfet? power mosfet utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. additional features of this product are a 175c junction operating temperature, fast switching speed and improved repetitive avalanche rating . these features com- bine to make this design an extremely efficient and reliable device for use in automotive applications and a wide variety of other applications. s d g features  advanced process technology  ultra low on-resistance  175c operating temperature  fast switching  repetitive avalanche allowed up to tjmax typical applications  climate control  abs  electronic braking  windshield wipers  lead-free IRF2805SPBF irf2805lpbf d 2 pak IRF2805SPBF to-262 irf2805lpbf thermal resistance parameter typ. max. units r jc junction-to-case ??? 0.75 r ja junction-to-ambient (pcb mounted, steady state)** ??? 40 c/w

 2 www.irf.com parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 55 ??? ??? v v gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.06 ??? v/c reference to 25c, i d = 1ma r ds(on) static drain-to-source on-resistance ??? 3.9 4.7 m ? v gs = 10v, i d = 104a  v gs(th) gate threshold voltage 2.0 ??? 4.0 v v ds = 10v, i d = 250a g fs forward transconductance 91 ??? ??? s v ds = 25v, i d = 104a ??? ??? 20 a v ds = 55v, v gs = 0v ??? ??? 250 v ds = 44v, v gs = 0v, t j = 150c gate-to-source forward leakage ??? ??? 200 v gs = 20v gate-to-source reverse leakage ??? ??? -200 na v gs = -20v q g total gate charge ??? 150 230 i d = 104a q gs gate-to-source charge ??? 38 57 nc v ds = 44v q gd gate-to-drain ("miller") charge ??? 52 78 v gs = 10v  t d(on) turn-on delay time ??? 14 ??? v dd = 28v t r rise time ??? 120 ??? i d = 104a t d(off) turn-off delay time ??? 68 ??? r g = 2.5 ? t f fall time ??? 110 ??? v gs = 10v  between lead, ??? ??? 6mm (0.25in.) from package and center of die contact c iss input capacitance ??? 5110 ??? v gs = 0v c oss output capacitance ??? 1190 ??? pf v ds = 25v c rss reverse transfer capacitance ??? 210 ??? ? = 1.0mhz, see fig. 5 c oss output capacitance ??? 6470 ??? v gs = 0v, v ds = 1.0v, ? = 1.0mhz c oss output capacitance ??? 860 ??? v gs = 0v, v ds = 44v, ? = 1.0mhz c oss eff. effective output capacitance  ??? 1600 ??? v gs = 0v, v ds = 0v to 44v nh electrical characteristics @ t j = 25c (unless otherwise specified) l d internal drain inductance l s internal source inductance ??? ??? s d g i gss ns 4.5 7.5 i dss drain-to-source leakage current   repetitive rating; pulse width limited by max. junction temperature. (see fig. 11).   starting t j = 25c, l = 0.08mh r g = 25 ? , i as = 104a. (see figure 12).  i sd 104a, di/dt 240a/s, v dd v (br)dss , t j 175c  pulse width 400s; duty cycle 2%.  s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source current integral reverse (body diode)  ??? ??? p-n junction diode. v sd diode forward voltage ??? ??? 1.3 v t j = 25c, i s = 104a, v gs = 0v  t rr reverse recovery time ??? 80 120 ns t j = 25c, i f = 104a q rr reverse recovery charge ??? 290 430 nc di/dt = 100a/s   t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) source-drain ratings and characteristics 175  700   c oss eff. is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss .  calculated continuous current based on maximum allowable junction temperature. package limitation current is 75a.  limited by t jmax , see fig.12a, 12b, 15, 16 for typical repetitive avalanche performance.  this value determined from sample failure population. 100% tested to this value in production.

 www.irf.com 3 fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 175a 4. 0 5.0 6. 0 7. 0 8. 0 9. 0 10. 0 v gs , gate-to-source voltage (v) 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 175c v ds = 25v 20s pulse width 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 4.5v 20s pulse width tj = 25c vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 0.1 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 4.5v 20s pulse width tj = 175c vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v

 4 www.irf.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 v sd , source-todrain voltage (v) 0.1 1.0 10.0 100.0 1000.0 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v 1 10 100 1000 v ds , drain-tosource voltage (v) 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 175c single pulse 1msec 10msec operation in this area limited by r ds (on) 100sec 1 10 100 v ds , drain-to-source voltage (v) 0 2000 4000 6000 8000 10000 c , c a p a c i t a n c e ( p f ) cos s crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 40 80 120 160 200 240 q g total gate charge (nc) 0 4 8 12 16 20 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 44v vds= 28v i d = 104a

 www.irf.com 5 fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature v ds 90% 10% v gs t d(on) t r t d(off) t f   
 1     0.1 %    
 + -   fig 10a. switching time test circuit fig 10b. switching time waveforms 25 50 75 100 125 150 175 0 20 40 60 80 100 120 140 t , case temperature ( c) i , drain current (a) c d limited by package 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)

 6 www.irf.com q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -  fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as fig 14. threshold voltage vs. temperature r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v v gs -75 -50 -25 0 25 50 75 100 125 150 175 t j , temperature ( c ) 1. 0 2. 0 3. 0 4. 0 - v g s ( t h ) g a t e t h r e s h o l d v o l t a g e ( v ) i d = 250a 25 50 75 100 125 150 175 0 200 400 600 800 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 42.5a 73.5a 104a

 www.irf.com 7 fig 15. typical avalanche current vs.pulsewidth fig 16. maximum avalanche energy vs. temperature notes on repetitive avalanche curves , figures 15, 16: (for further info, see an-1005 at www.irf.com) 1. avalanche failures assumption: purely a thermal phenomenon and failure occurs at a temperature far in excess of t jmax . this is validated for every part type. 2. safe operation in avalanche is allowed as long ast jmax is not exceeded. 3. equation below based on circuit and waveforms shown in figures 12a, 12b. 4. p d (ave) = average power dissipation per single avalanche pulse. 5. bv = rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. i av = allowable avalanche current. 7. ? t = allowable rise in junction temperature, not to exceed t jmax (assumed as 25c in figure 15, 16). t av = average time in avalanche. d = duty cycle in avalanche = t av f z thjc (d, t av ) = transient thermal resistance, see figure 11) p d (ave) = 1/2 ( 1.3bvi av ) =   t/ z thjc i av = 2  t/ [1.3bvz th ] e as (ar) = p d (ave) t av 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 100 200 300 400 e a r , a v a l a n c h e e n e r g y ( m j ) top single pulse bottom 10% duty cycle i d = 104a 1.0e-07 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 tav (sec) 0.1 1 10 100 1000 10000 a v a l a n c h e c u r r e n t ( a ) 0.05 duty cycle = single pulse 0.10 allowed avalanche current vs avalanche pulsewidth, tav assuming ? tj = 25c due to avalanche losses. note: in no case should tj be allowed to exceed tjmax 0.01

 8 www.irf.com  
       p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -       ?   ?   

 ?

    
 !"!  ? "#$  ? %&  ? "#"'(  !  )*     &)
)&!+        ,- )"(".

   for n-channel  hexfet ? power mosfets

 www.irf.com 9 n ote: "p " in as s embly line pos ition indicates "l ead-f ree" f 530s t h is is an ir f 530s wit h lot code 8024 as s emb led on ww 02, 2000 in the assembly line "l" as s e mb l y lot code in t e r n at ion al rectifier logo part number date code ye ar 0 = 2000 week 02 line l  f 530s a = as s e mb l y s it e co d e we e k 02 p = de s ignat e s l e ad-f r e e product (optional) r e ct if ie r int e r nat ional logo lot code assembly ye ar 0 = 2000 date code part number   

 
    
 dimensions are shown in millimeters (inches)

 10 www.irf.com to-262 part marking information to-262 package outline assembly lot code rectifier int e r n at ional as s e mb l e d on ww 19, 1997 n ote: "p " in as s embly line pos ition indicates "l ead-f ree" in the assembly line "c" logo t h is is an ir l 3103l lot code 1789 example: line c dat e code week 19 ye ar 7 = 1997 part number part number logo lot code assembly int e r n at ional rectifier product (optional) p = d e s ign at e s l e ad -f r e e a = assembly site code week 19 ye ar 7 = 1997 date code or

 www.irf.com 11 data and specifications subject to change without notice. this product has been designed and qualified for the industrial market. qualification standards can be found on ir?s web site. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 11/04 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. d 2 pak tape & reel infomation


▲Up To Search▲   

 
Price & Availability of IRF2805SPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X