Part Number Hot Search : 
WF102U MMSZ4700 C847B LTC1410I CP800 ALQ50 WF430 IDT74FC
Product Description
Full Text Search
 

To Download IPB60R099CP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IPB60R099CP coolmos tm power transistor features ? worldwide best r ds,on in to263 ? ultra low gate charge ? extreme dv/dt rated ? high peak current capability ? qualified according to jedec 1) for target applications ? pb-free lead plating; rohs compliant coolmos cp is specially designed for: ? hard switching smps topologies for server and telecom maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current i d t c =25 c a t c =100 c pulsed drain current 2) i d,pulse t c =25 c avalanche energy, single pulse e as i d =11 a, v dd =50 v 800 mj avalanche energy, repetitive t ar 2),3) e ar i d =11 a, v dd =50 v avalanche current, repetitive t ar 2),3) i ar a mosfet d v /d t ruggedness d v /d t v ds =0...480 v v/ns gate source voltage v gs static v ac ( f >1 hz) power dissipation p tot t c =25 c w operating and storage temperature t j , t stg c 30 255 -55 ... 150 1.2 11 50 20 value 31 19 93 v ds @ t j,max 650 v r ds(on),max 0.099 ? q g,typ 60 nc product summary pg-to263 type package ordering code marking IPB60R099CP pg-to263 sp000088490 6r099 rev. 2.0 page 1 2006-06-19
IPB60R099CP maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous diode forward current i s a diode pulse current 2) i s,pulse 93 reverse diode d v /d t 4) d v /d t 15 v/ns parameter symbol conditions unit min. typ. max. thermal characteristics thermal resistance, junction - case r thjc - - 0.5 k/w r thja smd version, device on pcb, minimal footprint --62 smd version, device on pcb, 6 cm 2 cooling area 5) -35- soldering temperature, reflowsoldering t sold reflow msl 1 - - 260 c electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0 v, i d =250 a 600 - - v gate threshold voltage v gs(th) v ds = v gs , i d =1.2 ma 2.5 3 3.5 zero gate voltage drain current i dss v ds =600 v, v gs =0 v, t j =25 c --5a v ds =600 v, v gs =0 v, t j =150 c -50- gate-source leakage current i gss v gs =20 v, v ds =0 v - - 100 na drain-source on-state resistance r ds(on) v gs =10 v, i d =18 a, t j =25 c - 0.09 0.099 ? v gs =10 v, i d =18 a, t j =150 c - 0.24 - gate resistance r g f =1 mhz, open drain - 1.3 - ? value t c =25 c 18 values thermal resistance, junction - ambient rev. 2.0 page 2 2006-06-19
IPB60R099CP parameter symbol conditions unit min. typ. max. dynamic characteristics input capacitance c iss - 2800 - pf output capacitance c oss - 130 - effective output capacitance, energy related 6) c o(er) - 130 - effective output capacitance, time related 7) c o(tr) - 340 - turn-on delay time t d(on) -10-ns rise time t r -5- turn-off delay time t d(off) -60- fall time t f -5- gate charge characteristics gate to source charge q gs -14-nc gate to drain charge q gd -20- gate charge total q g -6080 gate plateau voltage v plateau - 5.0 - v reverse diode diode forward voltage v sd v gs =0 v, i f =18 a, t j =25 c - 0.9 1.2 v reverse recovery time t rr - 450 - ns reverse recovery charge q rr -12-c peak reverse recovery current i rrm -70-a 1) j-std20 and jesd22 2) pulse width t p limited by t j,max 7) c o(tr) is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss. 4) i sd <=i d , di/dt<=100a/s,v dclink = 400v, vpeak IPB60R099CP 1 power dissipation 2 safe operating area p tot =f( t c ) i d =f( v ds ); t c =25 c; d =0 parameter: t p 3 max. transient thermal impedance 4 typ. output characteristics z thjc =f( t p ) i d =f( v ds ); t j =25 c parameter: d=t p / t parameter: v gs 0 100 200 300 0 40 80 120 160 t c [c] p tot [w] 1 s 10 s 100 s 1 ms 10 ms dc 10 3 10 2 10 1 10 0 10 2 10 1 10 0 10 -1 v ds [v] i d [a] single pulse 0.01 0.02 0.05 0.1 0.2 0.5 10 0 10 -1 10 -2 10 -3 10 -4 10 -5 10 0 10 -1 10 -2 t p [s] z thjc [k/w] 4.5 v 5 v 5.5 v 6 v 7 v 8 v 10 v 20 v 0 15 30 45 60 75 90 105 120 0 5 10 15 20 v ds [v] i d [a] limited by on-state resistance rev. 2.0 page 4 2006-06-19
IPB60R099CP 5 typ. output characteristics 6 typ. drain-source on-state resistance i d =f( v ds ); t j =150 c r ds(on) =f( i d ); t j =150 c parameter: v gs parameter: v gs 7 drain-source on-state resistance 8 typ. transfer characteristics r ds(on) =f( t j ); i d =18 a; v gs =10 v i d =f( v gs ); | v ds |>2| i d | r ds(on)max parameter: t j typ 98 % 0 0.05 0.1 0.15 0.2 0.25 0.3 -60 -20 20 60 100 140 180 t j [c] r ds(on) [ ? ] c 25 c 150 0 40 80 120 160 0246810 v gs [v] i d [a] 4.5 v 5 v 5.5 v 6 v 7 v 8 v 10 v 20 v 0 10 20 30 40 50 0 5 10 15 20 v ds [v] i d [a] 5 v 5.5 v 6 v 6.5 v 7 v 20 v 0 0.1 0.2 0.3 0.4 0.5 0 1020304050 i d [a] r ds(on) [ ? ] rev. 2.0 page 5 2006-06-19
IPB60R099CP 9 typ. gate charge 10 forward characteristics of reverse diode v gs =f( q gate ); i d =18 a pulsed i f =f( v sd ) parameter: v dd parameter: t j 11 avalanche energy 12 drain-source breakdown voltage e as =f( t j ); i d =11 a; v dd =50 v v br(dss) =f( t j ); i d =0.25 ma 25 c 150 c 25 c, 98% 150 c, 98% 10 2 10 1 10 0 10 -1 0 0.5 1 1.5 2 v sd [v] i f [a] 120 v 400 v 0 2 4 6 8 10 0 102030405060 q gate [nc] v gs [v] 540 580 620 660 700 -60 -20 20 60 100 140 180 t j [c] v br(dss) [v] 0 300 600 900 20 60 100 140 180 t j [c] e as [mj] rev. 2.0 page 6 2006-06-19
IPB60R099CP 13 typ. capacitances 14 typ. coss stored energy c =f( v ds ); v gs =0 v; f =1 mhz e oss = f (v ds ) 0 4 8 12 16 20 0 100 200 300 400 500 600 v ds [v] e oss [j] ciss coss crss 10 5 10 4 10 3 10 2 10 1 10 0 0 100 200 300 400 500 v ds [v] c [pf] rev. 2.0 page 7 2006-06-19
IPB60R099CP definition of diode switching characteristics rev. 2.0 page 8 2006-06-19
IPB60R099CP pg-to263-3-2/to263-3-5/to263-3-22: outlines dimensions in mm/inches rev. 2.0 page 9 2006-06-19
IPB60R099CP published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2006. a ll rights reserved. a ttention please! the information given in this data sheet shall in no event be r egarded as a guarantee of conditions o characteristics (beschaffenheitsgarantie). with respect to an y examples or hints given herein, any typica values stated herein and/or any information regarding the appli cation of the device, infineon technologie s hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties o non-infringement of intellectual property rights of any third p arty information for further information on technology, delivery terms and condi tions and prices please contact your neares infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the type s in question please contact your nearest infineon technologies o ffice . infineon technologies components may only be used in life-suppo rt devices or systems with the expres s written approval of infineon technologies, if a failure of suc h components can reasonably be expected t o cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be impl anted in the human body, or to support and/o r maintain and sustain and/or protect human life. if they fail, i t is reasonable to assume that the health of th e user or other persons may be endangered . rev. 2.0 page 10 2006-06-19


▲Up To Search▲   

 
Price & Availability of IPB60R099CP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X