Part Number Hot Search : 
APTGF APTGF M62713 FR7810DD EPA3522 JR220 AP4569GH B1286
Product Description
Full Text Search
 

To Download HLG-60H-C700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification mo d el rated current rated power output current adj. range setup, rise time hold up time (typ.) voltage range note.2 frequency range power factor (typ.) efficiency (typ.) ac current (typ.) input inrush current ( .)typ leakage current safety standards note.3 working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over temperature over voltage can be adjusted by internal potentiometer or through output cable 1 6ms at full load 230vac / 115vac 1500ms, 80ms / 115vac at full load 1000ms, 80ms / 230vac at full load 90 ~ 305vac 127vdc ~ 431vdc 47 ~ 63hz 0.69a / 115vac 0.35a / 230vac 0.29a / 277vac cold start 70a / 230vac <0.75ma / 277vac -40 ~ +70 (refer to "derating curve") j 10 ~ 95% rh non-condensing -40 ~ +80 , 10 ~ 95% rh j ? j j 0.03%/ (0 ~ 50 ) 10 ~ 500hz, 5g 12min./1cycle, period for 72min. each along x, y, z axes 338k hrs min. mil-hdbk-217f (25 ) j 171*61.5*36.8 mm (l*w*h) ripple current ripple & noise note.7 environment safety & emc protection 85 10 (rth2) j ? j 230 ~ 250v protection type : shut down o/p voltage, re-power on to recover protection type : shut down o/p voltage with auto-recovery or re-power on to reco very short circuit 91% pf >0.98/115vac, pf>0.96/230vac, pf>0.94/277vac at full load (please refer to "power factor characteristic" curve) hlg-60h-c350 HLG-60H-C700 ? 5% 1v 1. all parameters not specially mentioned are measured at 230vac input, rated load and 25 of ambient temperature. 2. de rating may be needed under low input voltages. please check the static characteristics for more details. 3. safety and emc design refer to en60598-1, cns15233, gb7000.1. 4. the power supply is considered as a component that will be operated in combination with final equipment. since emc performance will be affected by the complete installation, the final equipment manufacturers must re-qualify emc directive on the complete installation again. 5. refer to warranty statement. 6. constant current operation region is within 50% ~100% rated output voltage. this is the suitable operation region for led related applications, but please reconfirm special electrical requirements for some specific system design. 7. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 2.2uf parallel capacitor. j compliance to en61000-4-2,3,4,5,6,8,11, en61547 , heavy industry level (surge l,n-fg: 4kv), criteria a ul8750, csa c22.2 no. 250.0-08, en61347-1, en61347-2-13 independent, ip65 or ip67 approved hiccup mode, recovers automatically after fault condition is removed 210 ~ 350ma 420 ~ 700ma 350ma 70w 100 ~ 200v 0.73kg; 20pcs/15.6kg/0.8cuft i/p-o/p:3.75kvac i/p-fg:2kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh j withstand voltage isolation resistance 91% 120 ~ 140v 700ma 70w 0.5v 50 ~ 100v ?? features : a : ip65 rated. constant current level can be adjusted through internal pot en t iometer. b : ip67 rated. constant current level adjustable through output cable with 1~10vdc or 10v pwm signal or resistance. d (option) : ip67 rated. timer dimming function, contact mean well for details. ?e ?e ?e ?e ?e ?e ?e ?e ?e ?e ?e constant current design universal ac input / full range (up to 305vac) built-in active pfc function protections: short circuit / over voltage / over temperature cooling by free air convection output current adjustable through output cable or internal potentiometer ip67 / ip65 design for indoor or outdoor installations three in one dimming function (1~10vdc or 10v pwm signal or resistance) 5 years warranty (note.5) suitable for dry / damp / wet locations high efficiency up to 91% h lg- 60h-c350 a 70w single output led power supply h l g - 6 0 h - c s e r i e s file name:hlg-60h-c-spec 2012-05-25 emc immunity emc e m ission current accuracy ? 5.0% compliance to en55015, en61000-3-2 class c ( 60% load) ; en61000-3-3 ? constant current region note.6 f m m 110 ip65 ip67 meanwell direct tel: +44 (0)118 970 3858 e-mail: sales@meanwelldirect.co.uk
mechanical specification c ase no.957 unit:mm ? i p65 rated. constant current level can be adjusted through internal ( can access by removing the rubber stopper on the case.) potentiometer. a type:(hlg-60h-c_a) b type:(hlg-60h-c_b) ? optional output water proof connector : t.b.d. o ptional optional 1 2 pin1: +v pin2: -v 300 20 ? fg (green/yellow) sjtw 16awg 2c ?? 36.8 sjtw 16awg 3c ?? ac/l(brown) ac/n(blue) r ?? 4.2 4pl 300 20 ? -v(black) + v(red) io adj 9.6 1 1 .9 147.2 171 61.5 46.5 32 73.6 ? t case: max. case temperature. 30.75 t case 300 20 ? fg (green/yellow) 36.8 sjtw 16awg 3c ?? ac/l(brown) ac/n(blue) 9.6 1 1.9 147.2 171 61.5 46.5 32 -v(black) + v(red) dim-(white) d im+(blue) r ?? 4 .2 4pl sjtw 16awg 2c ?? 300 20 ? 73.6 ? t case: max. case temperature. 30.75 sjtw 16awg 2c ?? t case ? optional output water proof connector : t.b.d. 1 4 3 2 p in1: +v pi n2: -v pin3: dim+ pin4: dim- 70w single output led power supply h l g - 6 0 h - c s e r i e s file name:hlg-60h-c-spec 2012-05-25 meanwell direct tel: +44 (0)118 970 3858 e-mail: sales@meanwelldirect.co.uk
derating curve s tatic characteristics ambient temperature ( ) j load (%) -40 -25 0-10 15 30 50 60 70 2 0 40 60 80 100 input voltage (v) 60hz 9 0 100 125 135 145 155 165 175 180 200 230 305 1 0 0 90 80 70 60 50 40 load (%) (horizontal) dim+ ( b type) dim- pfc fosc : 60khz p wm fosc : 80khz detection pwm & pfc circuit o .l.p. o.t.p. emi filter rectifiers power switching filter & rectifiers +v -v i/p fg control o .v.p. & o.l.p. pfc c ircuit block diagram ? i p67 rated. timer dimming function, contact mean well for details. d type:(hlg-60h-c_d) ? optional output water proof connector : t.b.d. o ptional 1 2 pin1: +v pin2: -v 300 20 ? fg (green/yellow) sjtw 16awg 2c ?? 36.8 sjtw 16awg 3c ?? ac/l(brown) ac/n(blue) r ?? 4.2 4pl 300 20 ? -v(black) + v(red) 9.6 1 1 .9 147.2 171 61.5 46.5 32 73.6 ? t case: max. case temperature. 30.75 t case 70w single output led power supply h l g - 6 0 h - c s e r i e s file name:hlg-60h-c-spec 2012-05-25 meanwell direct tel: +44 (0)118 970 3858 e-mail: sales@meanwelldirect.co.uk
typical led power supply i-v curve a typical led power supply may work in "constant current mode (cc)" to drive the leds. mean well's led power supply with cc characteristic can be operated at cc mode (direct drive, at area (a)). driving methods of led module vo(%) 100 50 50 95 (max.) io (%) constant current area hiccup protection (a) (b) 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 277vac 230vac 115vac 0 .7 5 0 .7 6 0 .7 7 0 .7 8 0 .7 9 0 .8 0 .8 1 0 .8 2 0 .8 3 0 .8 4 0 .8 5 0 .8 6 0 .8 7 0 .8 8 0 .8 9 0 .9 0 .9 1 0 .9 2 0 .9 3 0 .9 4 0 .9 5 0 .9 6 0 .9 7 0 .9 8 0 .9 9 1 5 0 % 6 0 % 7 0 % 8 0 % 9 0 % 1 0 0 % 2 7 7 v a c 2 3 0 v a c 1 1 5 v a c hlg-60h-c series possess superior working efficiency that up to 91% can be reached in field applications. l oad efficiency (%) efficiency vs load (HLG-60H-C700a model) pf load constant current mode (70w) power factor characteristic 70w single output led power supply h l g - 6 0 h - c s e r i e s file name:hlg-60h-c-spec 2012-05-25 meanwell direct tel: +44 (0)118 970 3858 e-mail: sales@meanwelldirect.co.uk
dimming connection diagram for turning the lighting fixture on/off : u sing a switch and relay can turn on/off the lighting fixture. ? using the built-in dimming function on b-type model can't turn the lighting fixture totally dark. please refer to the connection method below to achieve 0% brightness of the lighting fixture connecting to the led power supply unit. ? direct connecting to leds is suggested, but is not suitable for using additional drivers. 1.output constant current level can be adjusted through output cable by connecting a or 1~10vdc or 10v pwm signal between dim+ and dim-. resistance 2.the led lighting fixture can be turned on/off by the switch. n fg l relay b lue brown green/ yellow a c/l ac/n hlg-60h-c b type dim+ dim- v(-) v(+) blue white black red switch adjuster 0~100k ohms resistance 1~10v dc voltage 10v pwm signal led lighting fixture hlg-60h-c ? r eference resistance value for output current adjustment (typical) ? built-in 3 in 1 dimming function, ip67 rated. output constant current level can be adjusted through output cable by connecting a resistance or 1 ~ 10vdc or 10v pwm signal between dim+ and dim-. ? please do not connect "dim-" to "-v". 60k [ 60% 60% 10k [ 10k /n [ 2 0k /n [ 3 0k /n [ 40k /n [ 50k /n [ 60k /n [ 70k /n [ 80k /n [ 90k /n [ 100k /n [ single driver multiple drivers (n=driver quantity for synchronized dimming operation) 1v 4v 7v 2v 5 v 8v 3v 6v 9v 10v 10% 10% 20k [ 20% 20% 30k [ 30% 30% 40k [ 40% 40% 50k [ 50% 50% 70k [ 70% 70% 80k [ 80% 80% 90k [ 100k [ open open open 90% 90% 100% 100% resistance value dimming value percentage of rated current percentage of rated current ? 1 ~ 1 0v dimming function for output current adjustment (typical) 60% 60% 10% 10% 20% 20% 30% 30% 40% 40% 50% 50% 70% 70% 80% 80% 90% 90% 100% 100% duty value percentage of rated current 95%~105% - ---- 95%~105% 95%~105% ? 10v pwm signal for output current adjustment (typical): frequency range :100hz ~ 3khz fg (green/yellow) ac/l(brown) ac/n(blue) -v(black) + v(red) dim-(white) dim+(blue) 70w single output led power supply h l g - 6 0 h - c s e r i e s file name:hlg-60h-c-spec 2012-05-25 dimming operation meanwell direct tel: +44 (0)118 970 3858 e-mail: sales@meanwelldirect.co.uk
cj04-2 suitable for 18awg~22awg c j04-1 suitable for 14awg~16awg ?c j04 cable joiner can be purchased independently for user's own assembly. m ean well order no. : cj04-1, cj04-2. ? w aterproof connector waterproof connector can be assembled on the output cable of hlg-60h-c to operate in dry/wet/damp or outdoor environment. hlg-60h-c i /p o/ p led lamp a c s ource ? c able joiner pin configuration (female) p in configuration (female) size size m12 m15 4-pin 5a /pin m12-04 order no. order no. 10a max. suitable current suitable current 5-pin 5a/pin m12-05 10a max. 2-pin 12a/pin m15-02 12a max. up to four wires can be connected through this cable joiner by soldering or clamping by tools. 66 26 20 r 25 o/p wires l ed lamp hlg-60h-c waterproof connection 70w single output led power supply h l g - 6 0 h - c s e r i e s file name:hlg-60h-c-spec 2012-05-25 meanwell direct tel: +44 (0)118 970 3858 e-mail: sales@meanwelldirect.co.uk


▲Up To Search▲   

 
Price & Availability of HLG-60H-C700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X