Part Number Hot Search : 
10832 IN74ACT 1N980B VCO55 623G50 0SERIE TFS456P 1N4151
Product Description
Full Text Search
 

To Download GPMP900 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GPMP900 series single output medical power supply ? 90 -264 vac nominal input range ? overvoltage, over temp. and short circuit protection ? approved to ul, csa and en standards ? power good led ? low leakage ? 12 v auxiliary output ? medical and commercial approvals g the gpmp series are universal input ac/dc power supplies with power factor correction (pfc) with up to 900 watts ouput power. the gpmp product incorporates true inhibit, power fail alarm, power good signal and fan control. the series is approved to en60601-1 and en60950-1 to reduce design-in time and end system compliance costs input specifications input voltage range universal input 100-240 nom (90 - 264 max) vac input frequency 47 hz to 63 hz input surge current 40 a max. ground leakage current 264 vac 60 hz 160 m a input current 115 vac 12.0 a max input current 230 vac 6.0 a max input fuse f1 15.0 a emc information conducted emissions en55011 level b radiated emissions en55011 level a line freq. harmonics en61000-3-2 class a voltage fuctuations en61000-3-3 complies (clause 5b) esd air en61000-4-2 8 kv contact esd contact en61000-4-2 6 kv air radiated immunity en61000-4-3 3 v/m fast transients (eft) en61000-4-4 2 kv 5 khz line surge immunity en61000-4-5 1 kv diff /2 kv cm conducted immunity en61000-4-6 3 vrms power freq. mag. feld en61000-4-8 3 a/m voltage dip immunity en61000-4-11 unit will ride through without loss of output at 75% of rated load with ac power fail warning. environmental specifications thermal performance operating ambient (see ratings chart) -20 o c to +70 o c non-operating -40 to +85 o c 0 - 50 o c fan cooled 900 watts maximum altitude operating / non-operating 10,000 ft. / 40,000 ft. max. relative humidity non-condensing 5% - 90% rh vibration (operating) 0.003 g 2 /hz 1.5 g rms 3 axes 10 min/axis vibration (non-operating) 0.026 g 2 /hz 5.0 g rms 3 axes, 1 hr/axis shock half-sine 20 g pk 10 ms, 3 axes, 6 shocks total shock half-sine 40 g pk 10 ms, 3 axes, 6 shocks total ouput specifications output power integral forced air 900 watts max. total regulation see table rise time at turn-on 3.0 s max. transient response main output 25% 0.2 a/ m s 3.5% max. dev. 350 m s recovery to 1% temperature coef - fcient +/-0.03%/oc overvoltage protection 125% +/-10% short circuit protection block wall yes all specifcations are typical at nominal input, full load at 25 o c unless otherwise stated specifications high power supplies 900 watt ac/dc universal input power supply summary page 1 of 3
general specifications hold-up time 120 vac, 60 hz >35 ms at 900 watts output effciency 120 vac 900 w output >84 % isolation voltage input to ouput input to ground 4000 vac 1800 vac switching frequency fxed 70 khz, +/- 10 khz safety approvals ul/en/iec 60601-1 csa22.2 no.60601-1 maximum weight 2 kg (4.4 lbs) model number output peak output features ripple (3) regulation GPMP900-24 24 v 37.5 a 24 v 39.5 a +/-5% adjust <240 mv +/- 0.5% GPMP900-28 28 v 32.1 a 28 v 34.1 a +/-5% adjust <240 mv +/- 0.5% GPMP900-36 36 v 25.0 a 36 v 27.0 a +/-5% adjust <240 mv +/- 0.5% GPMP900-48 48 v 18.8 a 48 v 20.8 a +/-5% adjust <240 mv +/- 0.5% all models aux. output 12.25 v 0.25 a n/a n/a <120 mv 11.9 - 12.7 v notes 1. integral forced air cooling 2. peak rating is for 1 minute maximum 10% duty cycle 3. noise measurent 20 mhz bandwidth, differential mode. measured with scope probe directly across output terminals of the power supply. 4. 12 v auxiliary output does not shutdown with inhibit page 2 of 3 mechanical notes the gpmp series is factory confgured with standard connectors. options b and t are available, please contact factory for other connector arrange - ments
condor dc power supplies inc. 2311 statham parkway, oxnard ca, 93033, usa. phone:(805) 486 4565 fax:(805) 487 8911 email: condor@condordc.com GPMP900 rev a 10/17/05. data sheet ? 2005 condor dc power supplies inc. the information and specifcations contained in this data sheet are believed to be correct at time of publication. however, condor accepts no responsibility for consequences arising from reproduction errors or inaccuracies. specifcations are subject to change without notice. solidworks is a trademark of solidworks corp. outline and mounting drawing other drawings and solidworks? 3d models are available on request. page 3 of 3 mounting screw max depth .200 from outside of chassis


▲Up To Search▲   

 
Price & Availability of GPMP900

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X