Part Number Hot Search : 
MAX92 MP7542KN 8788NL AN7024 2V473J0L WTC2305 2N2894 HMC29410
Product Description
Full Text Search
 

To Download A1106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description the allegro ? a1101-a1104 and A1106 hall-effect switches are next generation replacements for the popular allegro 312x and 314x lines of unipolar switches. the a110x family, produced with bicmos technology, consists of devices that feature fast power-on time and low-noise operation. device programming is performed after packaging, to ensure increased switchpoint accuracy by eliminating offsets that can be induced by package stress. unique hall element geometries and low- offset amplifiers help to minimize noise and to reduce the residual offset voltage normally caused by device overmolding, temperature excursions, and thermal stress. the a1101-a1104 and A1106 hall-effect switches include the following on a single silicon chip: voltage regulator, hall-voltage generator, small-signal amplifier, schmitt trigger, and nmos output transistor. the integrated voltage regulator permits operation from 3.8 to 24 v. the extensive on-board protection circuitry makes possible a 30 v absolute maximum voltage rating for superior protection in automotive and industrial motor commutation applications, without adding a1101-ds, rev. 14 features and benefits ? continuous-time operation ? fast power-on time ? low noise ? stable operation over full operating temperature range ? reverse battery protection ? solid-state reliability ? factory-programmed at end-of-line for optimum performance ? robust emc performance ? high esd rating ? regulator stability without a bypass capacitor continuous-time switch family continued on the next page? packages: 3-pin sot23w (suffix lh), and 3-pin sip (suffix ua) functional block diagram not to scale a1101, a1102, a1103, a1104, and A1106 amp regulator gnd vcc vout offset gain trim control to all subcircuits lh: a1101, a1102, a1103, a1104, and A1106 ua: a1101, a1102, a1103, and a1104 ua: A1106
continuous-time switch family a1101, a1102, a1103, a1104, and A1106 2 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com part number packing * mounting ambient, t a b rp (min) b op (max) a1101elhlt-t 7-in. reel, 3000 pieces/reel 3-pin sot23w surface mount ?40oc to 85oc 10 175 a1101eua-t bulk, 500 pieces/bag 3-pin sip through hole a1101llhlt-t 7-in. reel, 3000 pieces/reel 3-pin sot23w surface mount ?40oc to 150oc a1101lua-t bulk, 500 pieces/bag 3-pin sip through hole a1102elhlt-t 7-in. reel, 3000 pieces/reel 3-pin sot23w surface mount ?40oc to 85oc 60 245 a1102eua-t bulk, 500 pieces/bag 3-pin sip through hole a1102llhlt-t 7-in. reel, 3000 pieces/reel 3-pin sot23w surface mount ?40oc to 150oc a1102lua-t bulk, 500 pieces/bag 3-pin sip through hole a1103elhlt-t 7-in. reel, 3000 pieces/reel 3-pin sot23w surface mount ?40oc to 85oc 150 355 a1103llhlt-t 7-in. reel, 3000 pieces/reel 3-pin sot23w surface mount ?40oc to 150oc a1103lua-t bulk, 500 pieces/bag 3-pin sip through hole a1104eua-t bulk, 500 pieces/bag 3-pin sip through hole ?40oc to 85oc 25 450 a1104llhlt-t 7-in. reel, 3000 pieces/reel 3-pin sot23w surface mount ?40oc to 150oc a1104lua-t bulk, 500 pieces/bag 3-pin sip through hole A1106eua-t bulk, 500 pieces/bag 3-pin sip through hole ?40oc to 85oc 160 430 A1106llhlt-t 7-in. reel, 3000 pieces/reel 3-pin sot23w surface mount ?40oc to 150oc A1106lua-t bulk, 500 pieces/bag 3-pin sip through hole *contact allegro for additional packing options. selection guide external components. all devices in the family are identical except for magnetic switchpoint levels. the small geometries of the bicmos process allow these devices to be provided in ultrasmall packages. the package styles available provide magnetically optimized solutions for most applications. package lh is an sot23w, a miniature low-profile surface-mount package, while package ua is a three-lead ultramini sip for through- hole mounting. each package is lead (pb) free, with 100% matte tin plated leadframes. absolute maximum ratings characteristic symbol notes rating units supply voltage v cc 30 v reverse supply voltage v rcc ?30 v output off voltage v out 30 v reverse output voltage v rout ?0.5 v output current i outsink 25 ma magnetic flux density b unlimited g operating ambient temperature t a range e ?40 to 85 oc range l ?40 to 150 oc maximum junction temperature t j (max) 165 oc storage temperature t stg ?65 to 170 oc description (continued)
continuous-time switch family a1101, a1102, a1103, a1104, and A1106 3 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com electrical operating characteristics over full operating voltage and ambient temperature ranges, unless otherwise noted characteristic symbol test conditions min. typ. max. units supply voltage 1 v cc operating, t j < 165c 3.8 ? 24 v output leakage current i outoff v out = 24 v, b < b rp ??10 a output on voltage v out(sat) i out = 20 ma, b > b op ? 215 400 mv power-on time 2 t po slew rate (dv cc /dt) < 2.5 v/ s, b > b op + 5 g or b < b rp ? 5 g ??4 s output rise time 3 t r v cc = 12 v, r load = 820 , c s = 12 pf ? ? 400 ns output fall time 3 t f v cc = 12 v, r load = 820 , c s = 12 pf ? ? 400 ns supply current i ccon b > b op ? 4.1 7.5 ma i ccoff b < b rp ? 3.8 7.5 ma reverse battery current i rcc v rcc = ?30 v ? ? ?10 ma supply zener clamp voltage v z i cc = 10.5 ma; t a = 25c 32 ? ? v supply zener current 4 i z v z = 32 v; t a = 25c ? ? 10.5 ma 1 maximum voltage must be adjusted for power dissipation and junction temperature, see power derating section. 2 for v cc slew rates greater than 250 v/ s, and t a = 150c, the power-on time can reach its maximum value. 3 c s =oscilloscope probe capacitance. 4 maximum current limit is equal to the maximum i cc(max) + 3 ma. device qualification program contact allegro for information. emc (electromagnetic compatibility) requirements contact allegro for information. 1 3 2 gnd vout vcc package ua, 3-pin sip package lh 1 2 3 gnd vout vcc terminal list name description number package lh package ua vcc connects power supply to chip 1 1 vout output from circuit 2 3 gnd ground 3 2
continuous-time switch family a1101, a1102, a1103, a1104, and A1106 4 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com magnetic operating characteristics 1 over full operating voltage and ambient temperature ranges, unless otherwise noted characteristic symbol test conditions min. typ. max. units operate point b op a1101 t a = 25c 50 100 160 g operating temperature range 30 100 175 g a1102 t a = 25c 130 180 230 g operating temperature range 115 180 245 g a1103 t a = 25c 220 280 340 g operating temperature range 205 280 355 g a1104 t a = 25c 70 ? 350 g operating temperature range 35 ? 450 g A1106 t a = 25c 280 340 400 g operating temperature range 260 340 430 g release point b rp a1101 t a = 25c 10 45 130 g operating temperature range 10 45 145 g a1102 t a = 25c 75 125 175 g operating temperature range 60 125 190 g a1103 t a = 25c 165 225 285 g operating temperature range 150 225 300 g a1104 t a = 25c 50 ? 330 g operating temperature range 25 ? 430 g A1106 t a = 25c 180 240 300 g operating temperature range 160 240 330 g hysteresis b hys a1101 t a = 25c 20 55 80 g operating temperature range 20 55 80 g a1102 t a = 25c 30 55 80 g operating temperature range 30 55 80 g a1103 t a = 25c 30 55 80 g operating temperature range 30 55 80 g a1104 t a = 25c 20 55 ? g operating temperature range 20 55 ? g A1106 t a = 25c 70 105 140 g operating temperature range 70 105 140 g 1 magnetic flux density, b, is indicated as a negative value for north-polarity magnetic fields, and as a positive value for sou th-polarity magnetic fields. this so-called algebraic convention supports arithmetic comparison of north and south polarity values, where the relative stren gth of the field is indicated by the absolute value of b, and the sign indicates the polarity of the field (for example, a ?100 g field and a 100 g field ha ve equivalent strength, but opposite polarity).
continuous-time switch family a1101, a1102, a1103, a1104, and A1106 5 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com characteristic symbol test conditions value units package thermal resistance r ja package lh, 1-layer pcb with copper limited to solder pads 228 oc/w package lh, 2-layer pcb with 0.463 in. 2 of copper area each side connected by thermal vias 110 oc/w package ua, 1-layer pcb with copper limited to solder pads 165 oc/w 6 7 8 9 2 3 4 5 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 20 40 60 80 100 120 140 160 180 maximum allowable v cc (v) t j(max) = 165oc; i cc = i cc(max) power derating curve (r q ja = 228 oc/w) package lh, 1-layer pcb (r q ja = 110 oc/w) package lh, 2-layer pcb (r q ja = 165 oc/w) package ua, 1-layer pcb v cc(min) v cc(max) 0 100 200 300 400 500 600 700 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 20 40 60 80 100 120 140 160 180 temperature (c) power dissipation, p d (mw) power dissipation versus ambient temperature (r q ja = 165 oc/w) package ua, 1-layer pcb (r q ja = 228 oc/w) package lh, 1-layer pcb (r q ja = 110 oc/w) package lh, 2-layer pcb
continuous-time switch family a1101, a1102, a1103, a1104, and A1106 6 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com characteristic data (a1101/02/03/04/06) t a (c) supply current (on) versus ambient temperature v cc (v) i ccon (ma) 24 3.8 (a1101/02/03/04/06) t a (c) supply current (off) versus ambient temperature v cc (v) i ccoff (ma) 24 3.8 (a1101/02/03/04/06) t a (c) output voltage (on) versus ambient temperature v cc (v) v out(sat) (mv) 24 3.8 (a1101/02/03/04/06) supply current (on) versus supply voltage t a (c) i ccon (ma) v cc (v) ?40 25 150 (a1101/02/03/04/06) supply current (off) versus supply voltage t a (c) i ccoff (ma) v cc (v) ?40 25 150 (a1101/02/03/04/06) output voltage (on) versus supply voltage t a (c) v out(sat) (mv) v cc (v) ?40 25 150 0 1.0 2.0 3.0 4.0 5.0 7.0 6.0 8.0 0 1.0 2.0 3.0 4.0 5.0 7.0 6.0 8.0 0 1.0 2.0 3.0 4.0 5.0 7.0 6.0 8.0 0 1.0 2.0 3.0 4.0 5.0 7.0 6.0 8.0 ?50 0 50 100 150 0 5 10 15 20 25 ?50 0 50 100 150 0 5 10 15 20 25 ?50 0 50 100 150 0 5 10 15 20 25 0 50 100 150 200 250 300 350 400 0 50 100 150 200 250 300 350 400
continuous-time switch family a1101, a1102, a1103, a1104, and A1106 7 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com functional description operation the output of these devices switches low (turns on) when a magnetic field (south polarity) perpendicular to the hall ele- ment exceeds the operate point threshold, b op . after turn-on, the output is capable of sinking 25 ma and the output voltage is v out(sat) . when the magnetic field is reduced below the release point, b rp , the device output goes high (turns off). the differ- ence in the magnetic operate and release points is the hysteresis, b hys , of the device. this built-in hysteresis allows clean switch- ing of the output, even in the presence of external mechanical vibration and electrical noise. powering-on the device in the hysteresis region, less than b op and higher than b rp , allows an indeterminate output state. the correct state is attained after the first excursion beyond b op or b rp . continuous-time benefits continuous-time devices, such as the a110x family, offer the fastest available power-on settling time and frequency response. due to offsets generated during the ic packaging process, continuous-time devices typically require programming after packaging to tighten magnetic parameter distributions. in con- trast, chopper-stabilized switches employ an offset cancellation technique on the chip that eliminates these offsets without the need for after-packaging programming. the tradeoff is a longer settling time and reduced frequency response as a result of the chopper-stabilization offset cancellation algorithm. the choice between continuous-time and chopper-stabilized designs is solely determined by the application. battery manage- ment is an example where continuous-time is often required. in these applications, v cc is chopped with a very small duty cycle in order to conserve power (refer to figure 2). the duty cycle is controlled by the power-on time, t po , of the device. because continuous-time devices have the shorter power-on time, they are the clear choice for such applications. for more information on the chopper stabilization technique, refer to technical paper stp 97-10, monolithic magnetic hall sensing using dynamic quadrature offset cancellation and technical paper stp 99-1, chopper-stabilized amplifiers with a track-and-hold signal demodulator . figure 1. switching behavior of unipolar switches. on the horizontal axis, the b+ direction indicates increasing south polarity magnetic field strength, and the b? direction indicates decreasing south polarity field strength (including the case of increasing north polar ity). this behavior can be exhibited when using a circuit such as that shown in panel b. b op b rp b hys v cc v out v out(sat) switch to low switch to high b+ b? v+ 0 0 (a) (b) vcc v s output gnd vout r l a110x
continuous-time switch family a1101, a1102, a1103, a1104, and A1106 8 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com additional applications information extensive applications information for hall-effect devices is available in: ? hall-effect ic applications guide , application note 27701 ? hall-effect devices: gluing, potting, encapsulating, lead welding and lead forming , application note 27703.1 ? soldering methods for allegro?s products ? smt and through- hole , application note 26009 all are provided in allegro electronic data book , ams-702, and the allegro web site, www.allegromicro.com. figure 2. continuous-time application, b < b rp .. this figure illustrates the use of a quick cycle for chopping v cc in order to conserve battery power. position 1, power is applied to the device. position 2, the output assumes the correct state at a time prior to the maximum pow er-on time, t po(max) . the case shown is where the correct output state is high . position 3, t po(max) has elapsed. the device output is valid. position 4, after the output is valid, a control unit reads the output. position 5, power is removed from the device. v cc v out output sampled 1 5 4 2 t t t po(max) 3
continuous-time switch family a1101, a1102, a1103, a1104, and A1106 9 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com power derating power derating the device must be operated below the maximum junction temperature of the device, t j(max) . under certain combinations of peak conditions, reliable operation may require derating sup- plied power or improving the heat dissipation properties of the application. this section presents a procedure for correlating factors affecting operating t j . (thermal data is also available on the allegro microsystems web site.) the package thermal resistance, r ? ja , is a figure of merit sum- marizing the ability of the application and the device to dissipate heat from the junction (die), through all paths to the ambient air. its primary component is the effective thermal conductivity, k, of the printed circuit board, including adjacent devices and traces. radiation from the die through the device case, r ? jc , is relatively small component of r ? ja . ambient air temperature, t a , and air motion are significant external factors, damped by overmolding. the effect of varying power levels (power dissipation, p d ), can be estimated. the following formulas represent the fundamental relationships used to estimate t j , at p d . p d = v in i in (1) ? ???????????????????????? t = p d r ? ja (2) t j = t a + t (3) for example, given common conditions such as: t a = 25c, v cc = 12 v, i cc = 4 ma, and r ? ja = 140 c/w, then: p d = v cc i cc = 12 v 4 ma = 48 mw ?? t = p d r ? ja = 48 mw 140 c/w = 7c t j = t a + ? t = 25c + 7c = 32c a worst-case estimate, p d(max) , represents the maximum allow- able power level (v cc(max) , i cc(max) ), without exceeding t j(max) , at a selected r ? ja and t a . example : reliability for v cc at t a = 150c, package ua, using minimum-k pcb. observe the worst-case ratings for the device, specifically: r ? ja = 165c/w, t j(max) = 165c, v cc(max) = 24 v, and i cc(max) = 7.5 ma. calculate the maximum allowable power level, p d(max) . first, invert equation 3: ? t max = t j(max) ? t a = 165 c ? 150 c = 15 c this provides the allowable increase to t j resulting from internal power dissipation. then, invert equation 2: ???? p d(max) = ? t max r ? ja = 15c 165 c/w = 91 mw finally, invert equation 1 with respect to voltage: v cc(est) = p d(max) i cc(max) = 91 mw 7.5 ma = 12.1 v the result indicates that, at t a , the application and device can dissipate adequate amounts of heat at voltages v cc(est) . compare v cc(est) to v cc(max) . if v cc(est) v cc(max) , then reli- able operation between v cc(est) and v cc(max) requires enhanced r ? ja . if v cc(est) v cc(max) , then operation between v cc(est) and v cc(max) is reliable under these conditions.
continuous-time switch family a1101, a1102, a1103, a1104, and A1106 10 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com package lh, 3-pin (sot-23w) 0.55 ref gauge plane seating plane 0.25 bsc 0.95 bsc 0.95 1.00 0.70 2.40 2 1 a active area depth, 0.28 mm ref b c b reference land pattern layout all pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary to meet application process requirements and pcb layout tolerances branding scale and appearance at supplier discretion a pcb layout reference view branded face c standard branding reference view n = last two digits of device part number t = temperature code (letter) 1 nnt n = last three digits of device part number 1 nnn 2.90 +0.10 ?0.20 44 8x 10 ref 0.180 +0.020 ?0.053 0.05 +0.10 ?0.05 0.25 min 1.91 +0.19 ?0.06 2.98 +0.12 ?0.08 1.00 0.13 0.40 0.10 for reference only; not for tooling use (reference dwg. 802840) dimensions in millimeters dimensions exclusive of mold flash, gate burrs, and dambar protrusions exact case and lead configuration at supplier discretion within limits shown d hall element, not to scale d d d 1.49 0.96 3 a1101, a1102, a1103, and a1104 only a1101, a1102, a1103, a1104, and A1106
continuous-time switch family a1101, a1102, a1103, a1104, and A1106 11 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com package ua, 3-pin sip (a1101, a1102, a1103. and a1104) 23 1 0.79 ref 1.27 nom 2.16 max 0.51 ref 45 c 45 b e e e 2.04 1.44 gate burr area a b c dambar removal protrusion (6x) a d e d branding scale and appearance at supplier discretion hall element, not to scale active area depth, 0.50 mm ref for reference only; not for tooling use (reference dwg-9049) dimensions in millimeters dimensions exclusive of mold flash, gate burrs, and dambar protrusions exact case and lead configuration at supplier discretion within limits shown standard branding reference view = supplier emblem n = last two digits of device part number t = temperature code nnt 1 mold ejector pin indent branded face 4.09 +0.08 ?0.05 0.41 +0.03 ?0.06 3.02 +0.08 ?0.05 0.43 +0.05 ?0.07 15.75 0.51 1.52 0.05
continuous-time switch family a1101, a1102, a1103, a1104, and A1106 12 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com package ua, 3-pin sip (A1106) 23 1 1.27 nom 1.02 max 45 45 c 1.52 0.05 b gate and tie bar burr area a b c dambar removal protrusion (6x) a d e e e 2.04 1.44 e active area depth, 0.50 mm ref branding scale and appearance at supplier discretion hall element (not to scale) for reference only; not for tooling use (reference dwg-9065) dimensions in millimeters dimensions exclusive of mold flash, gate burrs, and dambar protrusions exact case and lead configuration at supplier discretion within limits shown mold ejector pin indent d standard branding reference view = supplier emblem n = last two digits of device part number t = temperature code nnt 1 0.41 +0.03 ?0.06 0.43 +0.05 ?0.07 14.99 0.25 4.09 +0.08 ?0.05 3.02 +0.08 ?0.05 0.79 ref 10 branded face
continuous-time switch family a1101, a1102, a1103, a1104, and A1106 13 allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com copyright ?2006-2012, allegro microsystems, inc. allegro microsystems, inc. reserves the right to make, from time to time, such de par tures from the detail spec i fi ca tions as may be required to per- mit improvements in the per for mance, reliability, or manufacturability of its products. before placing an order, the user is cautioned to verify that the information being relied upon is current. allegro?s products are not to be used in life support devices or systems, if a failure of an allegro product can reasonably be expected to cause the failure of that life support device or system, or to affect the safety or effectiveness of that device or system. the in for ma tion in clud ed herein is believed to be ac cu rate and reliable. how ev er, allegro microsystems, inc. assumes no re spon si bil i ty for its use; nor for any in fringe ment of patents or other rights of third parties which may result from its use. for the latest version of this document, visit our website: www.allegromicro.com revision history revision revision date description of revision rev. 14 may 29, 2012 add A1106 ua package drawing


▲Up To Search▲   

 
Price & Availability of A1106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X