Part Number Hot Search : 
E121EI AD7712AQ FT441 IRFS4 AT28C AX2000 LD7202 AD7712AQ
Product Description
Full Text Search
 

To Download 94RB08CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.gra yhill.com dip switches 0 9 8 7 6 5 4 3 2 1 4 3 2 1 0 7 6 5 8 7 6 5 4 3 2 1 0 f e d c b a 9 8 7 6 5 4 3 2 1 0 f e d c b a 9 .21 3 (5,41) .4 33 (11,00) .44 3 (11,25) .4 8 0 (12,19 ) .2 8 6 (7,26) .6 8 9 (17,50) .210 (5, 33 ) .200 (5,0 8 ) 1.12 3 (2 8 ,52) .044 (1,12) dia. .179 (4,55) .094 (2,9 3 ) .162 (4,11) .059 (1,50) .05 8 (1,47) dia. .199 (5,05) .2 3 5 (5,97) 8 c 2 1 c 4 pc board layout as viewed from the top of the switch pin #1 series 94h binary coded toler a nce s a re .010 inche s u nle ss s pecified otherwi s e. dimensions in inche s ( a nd millimeter s ) surface mount gullwing standard thru-hole actuator styles all a ct ua tion type s a re a v a il ab le in oct a l (8), b in a ry coded decim a l (10), or hex a decim a l (16) code s ; with either s t a nd a rd or complement o u tp u t. st a nd a rd code o u tp u t s h a ve n a t u r a l color rotor s ; complement s in a contr as ting color. octal?8 position bcd?10 position hex?16 position extended actuator types features ?se a led con s tr u ction; no t a pe se a l req u ired s u rf a ce mo u nt or thr u -hole style t ub e or t a pe a nd reel p a ck a ging  oct a l, bcd, a nd hex a decim a l code  in st a nd a rd or complement st a nd a rd a nd right angle mo u nt fl us h or extended act ua tor s  gold-pl a ted cont a ct s .282 (7,16) .270 (6,86) or .170 (4,32) or .090 (2,29) see ordering information .200 (5,08) 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 .140 dia. ( ? 3,56) .140 dia. ( ? 3,56) .270 (6,86) or .170 (4,32) or .090 (2,29) see ordering information figure 1 "a" s tyle rotor figure 3 figure 2 "f" s tyle rotor surface mount j-lead dip 19 rotary dip switches
dip switches grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.gra yhill.com tape and reel packaging: series 94h available from your local grayhill distributor. for price s a nd di s co u nt s , cont a ct a loc a l s a le s office, a n au thorized loc a l di s tri bu tor or gr a yhill. 0 4 1 2 3 7 6 5 0 4 1 2 3 7 6 5 0 4 1 2 3 7 6 5 0 4 1 2 3 7 6 5 0 4 1 2 3 7 6 5 0 4 1 2 3 7 6 5 0 4 1 2 3 7 6 5 13 inch diameter reel direction of feed 16mm 24mm conductive plastic embossed tape pin #1 chamfer meet s req u irement s of eia 481-2. e a ch reel cont a in s the following n u m b er of s witche s with a 15.35 inch (390 mm) minim u m le a der a nd a 6.30 inch (160 mm) minim u m tr a iler. 94ha s tyle 750 s w/reel 94hb s tyle 150 s w/reel 94hc s tyle 200 s w/reel 94he s tyle 300 s w/reel 94hf s tyle 750 s w/reel knob style and height knob color arrow color part number 1a gr a y n/a 947706-001 5a gr a ybl a ck 947706-005 1b bl a ck n/a 947705-001 1b gr a y n/a 947705-012 2b gr a y white 947705-004 3b gr a ybl a ck 947705-017 4b gr a ybl a ck 947705-018 1b n a t u r a l n/a 947705-009 4b bl a ck white 947705-010 5b gr a ybl a ck 947705-019 ordering information: series 94 high temperature knobs* *ordered as a s ep a r a te item. b = st a nd a rd (n a t u r a l), c = complement a ry (conr as ting color). ordering information: series 94h series actuator style: a = fl us h, fig u re 1 b = .270, fig u re 3 ( s ee p a ge b-21) c = .170, fig u re 3 ( s ee p a ge b-21) e = .090, fig u re 3 ( s ee p a ge b-21) f = fl us h, fig u re 2 code: b = st a nd a rd (n a t u r a l), 94hab10wrt c = complement a ry (contr as ting color) rohs compliant packaging: r = t a pe a nd reel, (s u rf a ce mo u nt only) bl a nk = t ub e* terminal style: ra = right angle, thr u -hole j = j-le a d w = s u rf a ce mo u nt bl a nk = thr u -hole number of positions: 08 = oct a l, 8 po s ition 10 = bcd, 10 po s ition 16 = hex, 16 po s ition * 27 piece s per t ub e for su rf a ce mo u nt a nd thr u -hole, 24 piece s per t ub e for right a ngle s witche s . series 94 high temperature knobs: for shaft extensions .370 (9,40) .190 (4,83) .370 (9,40) .040 (1,02) .210 (5,33) .040 (1,02) 12345 ab slotted kno bs s how s witch m a rking s . cont a ct gr a yhill for other kno b m a teri a l/ m a rking color com b in a tion s a nd geometric s . * u s e only with act ua tor type b or c right angle thru-hole dimensions in inche s ( a nd millimeter s ) dip 20 rotary dip switches 0 1 2 3 4 5 6 7 .430 (10,92) .210 (5,33) .190 (4,83) .400 (10,16) pin #1 .100 .005 (2,54 0,13) typ. .100 .005 (2,54 0,13) .145 (3,68) .282 (7,16) .156 (3,96) 8 c 2 1 c 4 pc b o a rd l a yo u t as viewed from the top of the s witch terminals are .020 .002 (0,51 0,05) wide by .012 .002 (0,31 0,05) thick
grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.gra yhill.com dip switches series 94r economical, binary coded features  10,000 cycle s of oper a tion  gold-pl a ted cont a ct s se a led cont a ct sy s tem  right angle mo u nt  oct a l, bcd & hex a decim a l code s st a nd a rd or complement  rohs compli a nt specifications: series 94h and 94r electrical ratings make-and-break current rating: 30 ma a t 30 vdc for 10,000 cycle s of oper a tion. carrying current rating: 100 ma a t 50 vdc contact resistance: 50 mohm s m a xim u m initi a lly (me asu red a t 10 ma, 50 mvdc). 150 mohm s m a xim u m a fter life. insulation resistance: (me asu red a t 100 vdc a cro ss open s witch cont a ct s ) initi a l: 5000 mohm s minim u m. after life: 1000 mohm s minim u m. dielectric strength: (me asu red a cro ss open s witch cont a ct s ) initi a l: 500 v a c rms minim u m. after life: 250 v a c rms mechanical ratings mechanical life: 10,000 cycle s of oper a tion. one cycle i s a rot a tion thro u gh a ll po s ition s a nd a complete ret u rn thro u gh a ll po s ition s . mechanical shock: 1000g' s , 0.5 ms, h a lf s ine per mil-std-202f, method 213, te s t condition e. vibration resistance: 10-2000 hz a t 15g or 0.060" do ub le a mplit u de per mil-std-202f, method 204, te s t condition b. operational torque: 2 to 6 inch-o u nce s initi a lly a nd 1.2 inch-o u nce s minim u m a fter life. environmental ratings operating temperature range: -40 to +85c. storage temperature range: -40 to +85c. moisture resistance: 240 ho u r s with temper a t u re cycling a nd pol a riz a tion. p ass e s in su l a tion re s i s t a nce a nd dielectric s trength per mil-std-202f, method 106 following expo su re. materials and finishes rotor and switch body: pl as tic (ul94v-o) contact material: copper a lloy pl a ted. 30 microinche s minim u m gold over 50 microinche s minim u m nickel. shorting member: copper a lloy pl a ted. 30 microinche s minim u m gold over 50 microinche s minim u m nickel. terminals: copper a lloy, m a tte tin pl a ted over nickel ba rrier. code & truth tables: series 94h and 94r dimensions in inche s ( a nd millimeter s ) unle ss otherwi s e indic a ted, toler a nce s a re .010 (0,25) switch position code output code output 8 8 4 12 0 1 2 3 4 5 6 7 8 9 a b c d e f 4 12 st a nd a rd o u tp u t complement o u tp u t dot indic a te s termin a l to common connection. all s witche s a re contin u o us rot a tion. oct a l a nd oct a l complement o u tp u t s a re 0 thr u 7 po s ition s . bcd a nd bcd complement o u tp u t s a re 0 thr u 9 po s ition s . hex a decim a l a nd hex a decim a l complement o u tp u t s a re 0 thr u f po s ition s . st a nd a rd code s h a ve n a t u r a l color rotor s ; complement s h a ve rotor s in a contr as ting color. internal o-ring: r ubb er buna-n soldering information soldering temperature: 260 c m a xim u m. cleaning: accept ab le s ol u tion s incl u de 1-1-1 trichlorenth a ne, freon (tf, te, or tms), i s opropyl alcohol a nd detergent (140f m a xim u m). sol u tion s which a re not recommended incl u de acetone, methylene chloride, a nd freon tmc. ordering information: series 94r continuous rotation versions no. of standard code complement code positions part number part number oct a l8 94RB08CT 94rc08ct bcd 10 94rb10ct 94rc10ct hex a decim a l16 94rb16ct 94rc16ct rotational stop versions* no. of standard code complement code positions part number part number hex a decim a l16 94rb16ft 94rc16ft * con su lt gr a yhill for 8 or 10 po s ition dip 21 rotary dip switches .21 3 (5,41) .4 33 (11,00) .44 3 (11,25) .4 8 0 (12,19 ) .2 8 6 (7,26) .6 8 9 (17,50) .210 (5, 33 ) .200 (5,0 8 ) 1.12 3 (2 8 ,52) .044 (1,12) dia. .179 (4,55) .094 (2,9 3 ) .162 (4,11) .059 (1,50) .05 8 (1,47) dia. .199 (5,05) .2 3 5 (5,97) 8 c 2 1 c 4 pc board layout as viewed from the top of the switch pin #1
dip switches grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.gra yhill.com dip switch options and accessories options available from your local grayhill distributor. for price s a nd di s co u nt s , cont a ct a loc a l s a le s office, a n au thorized loc a l di s tri bu tor or gr a yhill. position identification line option for series 76rsb, 76rsc, 76rsd, & 90b a line c a n b e a dded to the rece ss ed rocker or serie s 90 s lide a ct ua tor to provide po s itive identific a tion of the a ct ua tor po s ition. to order, a dd l as a fin a l su ffix to the p a rt n u m b er. for ex a mple, 76rsb08 b ecome s 76rsb08l; a nd, 90b08s b ecome s 90b08sl. available from a local grayhill distributor. other switch markings for series 76, 78, & 90 we c a n m a rk yo u r p a rt n u m b er or other wording on the s witch, often a t no ch a rge. for s ome m a rking s there will b e a nomin a l ch a rge for tooling pl us a s et- u p ch a rge. in a ddition, there i s a m a rking ch a rge per s ide per s witch. add it to the u nit price a nd di s co u nt it a ccordingly. to order, contact grayhill. accessories .152 (3,86) typ. .130 (3,30) typ. .422 (10,72) ref. .217 (1,20) ref. see note protective cover accessory for series 76, & 78 rigid, cle a r pl as tic cover fit s a ll bu t toggle a ct ua ted s witche s . it provide s a top cover for le ss s tren u o us cle a ning, s erve s as a d us t cover in dirty environment s , a nd provide s protection a g a in s t a ccident a l a ct ua tion. material: 76,78, only-polyc a r b on a te. p u rch as e as a s ep a r a te item. check length of the de s ired dip switch, a nd then s elect from the ordering inform a tion on thi s p a ge. available from a local grayhill distributor. note: for length, a dd .042 "(1,07 mm) to length of dip s witch. dipstick accessory for all series pen- s ized pl as tic dipstick h as a t a pered end for a ct ua ting dip switche s . p a rt n u m b er ........................ 90-dipstick available from a local grayhill distributor length protective cover inches part number 0.280 76p02 0.380 76p03 0.480 76p04 0.580 76p05 0.680 76p06 0.780 76p07 0.880 76p08 0.980 76p09 1.080 76p10 1.180 79p10 1.780 79p16 ordering information dip 22


▲Up To Search▲   

 
Price & Availability of 94RB08CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X