Part Number Hot Search : 
C5132A 1N4737 TB2905HQ KP30A U5222S0 EL2270CN 1CZ11V 34701
Product Description
Full Text Search
 

To Download 74FCT162823CTPV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 idt74fct162823at/ct fast cmos 18-bit register industrial temperature range september 2009 idt74fct162823at/ct industrial temperature range fast cmos 18-bit register description: the fct162823t 18-bit bus interface register is built using advanced, dual metal cmos technology. these high-speed, low-power registers with clock enable (x clken ) and clear (x clr ) controls are ideal for parity bus interfacing in high-performance synchronous systems. the control inputs are organized to operate the device as two 9-bit registers or one 18-bit register. flow-through organization of signal pins simplifies layout. all inputs are designed with hysteresis for improved noise margin. the fct162823t has balanced output drive with current limiting resistors. this offers low ground bounce, minimal undershoot, and controlled output fall times ? reducing the need for external series terminating resistors. the fct162823t is a plug-in replacement for the fct16823t and abt16823 for on-board interface applications. r c d 2 oe 2 clr 2 clken 2 clk 2 d 1 2 q 1 to eight other channels r c d 1 oe 1 clr 1 clken 1 clk 1 d 1 1 q 1 to eight other channels 2 1 56 55 54 3 27 28 29 30 42 15 features: ? 0.5 micron cmos technology ? high-speed, low-power cmos replacement for abt functions ? typical t sk(o) (output skew) < 250ps ? low input and output leakage 1a (max.) ?v cc = 5v 10% ? balanced output drivers of 24ma ? reduced system switching noise ? typical v olp (output ground bounce) < 0.6v at v cc = 5v, t a = 25c ? available in ssop and tssop packages functional block diagram the idt logo is a registered trademark of integrated device technology, inc. ? 2009 integrated device technology, inc. dsc-5437/7
2 industrial temperature range idt74fct162823at/ct fast cmos 18-bit register ssop/ tssop top view pin configuration 47 37 38 39 40 41 42 43 44 45 46 33 34 35 36 56 55 49 50 51 52 53 54 48 1 2 3 4 5 6 7 8 9 10 12 13 14 15 16 17 18 19 20 11 21 22 23 24 29 30 31 32 25 26 27 28 2 clr gnd v cc 2 q 3 2 q 5 2 q 6 2 q 4 gnd 2 q 7 2 q 8 2 q 9 2 oe gnd 1 q 9 1 q 5 1 q 6 1 q 7 1 q 8 2 q 1 2 q 2 gnd 1 q 2 v cc 1 clr 1 q 1 1 q 3 1 q 4 1 oe 1 clk 1 d 1 gnd 1 d 2 1 d 3 v cc 1 d 4 1 d 5 1 d 6 1 d 7 1 d 8 1 d 9 gnd 2 d 1 1 clken 2 d 2 gnd 2 d 4 v cc 2 d 5 2 d 6 gnd 2 d 7 2 d 8 2 d 9 2 clk 2 d 3 2 clken symbol description max unit v term (2) terminal voltage with respect to gnd ?0.5 to 7 v v term (3) terminal voltage with respect to gnd ?0.5 to v cc +0.5 v t stg storage temperature ?65 to +150 c i out dc output current ?60 to +120 ma absolute maximum ratings (1) notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. all device terminals except fct162xxx output and i/o terminals. 3. outputs and i/o terminals for fct162xxx. symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 3.5 6 pf c out output capacitance v out = 0v 3.5 8 pf capacitance (t a = +25c, f = 1.0mhz) note: 1. this parameter is measured at characterization but not tested. pin names description x d x data inputs xclk clock inputs x clken clock enable inputs (active low) x clr asynchronous clear inputs (active low) x oe output enable inputs (activelow) x o x 3-state outputs pin description function table (1) (1) (1) (1) (1) inputs outputs x oe x clr x clken xclk xdx xqx f unction h x x x x z high z l l x x x l clear lhhxxq (2) hold hh l l z load hh l hz lh l ll lh l hh notes: 1. h = high voltage level l = low voltage level x = don?t care z = high-impedance 2. output level before indicated steady-state input conditions were established.
3 idt74fct162823at/ct fast cmos 18-bit register industrial temperature range symbol parameter test conditions (1) min. typ. (2) max. unit i odl output low current v cc = 5v, v in = v ih or v il, v o = 1.5v (3) 60 115 200 ma i odh output high current v cc = 5v, v in = v ih or v il, v o = 1.5v (3) ?60 ?115 ?200 ma v oh output high voltage v cc = min. i oh = ?24ma 2.4 3.3 ? v v in = v ih or v il v ol output low voltage v cc = min. i ol = 24ma ? 0.3 0.55 v v in = v ih or v il symbol parameter test conditions (1) min. typ. (2) max. unit v ih input high level guaranteed logic high level 2 ? ? v v il input low level guaranteed logic low level ? ? 0.8 v i ih input high current (input pins) (4) v cc = max. v i = v cc ??1a input high current (i/o pins) (4) ??1 i il input low current (input pins) (4) v i = gnd ? ? 1 input low current (i/o pins) (4) ??1 i ozh high impedance output current v cc = max. v o = 2.7v ? ? 1 a i ozl (3-state output pins) (4) v o = 0.5v ? ? 1 v ik clamp diode voltage v cc = min., i in = ?18ma ? ?0.7 ?1.2 v i os short circuit current v cc = max., v o = gnd (3) ?80 ?140 ?250 ma v h input hysteresis ? ? 100 ? mv i ccl quiescent power supply current v cc = max ? 5 500 a i cch v in = gnd or v cc i ccz dc electrical characteristics over operating range following conditions apply unless otherwise specified: industrial: t a = ?40c to +85c, v cc = 5.0v 10% notes: 1. for conditions shown as min. or max., use appropriate value specified under electrical characteristics for the applicable dev ice type. 2. typical values are at v cc = 5.0v, +25c ambient. 3. not more than one output should be shorted at one time. duration of the test should not exceed one second. 4. this test limit for this parameter is 5a at t a = ?55c. output drive characteristics
4 industrial temperature range idt74fct162823at/ct fast cmos 18-bit register symbol parameter test conditions (1) min. typ. (2) max. unit i cc quiescent power supply current v cc = max. ? 0.5 1.5 ma ttl inputs high v in = 3.4v (3) i ccd dynamic power supply current (4) v cc = max. v in = v cc ? 75 120 a / outputs open v in = gnd mhz x oe = x clken = gnd one input toggling 50% duty cycle i c total power supply current (6) v cc = max. v in = v cc ? 0.8 1.7 ma outputs open v in = gnd f cp = 10mhz 50% duty cycle x oe = x clken = gnd v in = 3.4v ? 1.3 3.2 at fi = 5mhz v in = gnd 50% duty cycle one bit toggling v cc = max. v in = v cc ? 4.2 7.1 (5) outputs open v in = gnd f cp = 10mhz 50% duty cycle x oe = x clken = gnd v in = 3.4v ? 9.2 22.1 (5) at fi = 2.5mhz v in = gnd 50% duty cycle eighteen bits toggling notes: 1. for conditions shown as min. or max., use appropriate value specified under electrical characteristics for the applicable dev ice type. 2. typical values are at v cc = 5.0v, +25c ambient. 3. per ttl driven input (v in = 3.4v). all other inputs at v cc or gnd. 4. this parameter is not directly testable, but is derived for use in total power supply calculations. 5. values for these conditions are examples of the i cc formula. these limits are guaranteed but not tested. 6. i c = i quiescent + i inputs + i dynamic i c = i cc + i cc d h n t + i ccd (f cp n cp /2 + fini) i cc = quiescent current (i ccl , i cch and i ccz ) i cc = power supply current for a ttl high input (v in = 3.4v) d h = duty cycle for ttl inputs high n t = number of ttl inputs at d h i ccd = dynamic current caused by an input transition pair (hlh or lhl) f cp = clock frequency for register devices (zero for non-register devices) n cp = number of clock inputs at f cp f i = input frequency n i = number of inputs at f i power supply characteristics
5 idt74fct162823at/ct fast cmos 18-bit register industrial temperature range switching characteristics over operating range fct162823at fct162823ct symbol parameter condition (1) min. (2) max. min. (2) max. unit t plh propagation delay c l = 50pf 1.5 10 1.5 4.7 ns t phl xclkx to xox r l = 500 c l = 300pf (4) 1.5 20 1.5 8 r l = 500 t phl propagation delay c l = 50pf 1.5 14 1.5 4.7 ns x clr to xqx r l = 500 t pzh output enable time c l = 50pf 1.5 12 1.5 4.4 ns t pzl x oe to xox r l = 500 c l = 300pf (4) 1.5 23 1.5 9 r l = 500 t phz output disable time c l = 50pf (4) 1.5 7 1.5 3.6 ns t plz x oe to xox r l = 500 c l = 50pf 1.5 8 1.5 3.6 r l = 500 t su set-up time high or low xdx to xclk c l = 50pf 3 ? 1.5 ? ns r l = 500 t h hold time high or low, xdx to xclk 1.5 ? 0 ? ns t su set-up time high or low, x clken to xclk 3 ? 2.5 ? ns t h hold time high or low, x clken to xclk 0 ? 0 ? ns t w xclk pulse width high or low 6 ? 3 ? ns t w x clr pulse width low 6 ? 3 ? ns t rem recovery time, x clr to xclk 6 ? 3 ? ns t sk(o) output skew (3) ? 0.5 ? 0.5 ns notes: 1. see test circuit and waveforms. 2. minimum limits are guaranteed but not tested on propagation delays. 3. skew between any two outputs, of the same package, switching in the same direction. this parameter is guaranteed by design. 4. this condition is guaranteed but not tested.
6 industrial temperature range idt74fct162823at/ct fast cmos 18-bit register pulse generator r t d.u.t. v cc v in c l v out 50pf 500 500 7.0v 3v 1.5v 0v 3v 1.5v 0v 3v 1.5v 0v 3v 1.5v 0v data input timing input asynchronous control preset clear etc. synchronous control t su t h t rem t su t h preset clear clock enable etc. high-low-high pulse low-high-low pulse t w 1.5v 1.5v same phase input transition 3v 1.5v 0v 1.5v v oh t plh output opposite phase input transition 3v 1.5v 0v t plh t phl t phl v ol control input 3v 1.5v 0v 3.5v 0v output normally low output normally high switch closed switch open v ol 0.3v 0.3v t plz t pzl t pzh t phz 3.5v 0v 1.5v 1.5v enable disable v oh test circuits and waveforms propagation delay test circuits for all outputs enable and disable times set-up, hold, and release times pulse width notes: 1. diagram shown for input control enable-low and input control disable-high. 2. pulse generator for all pulses: rate 1.0mhz; t f 2.5ns; t r 2.5ns. test switch open drain disable low closed enable low all other tests open switch position definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator.
7 idt74fct162823at/ct fast cmos 18-bit register industrial temperature range ordering information xx temp. range xxxx device type xx package pvg pag shrink small outline package - green thin shrink small outline package - green 18-bit register 74  40  c to +85  c 162 double-density, 5 volt, balanced drive fct xxx family 823at 823ct corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 logichelp@idt.com san jose, ca 95138 fax: 408-284-2775 www.idt.com datasheet document history 09/06/09 pg. 7 updated the ordering information by removing the "idt" notation and non rohs part.


▲Up To Search▲   

 
Price & Availability of 74FCT162823CTPV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X