Part Number Hot Search : 
MPF102NL IRLML630 S3202 BLF247B 066R5FKR A332J MC001 HM6287
Product Description
Full Text Search
 

To Download 2SB1317 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB1317 description with to-3pl package complement to type 2sd1975 wide area of safe operation high transition frequency f t optimum for the output stage of a hi-fi audio amplifier applications for high power amplification pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -180 v v ceo collector-emitter voltage open base -180 v v ebo emitter-base voltage open collector -5 v i c collector current -15 a i cm collector current-peak -25 a t a =25 3.5 p c collector power dissipation t c =25 150 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pl) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SB1317 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v cesat collector-emitter saturation voltage i c =-10a ;i b =-1a -2.5 v v be base-emitter on voltage i c =-8a ; v ce =-5v -1.8 v i cbo collector cut-off current v cb =-180v; i e =0 -50 a i ebo emitter cut-off current v eb =-3v; i c =0 -50 a h fe-1 dc current gain i c =-20ma ; v ce =-5v 20 h fe-2 dc current gain i c =-1a ; v ce =-5v 60 200 h fe-3 dc current gain i c =-8a ; v ce =-5v 20 f t transition frequency i c =-0.5a ; v ce =-5v;f=1mhz 20 mhz c ob collector output capacitance i e =0;f=1mhz;v cb =-10v 450 pf  h fe-2 classifications q s p 60-120 80-160 100-200
savantic semiconductor product specification 3 silicon pnp power transistors 2SB1317 package outline fig.2 outline dimensions (unindicated tolerance:0.50 mm)
savantic semiconductor product specification 4 silicon pnp power transistors 2SB1317


▲Up To Search▲   

 
Price & Availability of 2SB1317

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X