Part Number Hot Search : 
01006 9575GH PUA3118 2SA16 BU4915G IN4727 09081 COLTD
Product Description
Full Text Search
 

To Download 2N7000G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2007 march, 2007 ? rev. 6 1 publication order number: 2n7000/d 2n7000 preferred device small signal mosfet 200 mamps, 60 volts n?channel to?92 features ? pb?free packages are available* maximum ratings rating symbol value unit drain source voltage v dss 60 vdc drain?gate voltage (r gs = 1.0 m  ) v dgr 60 vdc gate?source voltage ? continuous ? non?repetitive (t p 50  s) v gs v gsm 20 40 vdc vpk drain current ? continuous ? pulsed i d i dm 200 500 madc total power dissipation @ t c = 25 c derate above 25 c p d 350 2.8 mw mw/ c operating and storage temperature range t j , t stg ?55 to +150 c thermal characteristics characteristic symbol max unit thermal resistance, junction?to?ambient r  ja 357 c/w maximum lead temperature for soldering purposes, 1/16 from case for 10 seconds t l 300 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. d g n?channel s 1 source 3 drain 2 gate 200 mamps 60 volts r ds(on) = 5  preferred devices are recommended choices for future use and best overall value. see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information http://onsemi.com marking diagram and pin assignment 2n 7000 ayww   a = assembly location y = year ww = work week  = pb?free package (note: microdot may be in either location) 1 2 3 1 2 bent lead tape & reel ammo pack straight lead bulk pack 3 to?92 case 29 style 22
2n7000 http://onsemi.com 2 electrical characteristics (t c = 25 c unless otherwise noted) characteristic symbol min max unit off characteristics drain?source breakdown voltage (v gs = 0, i d = 10  adc) v (br)dss 60 ? vdc zero gate voltage drain current (v ds = 48 vdc, v gs = 0) (v ds = 48 vdc, v gs = 0, t j = 125 c) i dss ? ? 1.0 1.0  adc madc gate?body leakage current, forward (v gsf = 15 vdc, v ds = 0) i gssf ? ?10 nadc on characteristics (note 1) gate threshold voltage (v ds = v gs , i d = 1.0 madc) v gs(th) 0.8 3.0 vdc static drain?source on?resistance (v gs = 10 vdc, i d = 0.5 adc) (v gs = 4.5 vdc, i d = 75 madc) r ds(on) ? ? 5.0 6.0  drain?source on?voltage (v gs = 10 vdc, i d = 0.5 adc) (v gs = 4.5 vdc, i d = 75 madc) v ds(on) ? ? 2.5 0.45 vdc on?state drain current (v gs = 4.5 vdc, v ds = 10 vdc) i d(on) 75 ? madc forward transconductance (v ds = 10 vdc, i d = 200 madc) g fs 100 ?  mhos dynamic characteristics input capacitance (v ds = 25 v, v gs = 0, f = 1.0 mhz) c iss ? 60 pf output capacitance c oss ? 25 reverse transfer capacitance c rss ? 5.0 switching characteristics (note 1) turn?on delay time (v dd = 15 v, i d = 500 ma, r g = 25  , r l = 30  , v gen = 10 v) t on ? 10 ns turn?off delay time t off ? 10 1. pulse test: pulse width 300  s, duty cycle 2.0%. ordering information device package shipping ? 2n7000 to?92 1000 units / bulk 2N7000G to?92 (pb?free) 1000 units / bulk 2n7000rlra to?92 2000 tape & reel 2n7000rlrag to?92 (pb?free) 2000 tape & reel 2n7000rlrm to?92 2000 tape & ammo box 2n7000rlrmg to?92 (pb?free) 2000 tape & ammo box 2n7000rlrp to?92 2000 tape & ammo box 2n7000rlrpg to?92 (pb?free) 2000 tape & ammo box ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
2n7000 http://onsemi.com 3 i d , drain current (amps) r ds(on) , static drain?source on?resistance (normalized) v gs(th) , threshold voltage (normalized) i d , drain current (amps) 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 10 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 v ds , drain source voltage (volts) figure 1. ohmic region 1.0 0.8 0.6 0.4 0.2 10 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 v gs , gate source voltage (volts) figure 2. transfer characteristics 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 1.2 1.05 1.1 1.10 1.0 0.95 0.9 0.85 0.8 0.75 0.7 ?60 ?20 +20 +60 +100 +140 ?60 ?20 +20 +60 +100 +140 t, temperature ( c) figure 3. temperature versus static drain?source on?resistance t, temperature ( c) figure 4. temperature versus gate threshold voltage t a = 25 c v gs = 10 v 9 v 8 v 7 v 6 v 4 v 3 v 5 v v ds = 10 v ?55 c 25 c 125 c v gs = 10 v i d = 200 ma v ds = v gs i d = 1.0 ma
2n7000 http://onsemi.com 4 package dimensions to?92 (to?226) case 29?11 issue am notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. contour of package beyond dimension r is uncontrolled. 4. lead dimension is uncontrolled in p and beyond dimension k minimum. r a p j l b k g h section x?x c v d n n xx seating plane dim min max min max millimeters inches a 0.175 0.205 4.45 5.20 b 0.170 0.210 4.32 5.33 c 0.125 0.165 3.18 4.19 d 0.016 0.021 0.407 0.533 g 0.045 0.055 1.15 1.39 h 0.095 0.105 2.42 2.66 j 0.015 0.020 0.39 0.50 k 0.500 ??? 12.70 ??? l 0.250 ??? 6.35 ??? n 0.080 0.105 2.04 2.66 p ??? 0.100 ??? 2.54 r 0.115 ??? 2.93 ??? v 0.135 ??? 3.43 ??? 1 notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. contour of package beyond dimension r is uncontrolled. 4. lead dimension is uncontrolled in p and beyond dimension k minimum. r a p j b k g section x?x c v d n xx seating plane dim min max millimeters a 4.45 5.20 b 4.32 5.33 c 3.18 4.19 d 0.40 0.54 g 2.40 2.80 j 0.39 0.50 k 12.70 ??? n 2.04 2.66 p 1.50 4.00 r 2.93 ??? v 3.43 ??? 1 t straight lead bulk pack bent lead tape & reel ammo pack style 22: pin 1. source 2. gate 3. drain on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5773?3850 2n7000/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of 2N7000G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X