Part Number Hot Search : 
AX4740 APF3318 2SC23 TCMT1113 SI7898 M100A MA4E2040 00MD6
Product Description
Full Text Search
 

To Download 1N5395G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n5391g thru 1n5399g glass passivated silicon rectifier reverse voltage - 50 to 1000 volts forward current - 1.5amperes case : jedec do-15 molded plastic body terminals : plated axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight :0.014 ounce, 0.40 grams the plastic package carries underwriters laboratory flammability classification 94v-0 construction utilizes void-free molded plastic technique low reverse leakage high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds,0.375 ? (9.5mm) lead length, 5 lbs. (2.3kg) tension features mechanical data maximum ratings and electrical characteristics do-15 0.140 (3.6) 0.104(2.6) dia. 0.034 (0.86) 0.028 (0.70) dia. 0.300(7.6) 0.230(5.8) dimensions in inches and (millimeters) 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 1n 5392g volts volts volts symbols units amps amps volts v rrm v rms v dc i (av) i fsm v f 1.5 50.0 1.4 operating junction and storage temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 0.375 ? (9.5mm) lead length at t a =75 c peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.5a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) note: 1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 2.thermal resistance from junction to ambient at 0.375 ? (9.5mm)lead length,p.c.b. mounted 1.0 (25.4) min. 1.0 (25.4) min. i r 5.0 50.0 r q ja c j t j , t stg 50.0 20.0 -50 to +150 pf c a m typical thermal resistance (note 2) c/w 1n 5391g 1n 5393g 1n 5395g 1n 5398g 1n 5397g 1n 5399g 1n 5394g 300 210 300 1n 5396g 500 350 500 ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. mdd catalog number mdd electronic
ratings and characteristic curves 1n5391g thru 1n5399g 1.5 1.2 0.9 0.6 0.3 0 0 25 50 75 100 125 150 175 50 40 30 20 10 0 0.6 0.8 1.0 1.2 1.4 1.5 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse voltage,volts t,pulse duration,sec. fig. 5-typical junction capacitance fig. 6-typical transient thermal impedance fig. 3-typical instantaneous forward characteristics number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes instantaneous forward current,amperes junction capacitance, pf peak forward surge current, amperes instantaneous forward voltage, volts single phase half wave 60hz resistive or inductive load 1 10 100 8.3ms single half sine-wave (jedec method) 0.01 0.1 1 20 10 t j =25 c pulse width=300 m s 1%duty cycle t j =25 c 1 10 100 200 0 20 40 60 80 100 1,000 100 10 1 0.1 0.01 tj=100 c tj=25 c tj=150 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, microamperes transient thermal impedance, c/w ambient temperature, c mdd electronic


▲Up To Search▲   

 
Price & Availability of 1N5395G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X