Part Number Hot Search : 
6211A 7N60F IN493 HD1077G ISD1420S 116SG 2SC5003 100EP
Product Description
Full Text Search
 

To Download 1269 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pomona ? all dimensions are in inches. tole rances (except noted): .xx = .02? (,51 mm), .xxx = .005? (,127 mm). all specifications are to the latest revisions. specifications are subject to change without notice. registered trademarks are the property of their respective companies. made in usa 6/9/99 pomona access 90760 (800) 444 - 6785 or ( 4 2 5 ) 4 4 6 - 6 0 1 0 sy/eh/ls more drawings available at www.pomonaelectronics.com c: \ laura goldberg \ flukedatasheet \ d5510_2_01.doc page 1 of 2 model 5510 bnc to banana plug and binding post adapter kit sales: 8 0 0 - 4 9 0 - 2 3 6 1 fax: 8 8 8 - 4 0 3 - 3 3 6 0 technical assistance: 800 - 241 - 2060 materials: model 1269 : bnc female to double stacking banana plug: body: brass, nickel plated, dielectric: ptfe center contact: beryllium copper, gold plated, banana plug - body: brass, nickel plated, spring: beryllium copper, nickel plated, insulation - abs molded to bnc (female) and banana plug bodies, color: black marking: ?1269 pomona electronics pomona california?, ratings: operating voltage: hand - held testing: 30vac/60vdc max., hands free testing in controlled voltage environments: 500 vrms ma x., operating temperature: +50c (+122f) max. model 1270: bnc (male): body: brass, nickel plated, dielectric: ptfe, center contact: brass, gold plated, impedance: 50 ohms, banana plug: body: brass, nickel plated, spring: beryllium copper, nickel plated, insulation: abs molded to bnc (male) and banana plug bodies, color: black, marking: ?1270 pomona electronics pomona california?, ratings: voltage: hand - held testing: 30vac/60vdc max., hands free testing in controlled voltage environments: 500 vrms max. operating temperature: +50c (+122f) max. model 1296 : bnc (male): body: brass, nickel plated dielectric: ptfe, center contact: brass, gold plated, impedance: 50 ohms, insulation: abs molded to bnc (male) and binding post bodies, color: bla ck, marking: ?1296 pomona electronics pomona california?, binding post: body ? brass, nickel plated, insulated thumb knob ? polycarbonate, color: one black, one red, ratings: operating voltage: hand - held testing: 30vac/60vdc max., hands free testing in controlled voltage environments: 500 vrms max., operating temperature: +50c (+122f) max.
pomona ? all dimensions are in inches. tole rances (except noted): .xx = .02? (,51 mm), .xxx = .005? (,127 mm). all specifications are to the latest revisions. specifications are subject to change without notice. registered trademarks are the property of their respective companies. made in usa 6/9/99 pomona access 90760 (800) 444 - 6785 or ( 4 2 5 ) 4 4 6 - 6 0 1 0 sy/eh/ls more drawings available at www.pomonaelectronics.com c: \ laura goldberg \ flukedatasheet \ d5510_2_01.doc page 2 of 2 model 5510 bnc to banana plug and binding post adapter kit sales: 8 0 0 - 4 9 0 - 2 3 6 1 fax: 8 8 8 - 4 0 3 - 3 3 6 0 technical assistance: 800 - 241 - 2060 model 1452: adapter - binding posts to bnc receptacle: upper conn: binding posts, insulated, material: binding post body, brass h.h. per qq - b - 626, a lloy 360, finish: nickel plated per qq - n - 290, class 2 (.0002 min.), insulation: acrylonitrile - butadiene - styrene, molded to binding posts and bnc receptacle, color: one red and one black (gnd), operating temperature: +115oc. (+239of.) max., marking: ?po mona electronics pomona california 1452.?, lower conn: bnc receptacle, comparable to ug 1094/u, finish: body and fittings, tarnish resistant, nominal impedance: 50 ohms, ratings (entire assembly): operating temperature: +50oc. (+122of.) max., voltage: hand - held testing: 30 vac/60 vdc max., hands free testing in controlled voltage environments: 500 vrms. model 3283: body ? brass, tarnish resistant plating, center contact: gold plated beryllium copper dielectric: ptfe, marking: ?pomona 3283?, ratings: v oltage: shield/earth: 30vac/60vdc max., inner conductor/shield: 500vrms max., operating temperature: - 65oc to +165oc, nominal impedance: 50 ohms. model 3533: body ? brass, tarnish resistant plating, center contact: gold plated brass, dielectric: ptfe, fin ish: body and fittings ? tarnish resistant, center contact ? gold plated, marking: ?pomona 3533?, ratings: voltage: shield/earth: 30vac/60vdc max., inner conductor/shield: 500vrms max., operating temperature: - 65oc to +165oc, nominal impedance: 50 ohms. ordering information: model 5510 (includes a kit of items from above) replacement p/n?s: model 1269: bnc female to double stacking banana plug: body, model 1270: bnc (male)to double stacking banana plug, model 1296 : bnc (male) to double stacking binding p ost jacks, model 1452: adapter - binding posts to bnc receptacle, model 3283: adapter bnc female to female, model 3533: adapter bnc male to male.


▲Up To Search▲   

 
Price & Availability of 1269

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X