Part Number Hot Search : 
SH501 A2S1CSQ 0J226 PBSS51 YD6220 530LB7C 23902 TPF0505S
Product Description
Full Text Search
 

To Download TV04A6V0J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  working peak reverse v oltage: 5.0 - 170 volts power dissipation: 400 w atts tv04a5v0 thru tv04a171 features ideal for surface mount applications easy pick and place plastic package has underwriters lab. flammability classification 94v-0 typical ir less than 1ua above 10v fast reponse time: typically less 1ns for uni-direction, less than 5ns for bi- directiona, from 0 v to bv min. mechanical data case: jedec do-214ac molded plastic t erminals: solderable per mil-std-750, method 2026 polarity: cathode band denoted mounting position: any approx. weight:0.064 gram smd t ransient v oltage suppressor smd t ransient v oltage suppressor www.com chip.co m.tw c o m c h ip c o m c h ip maximum ratings and electrical characterics dim en sio ns i n in che s an d (m illim ete rs) 0.0 08 (0 .20 ) 0.0 04 (0 .10 ) 0.0 67 (1. 70 ) 0.0 51 (1. 29 ) 0.0 91 (2. 31 ) 0.0 67 (1. 70 ) 0.0 59 (1. 50 ) 0.0 35 (0. 89 ) 0.11 0(2 .79 ) 0.0 86 (2. 18 ) 0.1 80 (4. 57 ) 0.1 60 (4. 06 ) 0.0 12 (0. 31 ) 0.0 06 (0. 15 ) 0.2 09 (5. 31 ) 0.1 85 (4. 70 ) do-214ac (sma) rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20% mds0211009a page 1 characteristics peak power dissipation on 10/1000us waveform (note 1, fig. 1) peak pulse current of on 10/1000us waveform (note 1, fig. 3) steady state power dissipation at t l =75 c (note 2) peak forfard surge current, 8.3ms single half sine-wave superimposed on rated load, uni-directional only (note 3) maxinum instantaneous forward voltage at 25.0a for uni-directional only (note 3 & 4) operation junction t emperature range storage t emperature range symbol p ppm i ppm p m(av) i fsm vf tj t stg note: 1. non-repetitive current pulse, per fig. 3 and derated above t a=25 c, per fig. 2. 2. mounted on 5.0x5.0mm copper pads to each t erminal. 3. lead t emperature at tl=75 c per fig. 5 4. measured on 8.3 ms single half sine-wave for uni-directional devices only. 5. peak pulse power waveform is 10/1000us. value 400 see t able 1 1.0 40 3.5 -55 to +150 -55 to +150 units watts a watts a volts c c
rating and characteristic curves (tv04a5v0 thru tv04a171) fig. 1 - reve rse cha racter istics fig. 2 - pulse deratin g ci urve www.com chip.co m.tw c o m c h ip c o m c h ip 0 .1 1 .0 1 0 1 0 0 1 0 0 0 1 0 0 0 0 mds0211009a page 2 smd t ransient v oltage suppressor smd t ransient v oltage suppressor 100 10 1.0 0.1 non-repetitive pulse waveformshown in fig. 3 t a =25 c mounted on 5mmx5mm copper pads pulse width, t d (us) p e a k p u l s e p o w e r , p p p m ( k w ) 0 25 50 75 100 125 150 175 ambient t emperature,t a ( c) ambient t emperature,t a ( c) p e a k p u l s e p o w e r ( p p p ) o r c u r r e n t ( i p p ) d e r a t i n g i n p e r c e n t ( % ) 1 4 0 1 2 0 1 0 0 8 0 6 0 4 0 2 0 0 fig. 4 - typica l junctio n capac itance j u n c t i o n c a p a c i t a n c e , c j ( p f ) breakdown voltage,v br (volts) 10,000 1,000 100 0 1.0 10 100 1,000 tj=25 c f=1.0mhzvsig=50mvp-p measure at standard-offvoltage, vwm uni-directional bi-directional fig. 5 - steady state power deratin g cu rve leadt t emperature,t l ( c) s t e a d y s t a t e p o w e r d i s s i p a t i o n , p m ( a v ) , w a t t s 60hz resistive orinductive load mounted on 5mmx5mmcopper pads 8.3ms single half sine-wave (jedec method) tj=tjmax fig. 6 - maxinu m n on-rep etitive peak forwa rd s urge curren t (un i- directi onal only) p e a k f o r w a r d s u r g e c u r r e n t , i f s m ( a ) 100 50 30 10 1 10 100 number of cycle at 60hz 1 .4 1 .2 1 .0 0 .8 0 .6 0 .4 0 .2 0 0 25 50 75 100 125 150 175 mounted on 5mmx5mmcopper pads fig. 3 - puls e wavefo rm time, t (ms) 0 1.0 2.0 3.0 4.0 125 100 75 50 25 0 pulse width (td) is defined as the point where the peak current decay to 50% of ipp peak value i ppm half value ipp/2 10/1000 us w aveform as defined by r.e.a. p e a k p u l s e c u r r e n t , i p p m ( % ) tr =10us
smd t ransient v oltage suppressor smd t ransient v oltage suppressor www.com chip.co m.tw c o m c h ip c o m c h ip table 1. specification mds0211009a page 3 part no. v rwm v br min v br max i t i fsm i r @ v rwm ( v ) ( v ) ( v ) ( ma ) (a) @8.3 ms ( v ) ipp(a) ( ua ) uni bi tv04a5v0k(b) 5.00 6.40 7.30 10 40 9.6 41.6 800 ad wd tv04a5v0j(b) 5.00 6.40 7.00 10 40 9.2 43.5 800 ae we tv04a6v0k(b) 6.00 6.67 8.15 10 40 11.4 35.1 800 af wf TV04A6V0J(b) 6.00 6.67 7.37 10 40 10.3 38.0 800 ag wg tv04a6v5k(b) 6.50 7.22 8.82 10 40 12.3 32.5 500 ah wh tv04a6v5j(b) 6.50 7.22 7.98 10 40 11.2 35.7 500 ak wk tv04a7v0k(b) 7.00 7.78 9.51 1 40 13.3 30.1 200 al wl tv04a7v0j(b) 7.00 7.78 8.60 1 40 12.0 33.3 200 am wm tv04a7v5k(b) 7.50 8.33 10.2 1 40 14.3 28.0 100 an wn tv04a7v5j(b) 7.50 8.33 9.21 1 40 12.9 31.0 100 ap wp tv04a8v0k(b) 8.00 8.89 10.9 1 40 15.0 26.5 50 aq wq tv04a8v0j(b) 8.00 8.89 9.83 1 40 13.6 29.4 50 ar wr tv04a8v5k(b) 8.50 9.44 11.5 1 40 15.9 25.1 10 as ws tv04a8v5j(b) 8.50 9.44 10.4 1 40 14.4 27.7 10 at wt tv04a9v0k(b) 9.00 10.0 12.2 1 40 16.9 23.6 5 au wu tv04a9v0j(b) 9.00 10.0 11.1 1 40 15.4 26.0 5 av wv tv04a100k(b) 10.00 11.1 13.6 1 40 18.8 21.1 5 aw ww tv04a100j(b) 10.00 11.1 12.3 1 40 17.0 23.5 5 ax wx tv04a110k(b) 11.00 12.2 14.9 1 40 20.1 20.0 5 ay wy tv04a110j(b) 11.00 12.2 13.5 1 40 18.2 22.0 5 az wz tv04a120k(b) 12.00 13.3 16.3 1 40 22.0 18.1 5 bd xd tv04a120j(b) 12.00 13.3 14.7 1 40 19.9 20.1 5 be xe tv04a130k(b) 13.00 14.4 17.6 1 40 23.8 16.8 5 bf xf tv04a130j(b) 13.00 14.4 15.9 1 40 21.5 18.6 5 bg xg tv04a140k(b) 14.00 15.6 19.1 1 40 25.8 15.5 5 bh xh tv04a140j(b) 14.00 15.6 17.2 1 40 23.2 17.2 5 bk xk tv04a150k(b) 15.00 16.7 20.4 1 40 26.9 14.8 5 bl xl tv04a150j(b) 15.00 16.7 18.5 1 40 24.4 16.4 5 bm xm tv04a160k(b) 16.00 17.8 21.8 1 40 28.8 13.8 5 bn xn tv04a160j(b) 16.00 17.8 19.7 1 40 26.0 15.3 5 bp xp tv04a170k(b) 17.00 18.9 23.1 1 40 30.5 13.1 5 bq xq tv04a170j(b) 17.00 18.9 20.9 1 40 27.6 14.5 5 br xr tv04a180k(b) 18.00 20.0 24.4 1 40 32.2 12.4 5 bs xs tv04a180j(b) 18.00 20.0 22.1 1 40 29.2 13.7 5 bt xt tv04a200k(b) 20.00 22.2 27.1 1 40 35.8 11.1 5 bu xu tv04a200j(b) 20.00 22.2 24.5 1 40 32.4 12.3 5 bv xv tv04a220k(b) 22.00 24.4 29.8 1 40 39.4 10.0 5 bw xw tv04a220j(b) 22.00 24.4 26.9 1 40 35.5 11.2 5 bx xx tv04a240k(b) 24.00 26.7 32.6 1 40 43.0 9.3 5 by xy tv04a240j(b) 24.00 26.7 29.5 1 40 38.9 10.3 5 bz xz tv04a260k(b) 26.00 28.9 35.3 1 40 46.6 8.6 5 cd yd tv04a260j(b) 26.00 28.9 31.9 1 40 42.1 9.5 5 ce ye tv04a280k(b) 28.00 31.1 38.0 1 40 50.0 8.0 5 cf yf tv04a280j(b) 28.00 31.1 34.4 1 40 45.4 8.8 5 cg yg tv04a300k(b) 30.00 33.3 40.7 1 40 53.5 7.5 5 ch yh tv04a300j(b) 30.00 33.3 36.8 1 40 48.4 8.3 5 ck yk tv04a330k(b) 33.00 36.7 44.9 1 40 59.0 6.8 5 cl yl tv04a330j(b) 33.00 36.7 40.6 1 40 53.3 7.5 5 cm ym tv04a360k(b) 36.00 40.0 49.9 1 40 64.3 6.2 5 cn yn tv04a360j(b) 36.00 40.0 44.2 1 40 58.1 6.9 5 cp yp tv04a400k(b) 40.00 44.4 54.3 1 40 71.4 5.6 5 cq yq tv04a400j(b) 40.00 44.4 49.1 1 40 64.5 6.2 5 cr yr tv04a430k(b) 43.00 47.8 58.4 1 40 76.7 5.2 5 cs ys tv04a430j(b) 43.00 47.8 52.8 1 40 69.4 5.7 5 ct yt tv04a450k(b) 45.00 50.0 61.1 1 40 80.3 5.0 5 cu yu tv04a450j(b) 45.00 50.0 55.3 1 40 72.7 5.5 5 cv yv max vc marking code absolute maximum r ating (ta=25 c) electrical characteristi cs (ta=25 c)
smd t ransient v oltage suppressor smd t ransient v oltage suppressor www.com chip.co m.tw c o m c h ip c o m c h ip mds0211009a page 4 note: 1) suffix k denotes 10% tolerance devices, suffix j denotes 5% tolerance devices. 2) suffix b after part number to specify bi-directional devices. 3) for bi-directional devices having vr of 10 volts and under, the ir limit is double. part no. v rwm v br min v br ma x i t i fsm i r @ v rwm ( v ) ( v ) ( v ) ( ma ) (a) @8 .3m s ( v ) ipp( a) ( ua ) uni bi tv 04a480k( b) 48.00 53.3 65.1 1 40 85.5 4.7 5 cw yw tv 04a480j (b) 48.00 53.3 58.9 1 40 77.4 5.2 5 cx yx tv 04a510k( b) 51.00 56.7 69.3 1 40 91.1 4.4 5 cy yy tv 04a510j (b) 51.00 56.7 62.7 1 40 82.4 4.9 5 cz yz tv 04a540k( b) 54.00 60.0 73.3 1 40 96.3 4.2 5 rd zd tv 04a540j (b) 54.00 60.0 66.3 1 40 87.1 4.6 5 re ze tv 04a580k( b) 58.00 64.4 78.7 1 40 103.0 3.9 5 rf zf tv 04a580j (b) 58.00 64.4 71.2 1 40 93.6 4.3 5 rg zg tv 04a600k( b) 60.00 66.7 81.5 1 40 107.0 3.7 5 rh zh tv 04a600j (b) 60.00 66.7 73.7 1 40 96.8 4.1 5 rk zk tv 04a640k( b) 64.00 71.1 86.9 1 40 114.0 3.5 5 rl zl tv 04a640j (b) 64.00 71.1 78.6 1 40 103.0 3.9 5 rm zm tv 04a700k( b) 70.00 77.8 95.0 1 40 125.0 3.2 5 rn zn tv 04a700j (b) 70.00 77.8 86.0 1 40 113.0 3.5 5 rp zp tv 04a750k( b) 75.00 83.3 102 1 40 134.0 3.0 5 rq zq tv 04a750j (b) 75.00 83.3 92.1 1 40 121.0 3.3 5 rr zr tv 04a780k( b) 78.00 86.7 106 1 40 139.0 2.9 5 rs zs tv 04a780j (b) 78.00 86.7 95.8 1 40 126.0 3.2 5 rt zt tv 04a850k( b) 85.00 94.4 115 1 40 151.0 2.6 5 ru zu tv 04a850j (b) 85.00 94.4 104 1 40 137.0 2.9 5 rv zv tv 04a900k( b) 90.00 100 122 1 40 160.0 2.5 5 rw zw tv 04a900j (b) 90.00 100 111 1 40 146.0 2.7 5 rx zx tv 04a101k( b) 100.00 111 136 1 40 179.0 2.2 5 ry zy tv 04a101j (b) 100.00 111 123 1 40 162.0 2.5 5 rz zz tv 04a111k( b) 110.00 122 149 1 40 196.0 2.0 5 sd vd tv 04a111j (b) 110.00 122 135 1 40 177.0 2.3 5 se ve tv 04a121k( b) 120.00 133 163 1 40 214.0 1.9 5 sf vf tv 04a121j (b) 120.00 133 147 1 40 193.0 2.0 5 sg vg tv 04a131k( b) 130.00 144 176 1 40 231.0 1.7 5 sh vh tv 04a131j (b) 130.00 144 159 1 40 209.0 1.9 5 sk vk tv 04a151k( b) 150.00 167 204 1 40 268.0 1.5 5 sl vl tv 04a151j (b) 150.00 167 185 1 40 243.0 1.6 5 sm vm tv 04a161k( b) 160.00 178 218 1 40 287.0 1.4 5 sn vn tv 04a161j (b) 160.00 178 197 1 40 259.0 1.5 5 sp vp tv 04a171k( b) 170.00 189 231 1 40 304.0 1.3 5 sq vq tv 04a171j (b) 170.00 189 209 1 40 275.0 1.4 5 sr vr max vc marking code abs olute max imum ra ting (ta=25 c) el ect ri cal ch arac ter is ti cs (t a=25 c)


▲Up To Search▲   

 
Price & Availability of TV04A6V0J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X