Part Number Hot Search : 
33411 RT2512 RT2512 CIT2211 F7205 2N440101 TFP410PA SC101
Product Description
Full Text Search
 

To Download TLP179D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TLP179D 2004-2-26 1 toshiba photocoupler photo relay t l p 1 7 9 d measurement instruments logic ic testers / memory testers board testers / scanners the toshiba TLP179D mini-flat photorelay is a small-outline photorelay, suitable for surface-mount assembly. the TLP179D consists of a gaas infrared-emitting diode optically coupled to a photo-mos fet and housed in a 4-pin package. its characteristics include low off-state current and low output pin capacitance, enabling it to be used in high-frequency mearsuring instruments. features ? 4 pin sop (2.54sop4) : 2.1 mm high, 2.54 mm pitch ? 1-form-a ? peak off-state voltage : 200 v (min.) ? trigger led current : 3 ma (max.) ? on-state current : 50 ma (max.) ? on-state resistance : 50 ? (max.), 40 ? (typ.) ? output capacitance : 20 pf (max.), 15 pf (typ.) ? isolation voltage : 1500 vrms (min.) pin configuration (top view) ??? ??? ??? ??? schematic 1 : anode 2 : cathode 3 : drain 4 : drain 1 2 4 3 ???????? 1 2 4 3 ? unit: mm jedec eiaj toshiba 11 ? 5h1 weight: 0.1 g
TLP179D 2004-2-26 2 maximum ratings (ta = = = = 25c) characteristic symbol rating unit forward current i f 50 ma forward current derating (ta > = 25c) ? i f /c ? 0.5 ma/c reverse voltage v r 5 v led junction temperature t j 125 c off-state output terminal voltage v off 200 v on-state current i on 50 ma on-state current derating (ta > = 25c) ? i on /c ? 0.5 ma/c detector junction temperature t j 125 c storage temperature range t stg ? 55~125 c operating temperature range t opr ? 40~85 c lead soldering temperature (10 s) t sol 260 c isolation voltage (ac, 1 minute, r.h. < = 60%) (note1) bv s 1500 vrms (note1) : device considered a two-terminal device : pins 1 and, 2 shorted together, and pins 3 and 4 shorted together. recommended operating conditions characteristic symbol min. typ. max. unit supply voltage v dd ? ? 160 v forward current i f 5 7.5 15 ma on-state current i on ? ? 50 ma operating temperature t opr 25 ? 60 c individual electrical characteristics (ta = = = = 25c) characteristic symbol test condition min. typ. max. unit forward voltage v f i f = 10 ma 1.0 1.15 1.3 v reverse current i r v r = 5 v ? ? 10 a led capacitance c t v = 0, f = 1 mhz ? 30 ? pf off-state current i off v off = 160 v ? ? 1 na detector capacitance c off v = 0, f = 100 mhz, t < 10 s ? 15 20 pf
TLP179D 2004-2-26 3 coupled electrical characteristics (ta = = = = 25c) characteristic symbol test condition min. typ. max. unit trigger led current i ft i on = 50 ma ? 1 3 ma return led current i fc i off = 100 a 0.1 ? ? ma on-state resistance r on i on = 50 ma, i f = 5 ma, t < 1 s ? 30 50 ? isolation characteristics (ta = = = = 25c) characteristic symbol test condition min. typ. max. unit capacitance input to output c s v s = 0 v, f = 1 mhz ? 0.8 ? pf isolation resistance r s v s = 500 v, r.h. < = 60% 5 10 10 10 14 ? ? ac, 1 minute 1500 ? ? ac, 1 second (in oil) ? 3000 ? vrms isolation voltage bv s dc, 1 minute (in oil) ? 3000 ? vdc switching characteristics (ta = = = = 25c) characteristic symbol test condition min. typ. max. unit turn-on time t on ? 0.03 0.5 turn-off time t off r l = 200 ? (note 2) v dd = 10 v, i f = 5 ma ? 0.07 0.2 ms (note 2) : switching time test circuit 4 r l v dd v out 3 1 2 i f v out i f t on t off 90% 10%
TLP179D 2004-2-26 4 ? the information contained herein is subject to change without notice. ? the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba for any infringements of patents or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of toshiba or others. ? toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc.. ? the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk. ? the products described in this document are subject to the foreign exchange and foreign trade laws. ? toshiba products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations. ? gaas(gallium arsenide) is used in this product. the dust or vapor is harmful to the human body. do not break, cut, crush or dissolve chemically. 030619ebc restrictions on product use


▲Up To Search▲   

 
Price & Availability of TLP179D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X