Part Number Hot Search : 
TS4890IS KA358DTF MN13801 ZXCL330 37101E3 A5800447 13001B 100E1
Product Description
Full Text Search
 

To Download PT2381 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  princeton technology corp. tel: 886-2-29162151 fax: 886-2-29174598 url: http://www.princeton.com.tw 4-mode preset equalizer ic PT2381 PT2381 v 1.0 page 1 `feb. 1997 description PT2381 is a pre-set equalizer ic utilizing cmos technology specially designed for audio equipment. it features four sound selections, namely: classical, pops, rock and normal/flat which may be selected by the 2 control pins (sw1 and sw2). PT2381 has 2 built-in channels - each containing an internal operation amplifier and selectable resistors. thus, least external components are used. by connecting only 3 capacitors to each channel, the high performance pre-set equalizing function of this ic is achieved. pin assignments and application circuit are optimized for easy pcb layout and cost saving for audio applications. PT2381 is housed in a 16-pin dip or so package and is suitable for stereo applications. features ! cmos technology ! least external components ! enhanced effects of pt2380 ! available in 16 pins, dip or so package ! 4 sound effect selections available: classical, pops, rock, and normal/flat ! wide operating voltage range: vcc = 2 ~ 15 v ! two channels in the one chip ! can be controlled by micro-processor output pin which is compatible with ta2078, m62412 interface definition applications ! mini compo ! car stereo ! radio cassette recorders ! multi-media speaker ! mpeg card ! mini walk-man ! other audio equipments
princeton technology corp. tel: 886-2-29162151 fax: 886-2-29174598 url: http://www.princeton.com.tw 4-mode preset equalizer ic PT2381 PT2381 v 1.0 page 2 `feb. 1997 pin configuration application circuits note: the capacitor?s polarity of pins: in1, in2, out1, out2 are dependent on the applied dc level of pins in1, in2, out1, out2.
princeton technology corp. tel: 886-2-29162151 fax: 886-2-29174598 url: http://www.princeton.com.tw 4-mode preset equalizer ic PT2381 PT2381 v 1.0 page 3 `feb. 1997


▲Up To Search▲   

 
Price & Availability of PT2381

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X