Part Number Hot Search : 
KF4N20 P33K25V6 MT3230C4 10M20 C3227 MM5Z13VB ADRF6510 87568
Product Description
Full Text Search
 

To Download PR10012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds26008 rev. 4 - 2 1 of 3 www.diodes.com pr1001 - pr1005 ? diodes incorporated pr1001 - pr1005 1.0a fast recovery rectifier features ? diffused junction ? fast switching for high efficiency ? high current capability and low forward voltage drop ? surge overload rating to 30a peak ? low reverse leakage current ? lead free finish, rohs compliant (note 4) mechanical data ? case: do-41 ? case material: molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020d ? terminals: finish - tin. plat ed leads solderable per mil-std-202, method 208 ? polarity: cathode band ? marking: type number ? ordering information: see page 3 ? weight: 0.35 grams (approximate) dim do-41 plastic min max a 25.40 ? b 4.06 5.21 c 0.71 0.864 d 2.00 2.72 all dimensions in mm maximum ratings and electrical characteristics @t a = 25c unless otherwise specified single phase, half wave, 60hz, re sistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol pr1001 pr1002 pr1003 pr1004 pr1005 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage (note 5) v rrm v rwm v r 50 100 200 400 600 v rms reverse voltage v r(rms) 35 70 140 280 420 v average rectified output current (note 1) @ t a = 75 c i o 1.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 30 a forward voltage drop @ i f = 1.0a v fm 1.2 v peak reverse current @ t a = 25 c at rated dc blocking voltage (note 5) @ t a = 100 c i rm 5.0 100 a reverse recovery time (note 3) t rr 150 250 ns typical total capacitance (note 2) c t 15 8.0 pf typical thermal resistance junction to ambient r ja 75 c/w operating and storage temperature range t j, t stg -65 to +150 c notes: 1. valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. measured with i f = 0.5a, i r = 1a, i rr = 0.25a. see figure 5. 4. eu directive 2002/95/ec (rohs). all appl icable rohs exemptions applied, see eu directive 2002/95/ec annex n otes . 5. short duration pul se test used to minimize self-heating effect.
ds26008 rev. 4 - 2 2 of 3 www.diodes.com pr1001 - pr1005 ? diodes incorporated 0 0.2 0.4 0.6 0.8 1.0 25 50 75 100 125 150 175 200 i, ave r a g e f o r wa r d r e c t i f ied c u r r e n t (a) (av) t , ambient temperature (c) fig. 1 forward derating curve a single phase half-wave 60 hz resistive or inductive load 0.01 0.1 1.0 10 0.6 0.8 1.0 1.2 1.4 i , ins t an t ane o u s f o r wa r d c u r r en t (a) f v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f t= 25c j i , peak forward surge current (a) fsm 0 10 20 30 110100 number of cycles at 60 hz fig. 3 peak forward surge current pulse width 8.3ms single half-sine-wave 1 10 100 11 01 0 0 c , t o t al c a p a c i t an c e (p f ) t v , dc reverse voltage (v) fig. 4 typical total capacitance r
ds26008 rev. 4 - 2 3 of 3 www.diodes.com pr1001 - pr1005 ? diodes incorporated ordering information (note 6) device packaging shipping pr1001-t do-41 5k/tape & reel, 13-inch pr1002-t do-41 5k/tape & reel, 13-inch pr1003-t do-41 5k/tape & reel, 13-inch pr1004-t do-41 5k/tape & reel, 13-inch pr1005-t do-41 5k/tape & reel, 13-inch notes: 6. for packaging details, visit our we bsite at http://www.diodes .com/datasheets/ap02008.pdf. important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its paten t rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products ar e represented on our website, harmless against all damages. life support diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of PR10012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X