Part Number Hot Search : 
DTC144WS 0110J503 SEMIX HPR109WH MPL031 N2907A N2907A MT6L61AE
Product Description
Full Text Search
 

To Download NX7563JB-BC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the mark shows major revised points. the revised points can be easily searched by copying an "" in the pdf file and specifying it in the "find what:" field. r08ds0010ej0200 rev.2.00 page 1 of 6 sep 19, 2010 preliminary data sheet NX7563JB-BC laser diode ingaasp mqw dc-pbh pulsed laser d iode module 1 550 nm otdr application description the NX7563JB-BC is a 1 550 nm multiple quantum well (m qw) structure pulsed laser diode dip module with single mode fiber and internal thermoelectric cooler. it is design ed for light sources of optical measurement equipment (otdr). features ? high output power p f = 135 mw min. @ i fp = 1 000 ma, pw = 10 s, duty = 1% ? long wavelength c = 1 550 nm ? internal thermoelectric cooler, thermistor ? hermetically sealed 14-pin dual-in-line package ? single mode fiber pigtail r08ds0010ej0200 rev.2.00 sep 19, 2010
NX7563JB-BC chapter title r08ds0010ej0200 rev.2.00 page 2 of 6 sep 19, 2010 package dimensions (unit: mm) 8.1 optical fiber sm-9/125, length: 1 m typ. #8 #7 #1 #14 ld ? + bottom view thermistor cooler case 1 2 3 4 5 6 7 cooler anode nc nc nc laser anode, case ground nc nc 8 9 10 11 12 13 14 nc laser cathode laser anode, case ground thermistor thermistor nc cooler cathode pin no. pin no. pin connections function function 12.7 25.4 1.0 20.8 21.3 7.62 19.1 4.0 3.2 5.1 11.66 6.5 5.6 10.2 1.0 2.54 3.0 0.9 0.45 5.0 3.0 optical fiber characteristics parameter specification unit mode field diameter 9.5 1 m cladding diameter 125 2 m maximum cladding noncircularity 2 % maximum core/cladding concentricity 1.6 % outer diameter 0.9 0.1 mm cut-off wavelength 1 100 to 1 270 nm minimum fiber bending radius 30 mm fiber length 1 000 min. mm flammability ul1581 vw-1 fc-upc connector fiber length: 1 000 mm min.
NX7563JB-BC chapter title r08ds0010ej0200 rev.2.00 page 3 of 6 sep 19, 2010 ordering information part number available connector NX7563JB-BC with fc-upc connector absolute maximum ratings parameter symbol ratings unit pulsed forward current *1 i fp 1.2 a reverse voltage v r 2.0 v cooler current i c 1.0 a cooler voltage v c 2.0 v thermistor current i t 0.5 ma thermistor voltage v t 12.0 v operating case temperature t c ? 20 to +65 c storage temperature t stg ? 40 to +85 c lead soldering temperature t sld 260 (10 sec.) c *1 pulse conditions: pulse width (pw) = 10 s, duty = 1% electro-optical characteristics (t ld = 25 c, t c = ? 20 to +65 c, unless otherwise specified) parameter symbol conditions min. typ. max. unit forward voltage v fp cw, i f = 30 ma 2.5 4.0 v threshold current i th cw 40 70 ma optical output power from fiber p f i fp = 1 000 ma, *1 135 mw i fp = 600 ma, *1 70 i fp = 400 ma, *1 20 center wavelength c rms, i fp = 400, 600, 1 000 ma, *1 1 530 1 550 1 570 nm spectral width rms, i fp = 400, 600, 1 000 ma, *1 6.0 10.0 nm rise time t r 10-90% 1.0 2.0 ns fall time t f 90-10% 1.4 2.0 ns *1 pw = 10 s, duty = 1% electro-optical characteristics (applicable to thermistor and tec: t ld = 25 c, t c = ? 20 to +65 c, unless otherwise specified) parameter symbol conditions min. typ. max. unit thermistor resistance r t ld = 25 c 9.5 10.0 10.5 k b constant b 3 350 3 450 3 550 k cooler current i c t = 40 c 0.6 0.8 a cooler voltage v c t = 40 c 1.1 1.5 v cooling capacity t *1 i c = 0.8 a 40 c *1 t = ? t c ? t ld ?
NX7563JB-BC chapter title r08ds0010ej0200 rev.2.00 page 4 of 6 sep 19, 2010 typical characteristics (t c = 25 c, unless otherwise specified) 0 100 300 200 200 400 600 800 1 000 1 200 optical output power from fiber p f (mw) pulsed forward current i fp (ma) optical output power from fiber vs. pulsed forward current 1 530 1 555 1 580 relative intensity (linear scale) spectrum wavelength (nm) 1 5 50 30 20 10 3 2 25 50 75 0 case temperature t c ( c) thermistor resistance vs. case temperature thermistor resistance r (k ) pw = 10 s, duty = 1% pw = 10 s, duty = 1% remark the graphs indicate nominal characteristics.
NX7563JB-BC chapter title r08ds0010ej0200 rev.2.00 page 5 of 6 sep 19, 2010 reference document name document no. opto-electronics devices pamphlet *1 px10160e *1 published by the former nec electronics corporation.
NX7563JB-BC chapter title r08ds0010ej0200 rev.2.00 page 6 of 6 sep 19, 2010 safety information on this product danger invisible laser radiation avoid direct exposure to beam output power mw max wavelength nm class lllb laser product semiconductor laser avoid exposure-invisible laser radiation is emitted from this aperture warning laser beam a laser beam is emitted from this diode during operation. the laser beam, visible or in visible, directly or indi rectly, may cause injury to the eye or loss of eyesight. ? do not look directly into the laser beam. ? avoid exposure to the laser beam, any reflected or collimated beam. caution gaas products this product uses gallium arsenide (gaas). gaas vapor and powder are hazardous to human health if inhaled or ingested, so please observe the following points. ? follow related laws and ordinances when disposi ng of the product. if there are no applicable laws and/or ordinances, dispose of the product as recommended below. 1. commission a disposal company able to (with a license to) collect, tran sport and dispose of materials that contain arsenic and ot her such industrial waste materials. 2. exclude the product from general industrial waste and household garbage, and ensure that the product is controlled (as industrial waste subjec t to special control) up until final disposal. ? do not burn, destroy, cut, crush, or chemically dissolve the product. ? do not lick the product or in any way allow it to enter the mouth. caution optical fiber a glass-fiber is attached on the product. handle with care. ? when the fiber is broken or damaged, handle care fully to avoid injury from the damaged part or fragments.
all trademarks and registered trademarks are t he property of their respective owners. c - 1 revision history nx756 3jb-bc data sheet description rev. date page summary ? may 2007 ? previous no. : pl10662ej01v0ds 2.00 sep 19, 2010 p.3 absolute maximum ratings storage temperature : ? 40 to +70 -> ? 40 to +85
notice 1. all information included in this document is current as of the date this document is issued. such information, however, is s ubject to change without any prior notice. before purchasing or using any renesas electronics products listed herein, please confirm the latest product information with a renesas electronics sales office. also , please pay regular and careful attention to additional and different information to be disclosed by renesas electronics such as that disclosed through our website. 2. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property ri ghts of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any paten ts, copyrights or other intellectual property rights of renesas electronics or others. 3. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part . 4. descriptions of circuits, software and other related information in this document are provided only to illustrate the operat ion of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 5. when exporting the products or technology described in this document, you should comply with the applicable export control l aws and regulations and follow the procedures required by such laws and regulations. you should not use renesas electronics products or the technology described in this document for any purpose rela ting to military applications or use by the military, including but not limited to the development of weapons of mass destruction. renesas electronics products and technology may not be used for or incorporate d into any products or systems whose manufacture, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. 6. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics does not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information incl uded herein. 7. renesas electronics products are classified according to the following three quality grades: "standard", "high quality", an d "specific". the recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. you must check the quality grade of each renesas electronics produ ct before using it in a particular application. you may not use any renesas electronics product for any application categorized as "specific" without the prior written consent of renesas electronics. fu rther, you may not use any renesas electronics product for any application for which it is not intended without the prior written consent of renesas electronics. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for an application categorized as "specific" or for which the product is not intended wh ere you have failed to obtain the prior written consent of renesas electronics. the quality grade of each renesas electronics product is "standard" unless otherwise expressly specified in a renesas electroni cs data sheets or data books, etc. "standard": computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment ; home electronic appliances; machine tools; personal electronic equipment; and industrial robots. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; anti-crime systems; safety equipment; and medical equipment not specifically designed for life support. "specific": aircraft; aerospace equipment; submersible repeaters; nuclear reactor control systems; medical equipment or syst ems for life support (e.g. artificial life support devices or systems), surgical implantations, or healthcare intervention (e.g. excision, etc.), and any other applications or purposes that pose a direct thr eat to human life. 8. you should use the renesas electronics products described in this document within the range specified by renesas electronics , especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas el ectronics shall have no liability for malfunctions or damages arising out of the use of renesas electronics products beyond such specified ranges. 9. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have s pecific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance design . please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas electronics produc t, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measu res. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 10. please contact a renesas electronics sales office for details as to environmental matters such as the environmental compati bility of each renesas electronics product. please use renesas electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, in cluding without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 11. this document may not be reproduced or duplicated, in any form, in whole or in part, without prior written consent of renes as electronics. 12. please contact a renesas electronics sales office if you have any questions regarding the information contained in this doc ument or renesas electronics products, or if you have any other inquiries. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-o wned subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. http://www.renesas.com refer to "http://www.renesas.com/" for the latest and detailed information. renesas electronics america inc. 2880 scott boulevard santa clara, ca 95050-2554, u.s.a. tel: +1-408-588-6000, fax: +1-408-588-6130 renesas electronics canada limited 1101 nicholson road, newmarket, ontario l3y 9c3, canada tel: +1-905-898-5441, fax: +1-905-898-3220 renesas electronics europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-585-100, fax: +44-1628-585-900 renesas electronics europe gmbh arcadiastrasse 10, 40472 dsseldorf, germany tel: +49-211-6503-0, fax: +49-211-6503-1327 renesas electronics (china) co., ltd. 7th floor, quantum plaza, no.27 zhichunlu haidian district, beijing 100083, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 renesas electronics (shanghai) co., ltd. unit 204, 205, azia center, no.1233 lujiazui ring rd., pudong district, shanghai 200120, china tel: +86-21-5877-1818, fax: +86-21-6887-7858 / -7898 renesas electronics hong kong limited unit 1601-1613, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2886-9318, fax: +852 2886-9022/9044 renesas electronics taiwan co., ltd. 7f, no. 363 fu shing north road taipei, taiwan, r.o.c. tel: +886-2-8175-9600, fax: +886 2-8175-9670 renesas electronics singapore pte. ltd. 1 harbourfront avenue, #06-10, keppel bay tower, singapore 098632 tel: +65-6213-0200, fax: +65-6278-8001 renesas electronics malaysia sdn.bhd. unit 906, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: +60-3-7955-9390, fax: +60-3-7955-9510 renesas electronics korea co., ltd. 11f., samik lavied' or bldg., 720-2 yeoksam-dong, kangnam-ku, seoul 135-080, korea tel: +82-2-558-3737, fax: +82-2-558-5141 sales offices ? 2010 renesas electronics corporation. all rights reserved. colophon 1.0


▲Up To Search▲   

 
Price & Availability of NX7563JB-BC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X