Part Number Hot Search : 
3362R205 SMART P1100EL TFS468G 11AK03 P4KE68 ERB32 MAN6750
Product Description
Full Text Search
 

To Download MSK5100-50E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4707 dey road liverpool, n.y. 13088 (315) 701-6751 features: iso-9001 certified by dscc extremely compact 10 pin soic with heat sink tab extremely low dropout voltage: 350mv @ 1.5 amps available in 3.3v, 5.0v, 12.0v and adjustable versions open collector error flag output ttl level enable pin: zero current shutdown mode reverse battery and load dump protection low ground current: 22ma typical at full load 1% guaranteed accuracy output current to 1.5 amps mil-prf-38534 qualified description: the msk 5100 series voltage regulators are available in +3.3v, +5.0v, +12.0v or adjustable output configura- tions. all boast ultra low dropout specifications due to the utilization of a super pnp output pass transistor with monolithic technology. dropout voltages of 350mv at 1.5 amps are typical in this configuration, which drives effi- ciency up and power dissipation down. accuracy is guaranteed with a 1% output voltage tolerance. the series also offers a ttl/cmos compatible on/off enable function as well as an output flag pin. the msk 5100 series is packaged in a space efficient 10 pin power soic with a built in copper-moly sink tab. equivalent schematic typical applications pin-out information high efficiency, high current linear regulators constant voltage/current regulators system power supplies switching power supply post regulators battery powered equipment nc enable vin a vin b nc vout a vout b nc adj nc 1 2 3 4 5 6 7 8 9 10 msk5100-00 nc enable vin a vin b nc vout a vout b vout c nc flag 1 2 3 4 5 6 7 8 9 10 msk5100-3.3,-5.0,-12 heat sink the heat sink of the package and the lid are electrically connected to ground. schematic shown for fixed output voltage versions rev. e 6/02 1 m.s.kennedy corp. 5100 series high current, low dropout voltage regulators not recommended for new designs (see msk 5101)
output voltage tolerance dropout voltage load regulation line regulation ground current enable input voltage enable input current output current limit output noise shutdown output current flag output leakage flag output on voltage flag threshold reference voltage reference voltage temp drift adjust pin bias current thermal resistance thermal shutdown input voltage (100ms 1%d.c.) input voltage enable voltage output current storage temperature range lead temperature (10 seconds soldering) operating temperature msk5100 series msk5100b/e series group a subgroup 1 2,3 1 1 1 2,3 1 2,3 - - - - 1 1 1 1 - - 1 - 1 - - - - % % mv mv % % % % a ma ma v v v a a a a v mv v ppm/c na c/w c d v out =-1%; i out = 100m a d v out =-1%; i out =1.5a v in =v out +5v 10ma i out 1.5a (v out +1v) v in 26v i out =10ma v out =0v; v in =v out +1v v in =v out +1v; i out =0.75a v in =v out +1v; i out =1.5a c l =10f; 10hz f 100khz v enable 0.8v v oh =26v i ol 250a; v in =v out -2v v in =v out -7% normal operation normal operation full temp; v in =v out +1v junction to case t j -20v to +60v 26v -0.3v to 26v 3.5a adjustable +3.3v +5.0v +12.0v v inp v in v en i out parameter t st t ld t j electrical specifications absolute maximum ratings -65c to +150c 300c -40c to +85c -55c to +125c 1 test conditions 1 2 3 4 5 6 7 8 notes: output decoupled to ground using 33f minimum capacitor unless otherwise specified. guaranteed by design but not tested. typical parameters are representative of actual device performance but are for reference only. all output parameters are tested using a low duty cycle pulse to maintain t j = t c . industrial grade and "e" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified. military grade devices ('b' suffix) shall be 100% tested to subgroups 1,2,3 and 4.. subgroup 1,4 subgroup 2 subgroup 3 applies to msk5100-00 adjustable version only. applies to fixed output devices only. part number output voltage t c =+25c t j =+125c t a =-55c msk5100-00 msk5100-3.3 msk5100-5.0 msk5100-12 high/on low/off high/on low/off msk 5100b/e series min. - - - - - - - - - - - - 2.4 - - - - - - - 1.22 - - - - typ. 0.5 1.0 80 350 0.2 0.3 0.05 0.5 2.1 8 22 400 - - 20 1 10 0.01 0.2 75 1.24 20 40 1.8 130 max. 1.0 2.0 200 600 1.0 2.0 0.5 1.0 3.5 20 - - - 0.8 75 2 20 2 0.4 - 1.26 - 120 2 - typ. 0.5 - 80 350 0.2 0.3 0.05 0.5 2.1 8 22 400 - - 20 1 10 0.01 0.2 75 1.24 20 40 1.8 130 msk 5100 series min. - - - - - - - - - - - - 2.4 - - - - - - - 1.22 - - - - max. 1.0 - 225 625 1.2 - 0.6 - 3.5 20 - - - 0.8 75 2 20 2 0.4 - 1.26 - 150 2 - units 2 2 2 2 8 2 8 8 2 9 9 2 9 2 3 i out =1a; v in =v out +1v 2 rev. e 6/02 2 2 2 2
application notes heat sink selection: to select a heat sink for the msk 5100, the following formula for convective heat flow may be used. governing equation: tj = pd x (r q jc + r q cs + r q sa) + ta where: tj = junction temperature pd = total power dissipation r q jc = junction to case thermal resistance r q cs = case to heat sink thermal resistance r q sa = heat sink to ambient thermal resistance ta = ambient temperature regulator protection: the msk 5100 series is fully protected against reversed input polarity, overcurrent faults, overtemperature conditions (pd) and transient voltage spikes of up to 60v. if the regulator is used in dual supply systems where the load is returned to a negative supply, the output voltage must be diode clamped to ground. output capacitor: the output voltage ripple of the msk 5100 series voltage regu- lators can be minimized by placing a filter capacitor from the output to ground. the optimum value for this capacitor may vary from one application to the next, but a minimum of 33f is recommended for optimum performance. transient load response can also be improved by placing a capacitor directly across the load. load connections: in voltage regulator applications where very large load currents are present, the load connection is very important. the path connecting the output of the regulator to the load must be extremely low impedance to avoid affecting the load regulation specifications. any impedance in this path will form a voltage divider with the load. the msk 5100 series requires a mini- mum of 10ma of load current to stay in regulation. enable pin: the msk 5100 series of voltage regulators are equipped with a ttl compatible enable pin. a ttl high level on this pin acti- vates the internal bias circuit and powers up the device. a ttl low level on this pin places the controller in shutdown mode and the device draws only 5a of quiescent current. if the enable function is not used, simply connect the enable pin to the input. flag output pin: all of the fixed output voltage versions of the msk 5100 series are equipped with a flag output pin. since the flag pin is an open collector configuration it can be pulled up to any voltage between 3v and 26v. this feature allows direct interfacing to practically any logic. this active low output has a typical level of 0.22v when the flag comparator detects an "out of regula- tion" condition. flag states include low input voltage, overtemperature shutdown and output current limit. extremely high level input voltage transients will also cause the flag out- put pin to activate. msk5100-00 output adjustment: the msk 5100-00 is an adjustable version in the series of high performance regulators. the diagram below illustrates proper adjustment technique for the output voltage. the series resis- tance of r1+r2 should be selected to pass the minimum regu- lator output current requirement of 10ma. first, the power dissipation must be calculated as follows: power dissipation = (vin - vout) x iout next, the user must select a maximum junction temperature. the maximum allowable junction temperature is 125c. the equation may now be rearranged to solve for the required heat sink to ambient thermal resistance (r q sa). example: an msk 5100-3.3 is configured for vin=+5v and vout=+3.3v. iout is a continuous 1a dc level. the ambient temperature is +25c. the maximum desired junction tem- perature is 125c. r q jc = 2c/w and r q cs = 0.5c/w typically. power dissipation = (5v - 3.3v) x (1a) solve for r q sa: r q sa = 125c - 25c - 2c/w - 0.5c/w in this example, a heat sink with a thermal resistance of no more than 56c/w must be used to maintain a junction temperature of no more than 125c. 1.7w = 1.7 watts device soldering/case connection: the msk 5100 series are highly thermally conductive devices and the thermal path from the package heat sink to the internal junctions is very short. standard surface mount techniques should be used when soldering the device into a circuit board. a hole can be cut in the printed circuit board to allow the heat sink of the package to be thermally bonded to an external heat sink for very high power applications. the external heat sink needs to be connected to ground because the heat sink and lid of the msk 5100 are also electrically connected to ground. the user is urged to keep this in mind when designing the printed circuit board for the msk 5100. there should be no printed circuit traces making contact with the case or lid of the device except for ground. the ground plane can be used to pull heat away from the device. rev. e 6/02 3 = 56.32c/w
typical performance curves rev. d 10/00 4
the information contained herein is believed to be accurate at the time of printing. msk reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products. please visit our website for the most recent revision of this datasheet. mechanical specifications m.s. kennedy corp. 4707 dey road, liverpool, new york 13088 phone (315) 701-6751 fax (315) 701-6752 www.mskennedy.com note: all dimensions are 0.010 inches unless otherwise labeled. msk5100-3.3 b the above example is a +3.3v, military regulator. ordering information screening blank=industrial; e=extended reliability b=mil-prf-38534 class h output voltage 00=adjustable; 3.3=+3.3v; 5.0=+5.0v; 12=+12.0v general part number rev. e 6/02 5 esd triangle indicates pin 1.


▲Up To Search▲   

 
Price & Availability of MSK5100-50E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X