Part Number Hot Search : 
BDW74A 2334N2T 100C0285 AD8039 MMSZ6V2 AMS385AN BCM5703S 11SRW
Product Description
Full Text Search
 

To Download MIW3016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  miw3000 series dc/dc converter 5-6w, dip-package e-mail:sales@minmax.com.tw tel:886-6-2923150 2012/01/09 rev:2 page 1 of 4 ? features ? dip-24 metal package 31.8 x 20.3 x 10.2 mm (1.25 x 0.8 x 0.4 inches) ? wide 2:1 input range ? operating temp. range ?40c to +85c ? short circuit protection ? i/o-isolation 1500vdc ? input filter meet s en55022,class a and fcc, level a ? 3 years product warranty product overview the minmax miw3000 series is a range of isolated 5-6w dc/dc conv erter modules featuring fully regulated output voltages and wid e 2:1 input voltage ranges. the product comes in a shielded metal dip-24 package with indus try standard pinout. an excellent efficiency allows an operating temperature range of ?40 to +85c (with derating). the product f eatures an input filter meeting en 55022,class a and fcc, level a. typical applications for these converters are in battery oper ated equipment and instrumentation, distributed power systems, dat a communication and general industrial electronics. model selection guide output current input current efficiency (typ.) input voltage (range) output voltage max. min. @max. load @no load reflected ripple current max. capacitive load @max. load model number vdc vdc ma ma ma(typ.) ma(typ.) ma(typ.) uf % miw3011 3.3 1200 60 1056 75 miw3012 5 1000 50 1265 79 miw3013 12 500 25 1463 82 miw3014 15 400 20 1463 6800 82 miw3015 5 500 25 1265 79 MIW3016 12 250 12.5 1463 82 miw3017 5 (4.5 ~ 7) 15 200 10 1463 80 100 1000# 82 miw3021 3.3 1200 60 429 77 miw3022 5 1000 50 514 81 miw3023 12 500 25 595 84 miw3024 15 400 20 595 6800 84 miw3025 5 500 25 514 81 miw3026 12 250 12.5 595 84 miw3027 12 (9 ~ 18) 15 200 10 595 30 25 1000# 84 miw3031 3.3 1200 60 209 79 miw3032 5 1000 50 251 83 miw3033 12 500 25 291 86 miw3034 15 400 20 291 6800 86 miw3035 5 500 25 251 83 miw3036 12 250 12.5 291 86 miw3037 24 (18 ~ 36) 15 200 10 291 15 15 1000# 86 miw3041 3.3 1200 60 104 79 miw3042 5 1000 50 126 83 miw3043 12 500 25 145 86 miw3044 15 400 20 145 6800 86 miw3045 5 500 25 126 83 miw3046 12 250 12.5 145 86 miw3047 48 (36 ~75) 15 200 10 145 8 10 1000# 86 # for each output
miw3000 series dc/dc converter 5-6w, dip-package e-mail:sales@minmax.com.tw tel:886-6-2923150 2012/01/09 rev:2 page 2 of 4 ? input specifications parameter model min. typ. max. unit 5v input models -0.7 --- 10 12v input models -0.7 --- 25 24v input models -0.7 --- 50 input surge voltage (1 sec. max.) 48v input models -0.7 --- 100 5v input models 3 3.5 4.4 12v input models 4.5 6 8 24v input models 8 12 16 start-up voltage 48v input models 16 24 32 5v input models --- --- 4 12v input models --- --- 8 24v input models --- --- 16 under voltage shutdown 48v input models --- --- 32 vdc reverse polarity input current --- --- 1 a short circuit input power --- 1000 3000 mw internal power dissipation --- --- 2500 mw conducted emi all models compliance to en 55022,class a and fcc part 15,class a output specifications parameter conditions min. typ. max. unit output voltage accuracy --- 0.5 1.0 % output voltage balance dual out put, balanced loads --- 0.5 2.0 % line regulation vin=min. to max. --- 0.1 0.3 % load regulation io=20% to 100% --- 0.3 1.0 % ripple & noise (20mhz) --- 50 75 mv p-p ripple & noise (20mhz) over line, load & temp. --- --- 100 mv p-p ripple & noise (20mhz) --- --- 15 mv rms transient recovery time --- 150 300 us transient response deviation 25% load step change --- 2 6 % temperature coefficient --- 0.01 0.02 %/ over load protection foldback 120 tbd --- % short circuit prot ection continuous general specifications parameter conditions min. typ. max. unit i/o isolation voltage (rated) 60 seconds 1500 --- --- vdc i/o isolation resistance 500 vdc 1000 --- --- m ? i/o isolation capacitance 100khz, 1v --- 380 500 pf switching frequency --- 300 --- khz mtbf (calculated) mil-hdbk-217f@25 , ground benign 1,000,000 --- --- hours safety approvals ul/cul 60950-1 recogni tion(csa certificate), iec/en 60950-1 input fuse 5v input models 12v input models 24v input models 48v input models 3000ma slow-blow type 1500ma slow-blow type 700ma slow-blow type 350ma slow-blow type environmental specifications parameter conditions min. max. unit operating temperature range (wit h derating) ambient -40 +85 case temperature --- +90 storage temperature range -50 +125 humidity (non condensing) --- 95 % rel. h cooling free-air convection lead temperature (1.5mm from case for 10sec.) --- 260
miw3000 series dc/dc converter 5-6w, dip-package e-mail:sales@minmax.com.tw tel:886-6-2923150 2012/01/09 rev:2 page 3 of 4 ? power derating curve ~ ] ambient temperature output power (%) 0 20 40 60 80 100 -40 0 20 60 100 110 80 40 400lfm 200lfm 100lfm natural convection notes 1 specifications typical at ta=+25 , resistive load, nominal input voltage and ra ted output current unless otherwise noted. 2 transient recovery time is measured to within 1% error band for a step change in output load of 50% to 100% 3 ripple & noise measurement bandwidth is 0-20mhz. 4 these power converters require a minimu m output loading to maintain specified re gulation, operation u nder no-load conditions will not damage these modules; however they may not meet all specifications listed. 5 all dc/dc converters should be externally fused at the front end for protection. 6 other input and output voltage may be av ailable, please contact factory. 7 that ?natural convection? is about 20lfm but is not equal to still air (0 lfm). 8 specifications subject to change without notice. package specifications mechanical dimensions pin connections pin single output dual output 2 -vin -vin 3 -vin -vin 9 no pin common 11 nc -vout 14 +vout +vout 16 -vout common 22 +vin +vin 23 +vin +vin nc: no connection ? all dimensions in mm (inches) ? tolerance: x.x0.25 (x.xx0.01) x.xx0.13 ( x.xxx0.005) ? pin diameter ? 0.5 0.05 (0.020.002) physical characteristics case size : 31.8x20.3x10.2mm (1.25x0.80x0.40 inches) case material : metal with non-conductive baseplate weight : 16.9g bottom view 211 14 16 23 15.24 [0.60] 5.08 [0.20] 4.1 [0.16] 3 9 22 4.5 [0.18] 10.2 [0.40] 15.22 [0.60] 20.3 [0.80] 2.54 [0.10] 31.8 [1.25] 2.54 [0.10] 0.50 [0.02]
miw3000 series dc/dc converter 5-6w, dip-package 18, sin sin road, an-ping industr ial district, tainan 702, taiwan tel: 886-6-2923150 fax: 886-6-2923149 e-mail: sales@minmax.com.tw 2012/01/09 rev:2 page 4 of 4 ? minmax technology co., ltd. test configurations input reflected-ripple current test setup input reflected-ripple current is measured with a inductor lin (4 .7uh) and cin (220uf, esr < 1.0 ? at 100 khz) to simulate source impedance. capacitor cin, offsets possible battery im pedance. current ripple is measured at the input terminals of the module, measuremen t bandwidth is 0-500 khz. +out -out +vin -vin dc / dc converter load battery + lin + cin to oscilloscope current probe peak-to-peak output noise measurement test use a cout 0.47uf ceramic capacitor. scope measurement should be made by using a bnc socket, measurement bandwidth is 0-20 mhz . position the load between 50 mm and 75 mm from the dc/dc converter. +out -out +vin -vin single output dc / dc converter resistive load scope copper strip cout copper strip +out -out +vin -vin dual output dc / dc converter resistive load scope copper strip cout com. scope cout copper strip copper strip design & feature considerations overcurrent protection to provide protection in a fault (output overload) condition, the unit is equipped with internal cu rrent limiting circuitry and can endure current limiting for an unlimited duration. at the point of current-limit in ception, the unit shifts from voltage contro l to current control. the unit operates n ormally once the output current is brought back into its specified range. input source impedance the power module should be connected to a lo w ac-impedance input source. highly inductive source impedances can affect the stab ility of the power module. in applications where power is supplied ov er long lines and output loading is high, it may be necessary to use a capacitor at t he input to ensure startup. capacitor mounted close to the power module helps ensure stabilit y of the unit, it is recommended to use a good quality low equ ivalent series resistance (esr < 1.0 ? at 100 khz) capacitor of a 10uf for the 5v input devices, a 3.3uf for the 12v input devices and a 2.2uf for the 24v and 48v de vices.. + +out -out +vin -vin dc / dc converter load dc power source + - cin output ripple reduction a good quality low esr capacitor placed as close as practicable across the load will give the best ripple and noise performance . to reduce output ripple, it is recommended to use 3.3uf capacitors at the output. +out -out +vin -vin load dc power source + - cout single output dc / dc converter +out -out +vin -vin load dc power source + - cout com. dual output dc / dc converter load cout maximum capacitive load the miw3000 series has limitation of maximum connected capacitanc e at the output. the power module may be operated in current l imiting mode during start-up, affecting the ramp-up and the startup time. for optimum perfo rmance we recommend 1000uf maximum capacitive load for dual output s and 6800uf capacitive load for single outputs. the maximum capacitance can be found in the data sheet. thermal considerations many conditions affect the thermal perform ance of the power module, such as orient ation, airflow over the module and board spac ing. to avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature must be kept below 90 . the derating curves are det ermined from measurements obt ained in a test setup. dut position of air velocity probe and thermocouple 50mm / 2in air flow 15mm / 0.6in


▲Up To Search▲   

 
Price & Availability of MIW3016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X