Part Number Hot Search : 
PC250 101MM AN5026K AN712 FDD5680 NTE19 BB4111 LC758
Product Description
Full Text Search
 

To Download LBS11003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tel: +86-23-62808818 fax: +86-23-62808382 www.sipatsaw.com / sawmkt@sipat.com part number LBS11003 rev. date 2009-02-17 sipat co., ltd. ( cetc no.26 research institute ) #14 nanping huayuan road, chongqing, china, 400060 ver. 1.0 page 1/3 c c h h i i n n a a e e l l e e c c t t r r o o n n i i c c s s t t e e c c h h n n o o l l o o g g y y g g r r o o u u p p c c o o r r p p o o r r a a t t i i o o n n n n o o . . 2 2 6 6 r r e e s s e e a a r r c c h h i i n n s s t t i i t t u u t t e e 110mhz saw filter 1mhz bandwidth s s i i p p a a t t c c o o . . , , l l t t d d . . w w w w w w . . s s i i p p a a t t s s a a w w . . c c o o m m part number: LBS11003 features ? for if saw filter ? balanced operation possible ? ceramic surface mount package ? small size ? rohs compliant (2002/95/ec), pb-free specifications parameter unit minimum typical maximum center frequency mhz - 110 - insertion loss db - 8.9 11.5 5 db bandwidth mhz 1.26 1.33 - 33 db bandwidth mhz - 1.76 - passband variation(f00.3mhz) db - 0.5 1 phase linearity(f00.62mhz)(p-p) deg - 12 - absolute delay usec - 0.98 - f00.9mhz db 32 32 - f01.7mhz db 33 37 - f02mhz db 35 35 - ultimate rejection f09mhz db 45 51 - material temperature coefficient khz/c 0.11 substrate material - qz ambient temperature c 25 operating temperature range c -40 - +85 storage temperature range c -45 - +105 dc voltage v 0 input power dbm - - 10 esd class - 1a package size smd7.0*5.0 notes: 1. all specifications are based on the test circuit shown; 2. in production, all specifications are measured by ag ilent network analyzer and full 2 port calibration at room temperature; 3. electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances; 4. this is the optimum impedance in order to achieve the performance show.
tel: +86-23-62808818 fax: +86-23-62808382 www.sipatsaw.com / sawmkt@sipat.com part number LBS11003 rev. date 2009-02-17 sipat co., ltd. ( cetc no.26 research institute ) #14 nanping huayuan road, chongqing, china, 400060 ver. 1.0 page 2/3 c c h h i i n n a a e e l l e e c c t t r r o o n n i i c c s s t t e e c c h h n n o o l l o o g g y y g g r r o o u u p p c c o o r r p p o o r r a a t t i i o o n n n n o o . . 2 2 6 6 r r e e s s e e a a r r c c h h i i n n s s t t i i t t u u t t e e 110mhz saw filter 1mhz bandwidth s s i i p p a a t t c c o o . . , , l l t t d d . . w w w w w w . . s s i i p p a a t t s s a a w w . . c c o o m m part number: LBS11003 matching configuration l1=l2=33nh l3=150nh l4=l5=27nh l6=180nh source impedance=1000ohm load impedance=500ohm notes - component values may change depending on board layout. package dimension 4 3 2 5 6 7 8 9 10 1 1 3 2 9 10 8 7 6 5 4 sipat LBS11003 xxyyzz 7.00 5.00 1.60 1.00 0.60 1.00 2.54 1.27 package: smd7.0*5.0 unit: mm pad configuration: input 9,10 output 5,4 ground all others marking configuration: 1) sipat: manufacturer name 2) LBS11003: part number 3) xxyy: date(year/month) 4) zz: identified code input output 1000 500 l3 9 5 10 l1 l2 l4 balanced balanced gnd l5 4 l6
tel: +86-23-62808818 fax: +86-23-62808382 www.sipatsaw.com / sawmkt@sipat.com part number LBS11003 rev. date 2009-02-17 sipat co., ltd. ( cetc no.26 research institute ) #14 nanping huayuan road, chongqing, china, 400060 ver. 1.0 page 3/3 c c h h i i n n a a e e l l e e c c t t r r o o n n i i c c s s t t e e c c h h n n o o l l o o g g y y g g r r o o u u p p c c o o r r p p o o r r a a t t i i o o n n n n o o . . 2 2 6 6 r r e e s s e e a a r r c c h h i i n n s s t t i i t t u u t t e e 110mhz saw filter 1mhz bandwidth s s i i p p a a t t c c o o . . , , l l t t d d . . w w w w w w . . s s i i p p a a t t s s a a w w . . c c o o m m part number: LBS11003 typical performance frequency respond passband respond 102 104 106 108 110 112 114 116 118 -88.8533 -78.8533 -68.8533 -58.8533 -48.8533 -38.8533 -28.8533 -18.8533 -8.8533 1.1467 type performance frequency(mhz) magnitude(db) 108.5 109 109.5 110 110.5 111 111.5 -11.3533 -10.8533 -10.3533 -9.8533 -9.3533 -8.8533 -8.3533 -7.8533 -7.3533 type performance frequency(mhz) amplitude ripple(db) horizontal: 2mhz/div vertical: 10db/div horizontal: 0.5mhz/div vertical: 0.5db/div group delay variation(f00.6mhz) phase linearity(f00.6mhz) 109 109.5 110 110.5 111 -1500 -1000 -500 0 500 1000 1500 2000 2500 3000 3500 x: 110 y: 888.3 type performance frequency(mhz) group delay time(ns) x: 110.6 y: 1459 x: 109.4 y: 1040 109 109.5 110 110.5 111 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 x: 110.6 y: 0.718 type performance frequency(mhz) degree(deg) x: 109.4 y: 4.841 x: 110 y: 2.568 horizontal: 0.5mhz/div vertical: 500ns/div horizontal: 0.5mhz/div vertical: 10deg/div smith chart s11 smith chart s22 0.2 0.5 1.0 2.0 5.0 +j0.2 -j0.2 +j0.5 -j0.5 +j1.0 -j1.0 +j2.0 -j2.0 +j5.0 -j5.0 0.0 0.2 0.5 1.0 2.0 5.0 +j0.2 -j0.2 +j0.5 -j0.5 +j1.0 -j1.0 +j2.0 -j2.0 +j5.0 -j5.0 0.0


▲Up To Search▲   

 
Price & Availability of LBS11003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X