Part Number Hot Search : 
74F86SC NP0080 40C12 2SC3854 8440D NTXV1 SD2001 BR3510
Product Description
Full Text Search
 

To Download LBS10901 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tel: +86-23-62808818 fax: +86-23-62808382 www.sipatsaw.com / sawmkt@sipat.com part number LBS10901 rev. date 2008-07-18 sipat co., ltd. ( cetc no.26 research institute ) #14 nanping huayuan road, chongqing, china, 400060 ver. 1.0 page 1/3 c c h h i i n n a a e e l l e e c c t t r r o o n n i i c c s s t t e e c c h h n n o o l l o o g g y y g g r r o o u u p p c c o o r r p p o o r r a a t t i i o o n n n n o o . . 2 2 6 6 r r e e s s e e a a r r c c h h i i n n s s t t i i t t u u t t e e 108.6mhz saw filter 2mhz bandwidth s s i i p p a a t t c c o o . . , , l l t t d d . . w w w w w w . . s s i i p p a a t t s s a a w w . . c c o o m m part number: LBS10901 features ? for if saw filter ? high attenuation ? single-ended operation ? dual in-line package ? rohs compliant (2002/95/ec), pb-free specifications parameter unit minimum typical maximum center frequency mhz 108.45 108.6 108.75 insertion loss db - 24 27 3 db bandwidth mhz 2.4 2.48 - 40 db bandwidth mhz - 3.28 - passband variation db - 0.5 1 absolute delay usec - 3.7 4 f01.625mhz db 35 35 - f01.825mhz db 45 46 - f02.225mhz db 50 56 - ultimate rejection f06.225mhz db 55 65 - material temperature coefficient khz/c 0.11 substrate material - qz ambient temperature c 25 operating temperature range c -40 - +85 storage temperature range c -45 - +105 dc voltage v 0 input power dbm - - 10 esd class - 1a package size dip3512 (35.0x12.8x4.7mm3) notes: 1. all specifications are based on the test circuit shown; 2. in production, all specifications are measured by ag ilent network analyzer and full 2 port calibration at room temperature; 3. electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances; 4. this is the optimum impedance in order to achieve the performance show.
tel: +86-23-62808818 fax: +86-23-62808382 www.sipatsaw.com / sawmkt@sipat.com part number LBS10901 rev. date 2008-07-18 sipat co., ltd. ( cetc no.26 research institute ) #14 nanping huayuan road, chongqing, china, 400060 ver. 1.0 page 2/3 c c h h i i n n a a e e l l e e c c t t r r o o n n i i c c s s t t e e c c h h n n o o l l o o g g y y g g r r o o u u p p c c o o r r p p o o r r a a t t i i o o n n n n o o . . 2 2 6 6 r r e e s s e e a a r r c c h h i i n n s s t t i i t t u u t t e e 108.6mhz saw filter 2mhz bandwidth s s i i p p a a t t c c o o . . , , l l t t d d . . w w w w w w . . s s i i p p a a t t s s a a w w . . c c o o m m part number: LBS10901 matching configuration l1=l2=120nh c1=82pf source/load impedance=50 ohm notes - component values may change depending on board layout. package dimension package: dip3512 unit: mm pad configuration: input 1 output 5 ground all others marking configuration: 1) sipat: manufacturer name 2) LBS10901: part number 3) xxyy: date(year/month) 4) zz: identified code 1 2 3 45 6 12.80 0.5 35.00 0.5 4.5 4.7 0.45 0.05 25.40 0.2 7.62 0.2 2.54 0.2 2.54 0.2 sipat LBS10901 xxyyzz c1 input output 50 50 l1 l2
tel: +86-23-62808818 fax: +86-23-62808382 www.sipatsaw.com / sawmkt@sipat.com part number LBS10901 rev. date 2008-07-18 sipat co., ltd. ( cetc no.26 research institute ) #14 nanping huayuan road, chongqing, china, 400060 ver. 1.0 page 3/3 c c h h i i n n a a e e l l e e c c t t r r o o n n i i c c s s t t e e c c h h n n o o l l o o g g y y g g r r o o u u p p c c o o r r p p o o r r a a t t i i o o n n n n o o . . 2 2 6 6 r r e e s s e e a a r r c c h h i i n n s s t t i i t t u u t t e e 108.6mhz saw filter 2mhz bandwidth s s i i p p a a t t c c o o . . , , l l t t d d . . w w w w w w . . s s i i p p a a t t s s a a w w . . c c o o m m part number: LBS10901 typical performance frequency respond passband respond 102 104 106 108 110 112 114 116 -114.1004 -104.1004 -94.1004 -84.1004 -74.1004 -64.1004 -54.1004 -44.1004 -34.1004 -24.1004 -14.1004 type performance frequency(mhz) magnitude(db) 106.5 107 107.5 108 108.5 109 109.5 110 110.5 -26.6004 -26.1004 -25.6004 -25.1004 -24.6004 -24.1004 -23.6004 -23.1004 -22.6004 type performance frequency(mhz) amplitude ripple(db) horizontal: 2mhz/div vertical: 10db/div horizontal: 0.5mhz/div vertical: 0.5db/div group delay variation(f01mhz) phase linearity(f01mhz) 107 107.5 108 108.5 109 109.5 110 110.5 3100 3200 3300 3400 3500 3600 3700 3800 3900 4000 4100 4200 x: 108.6 y: 3698 type performance frequency(mhz) group delay time(ns) x: 109.6 y: 3645 x: 107.6 y: 3717 107 107.5 108 108.5 109 109.5 110 110.5 -40 -30 -20 -10 0 10 20 30 x: 109.6 y: 1.704 type performance frequency(mhz) degree(deg) x: 108.6 y: -0.9627 x: 107.6 y: -1.496 horizontal: 0.5mhz/div vertical: 100ns/div horizontal: 0.5mhz/div vertical: 10deg/div smith chart s11 smith chart s22 0.2 0.5 1.0 2.0 5.0 +j0.2 -j0.2 +j0.5 -j0.5 +j1.0 -j1.0 +j2.0 -j2.0 +j5.0 -j5.0 0.0 0.2 0.5 1.0 2.0 5.0 +j0.2 -j0.2 +j0.5 -j0.5 +j1.0 -j1.0 +j2.0 -j2.0 +j5.0 -j5.0 0.0


▲Up To Search▲   

 
Price & Availability of LBS10901

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X