Part Number Hot Search : 
LM324 SX30AP MA2YD21 BD4853 GPW576 C2240 3362H201 TV6110
Product Description
Full Text Search
 

To Download LBS10402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tel: +86-23-62808818 fax: +86-23-62808382 www.sipatsaw.com / sales@sipat.com part number LBS10402 rev. date 2011-04-21 sipat co., ltd. ( cetc no.26 research institute ) #14 nanping huayuan road, chongqing, china, 400060 ver. 1.0 page 1/3 c c h h i i n n a a e e l l e e c c t t r r o o n n i i c c s s t t e e c c h h n n o o l l o o g g y y g g r r o o u u p p c c o o r r p p o o r r a a t t i i o o n n n n o o . . 2 2 6 6 r r e e s s e e a a r r c c h h i i n n s s t t i i t t u u t t e e 103.7mhz saw filter 3mhz bandwidth s s i i p p a a t t c c o o . . , , l l t t d d . . w w w w w w . . s s i i p p a a t t s s a a w w . . c c o o m m part number: LBS10402 features ? for if saw filter ? high attenuation ? single-ended operation ? dual in-line package ? rohs compliant (2002/95/ec), pb-free specifications parameter unit minimum typical maximum center frequency mhz 103.6 103.7 103.8 insertion loss db - 24.1 27 1.5 db bandwidth mhz 2.65 2.72 - passband variation db - 0.4 1 phase linearity(f01.2mhz) deg - 3 7 absolute delay usec - 3.99 4 f01.75mhz db 35 41 - f01.95mhz db 45 50 - ultimate rejection f02.35mhz db 50 51 - material temperature coefficient khz/c 0.1 substrate material - qz ambient temperature c 25 operating temperature range c -25 - +85 dc voltage v 0 input power dbm - - 10 esd class - 1c package size dip3512 (35.0x12.8x4.7mm3) notes: 1. all specifications are based on the test circuit shown; 2. in production, all specifications are measured by ag ilent network analyzer and full 2 port calibration at room temperature; 3. electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances; 4. this is the optimum impedance in order to achieve the performance show.
tel: +86-23-62808818 fax: +86-23-62808382 www.sipatsaw.com / sales@sipat.com part number LBS10402 rev. date 2011-04-21 sipat co., ltd. ( cetc no.26 research institute ) #14 nanping huayuan road, chongqing, china, 400060 ver. 1.0 page 2/3 c c h h i i n n a a e e l l e e c c t t r r o o n n i i c c s s t t e e c c h h n n o o l l o o g g y y g g r r o o u u p p c c o o r r p p o o r r a a t t i i o o n n n n o o . . 2 2 6 6 r r e e s s e e a a r r c c h h i i n n s s t t i i t t u u t t e e 103.7mhz saw filter 3mhz bandwidth s s i i p p a a t t c c o o . . , , l l t t d d . . w w w w w w . . s s i i p p a a t t s s a a w w . . c c o o m m part number: LBS10402 matching configuration l1=150nh l2=120nh c1=22pf c2=36pf source/load impedance=50 ohm notes - component values may change depending on board layout. package dimension package: dip3512 unit: mm pad configuration: input 1 output 5 ground 2,3,4,6 marking configuration: 1) sipat: manufacturer name 2) LBS10402: part number 3) xxyy: date(year/month) 4) zz: identified code 1 2 3 45 6 12.80 0.50 35.00 0.50 4.50 0.50 4.70 0.50 0.45 0.05 25.40 0.50 7.62 0.50 2.54 0.20 2.54 0.20 sipat LBS10402 xxyyzz input output 50 50 l1 c1 l2 c2 15
tel: +86-23-62808818 fax: +86-23-62808382 www.sipatsaw.com / sales@sipat.com part number LBS10402 rev. date 2011-04-21 sipat co., ltd. ( cetc no.26 research institute ) #14 nanping huayuan road, chongqing, china, 400060 ver. 1.0 page 3/3 c c h h i i n n a a e e l l e e c c t t r r o o n n i i c c s s t t e e c c h h n n o o l l o o g g y y g g r r o o u u p p c c o o r r p p o o r r a a t t i i o o n n n n o o . . 2 2 6 6 r r e e s s e e a a r r c c h h i i n n s s t t i i t t u u t t e e 103.7mhz saw filter 3mhz bandwidth s s i i p p a a t t c c o o . . , , l l t t d d . . w w w w w w . . s s i i p p a a t t s s a a w w . . c c o o m m part number: LBS10402 typical performance frequency response passband response 94 96 98 100 102 104 106 108 110 112 -114.1428 -104.1428 -94.1428 -84.1428 -74.1428 -64.1428 -54.1428 -44.1428 -34.1428 -24.1428 -14.1428 type performance frequency(mhz) magnitude(db) 101 102 103 104 105 106 -26.1428 -25.6428 -25.1428 -24.6428 -24.1428 -23.6428 -23.1428 -22.6428 type performance frequency(mhz) amplitude ripple(db) horizontal: 2mhz/div vertical: 10db/div horizontal: 1mhz/div vertical: 0.5db/div group delay variation(f01.2mhz) phase linearity(f01.2mhz) 102 102.5 103 103.5 104 104.5 105 105.5 3400 3500 3600 3700 3800 3900 4000 4100 4200 4300 4400 4500 x: 102.5 y: 3964 type performance frequency(mhz) group delay time(ns) x: 103.7 y: 4003 x: 104.9 y: 3911 102 102.5 103 103.5 104 104.5 105 105.5 -15 -10 -5 0 5 10 x: 102.5 y: -1.345 type performance frequency(mhz) degree(deg) x: 104.9 y: 0.08245 x: 103.7 y: 0.8822 horizontal: 0.5mhz/div vertical: 100ns/div horizontal: 0.5mhz/div vertical: 5deg/div smith chart s11 smith chart s22 0.2 0.5 1.0 2.0 5.0 +j0.2 -j0.2 +j0.5 -j0.5 +j1.0 -j1.0 +j2.0 -j2.0 +j5.0 -j5.0 0.0 0.2 0.5 1.0 2.0 5.0 +j0.2 -j0.2 +j0.5 -j0.5 +j1.0 -j1.0 +j2.0 -j2.0 +j5.0 -j5.0 0.0


▲Up To Search▲   

 
Price & Availability of LBS10402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X