Part Number Hot Search : 
1SMB13A 08775 SDA113C SB10100 SD1462 C74AC ISL6608 8A712
Product Description
Full Text Search
 

To Download LA4815M10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  orderin g numbe r : ena1373c monolithic linear ic monaural power amplifier la4815m overview the la4815m incorporates a 1-channel power amplifier with a wide operating supply voltage range built into a surface-mounted package. this ic also has a mute function and requires only a few external components, making it suitable for low-cost set design. there is also a su rface-mounted package type w ith heat sink (la4815vh). applications intercoms, door phones, transceivers, radios, to ys, home appliances with voice guidance, etc. features ? built-in 1-channel power amplifier output power 1 = 370mw typ. (v cc = 6v, r l = 8 , th d = 10%) output power 2 = 620mw typ. (v cc = 6v, r l = 4 , th d = 10%) output power 3 = 230mw typ. (v cc = 5v, r l = 8 , th d = 10%) output power 4 = 1,000mw typ. (v cc = 12v, r l = 16 , th d = 10%) ? mu te function ? selectab le voltage gain : 2 types 26db /40db * gain values between 26 and 40db can also be set by adding external components (two resistors). ? only a few external components 4 c om ponents/total ? w ide supply voltage range 4 to 13v (when using 9v or more, another package product, la4815vh, is recommended.) specifications of any and all sanyo semiconductor co.,l td. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' sproductsor equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, av equipment, communication device, office equipment, industrial equ ipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medica l equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, t ransportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of re liability and can directly threaten human lives in case of failure or malfunction of the product or may cause har m to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for app lications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is n o consultation or inquiry before the intended use, our customer shall be solely responsible for the use. 72210 sy / 090209 sy / 31109 ms 20090226-s00007 / d1008 ms pc no.a1373-1/14
la4815m no.a1373-2/14 specifications maximum ratings at ta = 25 c parameter symbol conditions ratings unit maximum power supply voltage v cc max 15 v allowable power dissipation pd max * mounted on the board 0.9 w maximum junction temperature tj max 150 c operating temperature topr -30 to +75 c storage temperature tstg -40 to +150 c * mounted on sanyo evaluation board : double-sided board with dimensions of 50mm 50mm 1.6mm (glass epoxy) operating conditions at ta = 25 c parameter symbol conditions ratings unit recommended power supply voltage v cc 6 v recommended load resistance r l 4 to 32 allowable operating supply voltage range v cc op 4 to 13 v * the supply voltage level to be used must be determined with due consideration given to the allowable power dissipation of the ic. electrical characteristics at ta = 25 c, v cc = 6v, r l = 8 , fin = 1khz ratings parameter symbol conditions min typ max unit quiescent current drain-1 i ccop 1 no signal 4.6 8.3 ma quiescent current drain-2 i ccop 2 no signal, pin 7 = low 1.6 ma maximum output power-1 pomax1 thd = 10% 250 370 mw maximum output power-2 pomax2 thd = 10%, r l = 4 620 mw voltage gain-1 vg1 v in = -30dbv 23.9 25.9 27.9 db voltage gain-2 vg2 v in = -40dbv, pin 1/pin8 = gnd 37 39.5 42 db total harmonic distortion thd v in = -30dbv 0.11 0.7 % mute attenuation mt v in = -10dbv, pin 7 = low -90 -115 dbv output noise voltage v n out rg = 620 , 20 to 20khz 40 100 vrms ripple rejection ratio svrr rg = 620 , fr = 100hz, vr = -20dbv 44 db mute control voltage-low v7cntl mute mode 0.3 v mute control voltage-high1 v7cnth1 mute released, v cc = 6.5v or lower 1.8 v mute control voltage-high2 v7cnth2 mute released, v cc = 6.5v or higher 2.4 v input resistance ri 100 k
la4815m package dimensions unit : mm (typ) 3032d 0 0.6 0.8 0.9 1.0 0.54 0.18 0.4 0.3 0.2 1.2 ? 30 ? 20 75 20 40 60 80 0 100 pd max ? ta ambient temperature, ta ? c allowable power dissipation, pd max ? no.a1373-3/14 sanyo : mfp8(225mil) 14 85 5.0 0.63 6.4 0.15 0.35 1.27 (0.65) 4.4 (1.5) 1.7max 0.1 w sanyo evaluation board (double-sided), 50 50 1.6mm 3 (glass epoxy) independent ic evaluation board 1. double-sided circuit board dimensions : 50mm 50m m 1.6mm top layer(top view) bo ttom layer(top view)
la4815m block diagram and sample application circuit 1 8 2 7 3 6 4 5 + - + + mute v cc v cc vin out v cc mute gain2 vbias pre- amp power amp pgnd in from cpu gnd1 gain1 bias test circuit s2 vin gain2 mute v cc out gain1 gnd1 in pgnd 1 8 2 7 3 6 4 5 + + s11 s1 s3 vout v cc 0.35v no.a1373-4/14
la4815m pin functions pin voltage pin no. pin name v cc = 6v description equivalent cir cuit 1 gain1 0.2 gain sw itching pin. ? 26d b mode when left open. ? 40d b mode when connected to ground. (both pins 1 and 8 must be reconfigured at the sam e time.) 1 v cc gnd 500 122 10k bias 2 gnd1 0 preamplifier system ground pin. 3 in 1.57 input pi n. + - 100k vbias pre-amp 3 v cc 4 pgnd 0 power amplifier ground pin. 5 out 2.94 power amplifier output pin. pre-amp 5 v cc v cc gnd 10k 6 v cc 6 power supply pin. 7 mute 2.3 mute con trol pin. ? mute on ? low ? mute off ? high 7 v cc gnd v cc 30k 30k 40k 10k 8 gain2 0.2 gain sw itching pin. ? 26d b mode when left open. ? 40d b mode when connected to ground. (both pins 1 and 8 must be reconfigured at the sam e time.) 8 v cc gnd out 500 125 10k no.a1373-5/14
la4815m notes on using the ic 1. voltage gain settings (pins 1 and 8) the voltage gain of the power amplifier is fixed by the internal resistors. ? pins 1 and 8 be left open : approximately 26db ? pins 1 and 8 connected to gnd : approximately 39.5db note that the voltage gain can be changed using two resistors. (see fig. 1) ? voltage gain setting : according to the resistor connected between pin 8 and pin 2 (gnd1) * voltage gain = 20log (20 (625 + rvg1)/(125 + rvg1)) ? output dc voltage setting : according to the resistor connected between pin 1 and pin 2 (gnd1) * rvg1 = rvg2 must be satisfied. in addition, the voltage gain can also be lowered to appr o ximately 20db (when using 5v or 6v power supply) by an application such as shown in fig. 2 below. ? voltage gain setting : according to the resistor connected between pin 8 and pin 5 (out) * voltage gain = 20log (20 (125 + rvg3)/(10,125 + rvg3)) ? output dc voltage setting : according to the resistor connected between pin 1 and pin 6 (v cc ) * set the resistor values so that the pin 5 (out) dc voltage is approximately half the supply voltage. example : when rvg3 = 10k , rvg4 = 22k (when v cc = 6v) however, note that using this method to greatly lower the voltage gain deteriorates the characteristics, so the voltage gai n should be lowered only to approximately 20db. in addition, when using a high supply voltage (7v or more), the clipped waveform may invert, so this voltage gain reduction method must not be used in these cases. la4815m rvg1 rvg2 gain2 gain1 gnd1 v cc out la4815m rvg3 rvg4 gain2 gain1 gnd1 v cc out 1 2 3 4 8 7 6 5 1 2 3 4 8 7 6 5 fi gure 1 figure 2 2. signal source impedance : rg the signal source impedance value rg affects the ripple rejecti o n ratio together with input coupling capacitor cin, so rg should be as small as possible. therefore, when attenuating the signal at the cin front end as shown in fig. 4, the constants should be set in consideration of these characteris tics. using the smallest resistor rg1 value possible is recommended. in addition, when setting the signal level, the voltage gain sh ould be set on the la4815m side and the input front-end should be configured using only the input coupling capacitor, cin, as shown in fig. 5 in order to maximize the ripple rejection ratio. vbias 100k + - pre-amp rg2 cin rg1 rg out other ic ro la4815m in cin other ic ro la4815m cin in 3 3 out in 3 figure 4 fi gure 3 figure 5 no.a1373-6/14
la4815m 3. mute control pin (pin 7) the internal power amplifier circuit can be disabled and audio mute is turned on by controlling the voltage applied to pi n 7. control can be performed directly using the cpu output port, but digital noise from the cpu may worsen the la4815m noise floor. therefore, inserting a series resistor, rm1 (1 to 2.2k ) as shown in fig. 6, is recommended. ? mute on : low ? mute off : high or open in addition, the pin 7 dc voltage is dependent on the su pply voltage, so a reverse current flows to the cpu power su pply line when the pin 7 voltage is higher than the cpu su pply voltage. in these cases, connect a resistor, rm2 (see fig. 7) between pin 7 and gnd to lower the pin 7 dc voltage as shown in fig. 6. note that when not using the mute function, pin 7 must be left open. rm1 * for reverse current prevention 1k rm2 v dd v ss cpu i/o port la4815m gnd v cc 30k 30k 40k 10k 7 figure 6 reverse current prevention resistor value : rm2 (reference value) when v7 is set to approximately 2.5v rm2 ? v cc 10 100 7 5 3 2 7 5 3 2 1000 71 1 1 3 91 supply voltage, v cc ?v impedance, rm2 ? k 5 figure 7 4. mute control timing when performing mute control, exercise control at the timing shown in fig. 8. during power-on : twu = 0 to 50ms * pins 6 and 7 can also rise simultaneously. during power-off : twd = 100 to 200ms pin 6 (v cc ) pin 7 (mute) twd twu figure 8 no.a1373-7/14
la4815m 5. popping noise reduction during power-off the power supply line can be directly controlled on and off without using the mute function. however, when using a hi gh supply voltage, the shock noise and aftersound during power-off tends to worsen. one method of coping with this is to connect a capacitor between pin 6 (v cc ) and pin 7 (mute) as shown in fig. 9 so that the auto mute function operates during power-off. recommended value = 1 f + + cmt 1f cv cc la4815m v cc mute 6 7 figure 9 6. input coupling capacitor (cin) cin is an input coupling capacitor, and is used for dc cutting. however, this capacitor is also used to improve the ripple rejection ratio, which changes according to the capacitance value (recommended value = 1 f). in addition, this capacitor also affects the transient respon se characteristics during power-on and wh en mute is canceled, so the constant should be set in considerati on of these characteristics. design reference value = approximately 0.33 to 3.3 f ? ripple rejection ratio : increasing the capacitance value in creases t he rate, and reducing the value reduces the rate. ? rise response speed : increasing the capacitance valu e reduces the speed, and reducing the value increases the speed. ? popping noise : increasing the capac i tance value reduces the noise, and reduc ing the value increases the noise. 7. output coupling capacitor (cout) cout is an output coupling capacitor used for dc cutting. however, this capacitor, cout, in combination with load im pedance r l forms a high-pass filter and attenuates the low frequ ency signal. take into account the cutoff frequency when determining the capacitance value. in addition, norma lly a chemical capacitor is used for this capacitor, but the capacitance value of chemical capacitors d ecreases at low temperatures, so the va lue should be set in accordance with this characteristic. the cutoff frequency is expressed by the following formula. fc = 1/(2 r l co ut) 8. output phase compen sation capacitor (cosc) the cosc capacitor is used to prevent output oscillation. use a ceramic capacitor (recommended value = 0.1 f) with good high frequency char acteristics, and locate this capacitor as close to the ic as possible. 9. power supply capacitor (cv cc ) the cv cc capacitor is used t o suppress the ri pple component of the power supply line. normally a chemical capacitor (recommended value = 10 f) is used for this capacitor. however, ch emical capacitors have poor high frequency characteristics, so when using a cpu, ds p or other ic that generates digital noise in the set, it is recommended that a power supply bypass capacitor (ceramic cap acitor, recommended value = approximately 0.1 f) be added to reject high-frequency components. locate this bypass capacitor as close to the ic as possible. no.a1373-8/14
la4815m 10. signal mixing methods the following methods can be used to mix a beep, key tone or other signal into the audio signal. note that when input to pin 8 is sele cted, amplification of signals input from pin 3 changes according to impedance z8 connected to pin 8. 10-1. mixing method using resistors in the pin 3 input front end vbias 100k + - pre-amp rg2 rg1 signal-2 signal-1 other ic ro rg3 vout2 vout1 ro la4815m cin vin pin 3 input impedance : zin = 100k in out1 out2 3 figure 10 10-2. method using input to pin 8 ? first signal system (signal-1) voltage gain : vg1 vg1 = 20log (vout/vin1) = 20log (4 (125 + z8) (500 + (125 z8/(125 + z8)))/(25 z8)) * z8 = r1 + ro ? seco nd signal system (signal-2) voltage gain : vg2 vg2 = 20log (vout/vin2) = 20log (10000/(125 + r1)) * fc2 = 1/(2 cin 2 (r1 + 125)) vbias 100k + - + - pre-amp rg2 rg1 signal-2 signal-1 other ic ro r1 vin2 ro la4815m cin cin2 vin1 + 125 10k pwr - amp 500 out1 out2 in gain2 3 8 5 vout out figure 11 11. short-circuit between pins turning on the power supply with some pins short-circuited may cause deterioration or breakdown. therefore, when m ounting the ic on a board, check to make sure that no short-circuit is formed between pins by solder or other foreign substances before turning on the power supply. 12. load short circuit leaving the ic for a long time in the condition with a lo ad short circuit may cause deterioration or breakdown. therefore, never short-circuit the load. 13. maximum ratings when used under conditions near the maximum ratings, even a slight fluctuation in the conditions may cause the maxi mum ratings to be exceeded, possibly resulting in a br eakdown or other accidents. therefore, always provide enough margin for fluctuations in the supply voltage and other conditions, an d use within a range not exceeding the maximum ratings. no.a1373-9/14
la4815m general characteristics (1) no.a1373-10/14 5 7 0.1 1 10 2 3 5 7 2 3 2 3 5 7 5 5 7 2 3 5 7 2 3 2 3 5 7 1 0.1 10 5 0.01 3 257 3 23 2 57 0.1 1 0.1 1 23 57 23 23 57 5 0 1.2 1.2 0.01 23 57 23 23 57 0.1 1 5 0.01 0.1 23 57 23 23 57 1 5 output power, p o ?w total harmonic distortion, thd ? % 0.01 0.1 2 3 5 7 1 2 3 5 7 2 3 5 7 10 0.01 2 3 5 7 2 3 5 7 2 3 5 7 1 0.1 10 100 23 23 57 2 3 57 1k 10k 23 57 5 frequency, f ? hz p o max ? v cc 0.2 0.4 0.6 0.8 1 0 0.6 0.1 0.2 0.3 0.4 0.5 0 0.2 0.4 0.6 0.8 1 23 57 23 57 10 supply voltage, v cc ?v p o max ? r l pd ? p o 0.01 2 3 5 7 2 3 5 7 0.1 1 1 100 load impeadance, r l ? max. output power, p o max ? w output power, p o ?w power dissipation, pd ? w 100 1k 23 23 57 10k 5 frequency, f ? hz total harmonic distortion, thd ? % 0.01 5 output power, p o ?w total harmonic distortion, thd ? % thd ? p o output power, p o ?w supply current, i ccop ?a 0 0.6 0.1 0.2 0.3 0.4 0.5 supply current, i ccop ?a pd ? p o thd ? p o thd ? f thd ? f total harmonic distortion, thd ? % max. output power, p o max ? w power dissipation, pd ? w r l = 8 vg = 26db fin = 1khz r l = 4 vg = 26db fin = 1khz v cc = 12v r l = 8 vg = 26db fin = 1khz r l = 4 vg = 26db fin = 1khz v cc = 6v r l = 8 p o = 100mw v cc = 6v r l = 4 p o = 200mw vg = 26db thd = 10% v cc = 6v vg = 26db thd = 10% r l = 4 r l = 8 r l = 16 v cc = 5v v cc = 6v v cc = 5v v cc = 6v v cc = 9v v cc = 9v v cc = 6v (pd) v cc = 9v (pd) v cc = 6v (pd) v cc = 12v (pd) 0 2 2.5 0.5 1 1.5 3 3691 21 5 i ccop i ccop vg = 26db vg = 40db vg = 26db vg = 40db
la4815m general characteristics (2) 0 5 10 15 20 25 30 35 40 45 35 40 45 50 55 60 65 70 10 100 23 57 23 57 23 57 23 57 1k 10k 100 2 3 57 2 3 57 2 3 57 2 3 57 1k 10k 100k ? 130 ? 125 ? 120 ? 115 ? 110 ? 110 46810121416 10 100 2 3 57 2 3 57 2 3 57 2 3 57 1k 10k 100k frequency, f ? hz voltage gain, vg ? db 20 25 30 35 40 45 50 55 60 25 30 35 40 45 50 55 0.1 2 3 57 2 3 57 1 10 23 57 100 23 57 1k 23 57 23 57 10 capacitance, cin ? f supply voltage ripple rejection, svrr ? db v out ? v in ? 30 ? 25 ? 20 ? 15 ? 10 ? 5 0 5 10 15 ? 130 ? 125 ? 120 ? 115 20 ? 50 ? 40 ? 20 ? 30 ? 10 ? 20 ? 25 ? 15 ? 5 ? 10 0 input level, v in ? dbv output level, v out ? dbv vmute ? v in vmute ? fin ? 140 ? 120 ? 100 ? 80 ? 60 ? 40 ? 20 0 ? 30 0 input level, v in ? dbv muting level, vmute ? dbv input frequency, fin ? hz muting level, vmute ? dbv 1 10k impeadance, rg ? supply voltage ripple rejection, svrr ? db 10 100k frequency, f ? hz supply voltage ripple rejection, svrr ? db vg ? f supply voltage, v cc ?v muting level, vmute ? dbv vmute ? v cc svrr ? f svrr ? cin svrr ? rg v cc = 6v r l = 8 vg = 26db r l = 8 fin = 1khz v cc = 6v r l = 8 v cc = 6v r l = 8 rg = 620 vr = -20dbv cin = 1f v cc = 6v r l = 8 vr = -20dbv fr = 100hz cin = 1f v cc = 6v r l = 8 vr = -20dbv fr = 100hz rg = 620 r l = 8 vg = 26db v in = -10dbv fin = 1khz v cc = 6v r l = 8 vg = 26db v in = -10dbv v cc = 6v v cc = 12v vg = 26db vg = 40db vg = 26db vg = 40db vg = 26db vg = 40db vg = 40db vg = 26db vg = 26db vg = 40db no.a1373-11/14
la4815m general characteristics (3) no.a1373-12/14 temperature characteristics (1) 0 50 100 150 200 0 1 2 3 4 5 6 7 48 1 0 61 2 1 4 2 4 6 8 1 0 1 2 16 supply voltage, v cc ?v noise voltage, v no ? vrms 0 1 2 3 4 5 6 7 8 0 0.5 1 1.5 2 02468101214 6 8 10 12 14 16 supply voltage, v cc ?v pin voltage, vpin ? v thd ? p o 0.1 2 3 5 7 1 2 3 2 3 5 7 10 5 0.01 3 257 3 257 0.1 23 57 23 57 0.1 1 output power, p o ?w total harmonic distortion, thd ? % thd ? p o 0.1 2 3 5 7 1 2 3 2 3 5 7 10 5 0.01 1 output power, p o ?w total harmonic distortion, thd ? % 41 supply voltage, v cc ?v control voltage, v7 cont ? v 01 supply voltage, v cc ?v supply current, i cco ?ma 1 4 6 6 v no ? v cc i cco ? v cc vpin ? v cc v7 cont ? v cc r l = open rg = 0 r l = 8 rg = 620 din audio v cc = 6v r l = 8 vg = 26db fin =1khz v cc = 6v r l = 4 vg = 26db fin =1khz vg = 26db vin = -20dbv r l = 8 vg = 26db pin 5 (26db) pin 5 (40db) pin 7 vg = 40db mute-off mute-on ta = -25 c ta = 25 c ta = 75 c ta = -25 c ta = 25 c ta = 75 c
la4815m temperature characteristics (2) 0.01 2 3 5 7 2 3 5 7 2 3 5 7 0.1 1 10 0.01 2 3 5 7 2 3 5 7 2 3 5 7 0.1 1 10 ? 50 ? 25 0 25 50 75 ? 25 0 25 50 75 100 0 7 01 6 ambient temperature, ta ? c output power, p o ?w 0 10 20 30 40 10 20 30 40 50 50 0 60 ? 50 ? 25 50 07 5 25 ? 25 50 07 25 100 ambient temperature, ta ? c voltage gain, vg ? db v7 ? ta 0 0.5 1 1.5 2 1 2 3 4 5 6 2.5 3 ? 50 ? 25 0 50 75 25 2 4 6 8 10 12 14 8 61 2 10 100 ambient temperature, ta ? c pin 7 voltage, v7 ? v v7cont ? v cc 0.3 0.6 0.9 1.2 1.5 1.8 2.1 41 supply voltage, v cc ?v control voltage, v7cont ? v ? 50 100 ambient temperature, ta ? c noise voltage, v no ? vrms ? 50 100 ambient temperature, ta ? c output power, p o ?w p o ? ta supply voltage, v cc ?v supply current, i cco ?ma i cco ? v cc p o ? ta vg ? ta v no ? ta 5 1 4 6 v cc = 6v r l = open rg = 0 r l = open rg = 0 r l = 8 vg = 26db fin = 1khz thd = 10% r l = 4 vg = 26db fin = 1khz thd = 10% v cc = 6v r l = 8 v cc = 6v r l = 8 rg = 620 din audio r l = 8 vg = 26db fin = 1khz v in = -30dbv vg = 26db vg = 40db v cc = 12v v cc = 6v v cc = 5v v cc = 6v v cc = 9v v cc = 5v ta = -25 c ta = 25 c ta = 75 c ta = -25 c ta = 25 c ta = 75 c no.a1373-13/14
la4815m muting on and off transient characteristics v cc = 6v r l = 8 cin = 1f 200ms/div out : 200mv/div, ac pin 7 : 2v/div, dc v cc = 12v r l = 8 cin = 1f 200ms/div out : 200mv/div, ac pin 7 : 2v/div, dc v cc = 6v r l = 8 cin = 2.2f 200ms/div out : 200mv/div, ac pin 7 : 2v/div, dc v cc = 12v r l = 8 cin = 2.2f 200ms/div out : 200mv/div, ac pin 7 : 2v/div, dc sanyo semiconductor co.,ltd. assumes no responsib ility for equipment failures that result from using products at values that exceed, even momentarily, rate d values (such as maximum ra tings, operating condition ranges, or other parameters) listed in products specif ications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-qual ity high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to acci dents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause dam age to other property. when designing equipment, adopt safety measures so that these kinds of accidents or e vents cannot occur. such measures include but are not limited to protective circuits and error prevention c ircuits for safe design, redundant design, and structural design. upon using the technical information or products descri bed herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable f or any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagr ams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equi pment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor c o.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities conc erned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any in formation storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. this catalog provides information as of july, 2010. specifications and informat ion herein are subject to change without notice. ps no.a1373-14/14


▲Up To Search▲   

 
Price & Availability of LA4815M10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X