Part Number Hot Search : 
3P352LH AN1496 880102 PDLI27BD 80SQ035 BT149B HT46R4A M3764
Product Description
Full Text Search
 

To Download HER1601FC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? low forward voltage drop ? case: ito 220 features ito-220 dimensions in inches and (millimeters) mechanical date ? low forward voltage drop ? case: ito - 220 ? high current capability ? case material: molded plastic. ul ? high reliability flammability classification rating 94v-0 ? high surge current capability ? terminals: lead free plating (tin finish). ? high speed switching solderable per mil-std-202, method 208 ? aec-q101 qualified ? weight: 1.645 grams (approximate) ? ? 2012-1 willas electronic corp. .035(1.00) .022(0.55) .067(1.70) .039(1.00) .189(4.80) .169(4.30) .134(3.40) .110(2.54) .031(0.80) .015(0.38) .114(2.90) .098(2.50) .138(3.50) .118(3.00) .560(14.22) .492(12.50) .406(10.30) .382(9.70) .642(16.30) .571(14.50) .108(2.75) .091(2.30) .114(2.90) .098(2.50) .171(4.35) .138(3.50) max.(1.80) maximum ratings (ta=25c unless otherwise noted) parameter symbol her16 01fc her16 02fc her16 03fc her16 04fc her16 05fc her16 06fc her16 07fc her16 08fc uni t maximum repetitive peak reverse voltage v rrm 50 100 200 300 400 600 800 1000 v maximum rms voltage v rms 35 70 140 210 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 300 400 600 800 1000 v maximum average forward rectified current (total) (per leg) i f 16.0 8.0 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 125.0 a maximum instantaneous forward voltage if=8a @ 25c v f 1.00 1.35 1.70 v maximum dc reverse current @ tc=25c at rated dc blocking voltage @ tc=100c i r 10 100 ua typical junction capacitance(note1) c j 75 pf maximum reverse recovery time(note2) trr 50 75 ns typical thermal resistance r jc 3 c/w operating temperature range t j -55 to +150 c storage temperature range t stg -55 to +150 c notes:1.measured at 1. 0mhz and applied reverse voltage of 4.0v dc 2.measured with if=0.5a, ir=1a, irr=0.25a 16.0a high efficiency rectifiers - 50v-1000v ito-220 package HER1601FC thru her1608fc
fig. 1-typical forward current derating curve fig. 2-typical forward characteristics 16 20 d current,(a) 10.00 100.00 d current (a) tj=25 pulse width 300us 2% duty cycle 4 8 12 average forwar d 0.10 1.00 HER1601FC~her1603fc her1604fc~her1605fc her1606fc~her1608fc nstantaneous forwar d fig. 3-maximum non-repetitive forward surg e current fig. 4-typical reverse characteristics 0 0 25 50 75 100 125 150 ambient temperature ( ) 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 forward voltage (v) i 125 150 t (a) 100 25 ua) tj 25 50 75 100 125 f orward surge curren t 0.1 1 10 100 v erse leakage current ( tj = 25 8.3ms single half sine wave fig. 5-typical junction capacitance 0 25 1 10 100 number of cycles at 60hz peak f 0.001 0.01 20 40 60 80 100 percentage rated peak reverse voltage (%) re v 60 80 100 a pacitance (pf) 0 20 40 0 1 10 100 reverse voltage (v) junction c a () 2012-1 willas electronic corp. 16.0a high efficiency rectifiers - 50v-1000v ito-220 package HER1601FC thru her1608fc


▲Up To Search▲   

 
Price & Availability of HER1601FC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X