Part Number Hot Search : 
2SD2426 4001G BZT52C36 C101M MC1489 SNA31 LC104B CD7377CZ
Product Description
Full Text Search
 

To Download HER1601C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to-220 ? low forward voltage drop ? case: to-220 ? high current capability ?case material: molded plastic. ul ? high reliability flammability classification rating 94v-0 mechanical date features dimensions in inches and (millimeters) ?high reliability flammability classification rating 94v-0 ?high surge current capability ? te rminals: lead free plating (tin finish). ? high speed switching solderable per mil-std-202, method 208 ? aec-q101 qualified ? weight: 1.948 grams (approximate) 2012-1 willas electronic corp. 16.0a high efficiency rectifiers - 50v-1000v to-220 package HER1601C thru her1608c ? ? .270(6.9) .230(5.8) .177(4.50) .140(3.56) .039(1.00) .023(0.60) .057(1.45) .046(1.16) .187(4.82) .148(3.8) .053(1.4) .043(1.1) .028(0.7) .014(0.36) .126 (3. 20 ) .129(3.3) .1(2.54) .153(3.9) .146(3.7) .583(14.8) .499(12.7) .413(10.5) .374(9.5) .624(15.87) .578(14.7) .102(2.6) .091(2.3) maximum ratings (ta=25c unless otherwise noted) parameter symbol her16 01c her16 02c her16 03c her16 04c her16 05c her16 06c her16 07c her16 08c uni t maximum repetitive peak reverse voltage v rrm 50 100 200 300 400 600 800 1000 v maximum rms voltage v rms 35 70 140 210 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 300 400 600 800 1000 v maximum average forward rectified current (total) (per leg) i f 16.0 8.0 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 125.0 a maximum instantaneous forward voltage if=8a @ 25c v f 1.00 1.35 1.70 v maximum dc reverse current @ tc=25c at rated dc blocking voltage @ tc=100c i r 10 100 ua ma typical junction capacitance(note1) c j 75 pf maximum reverse recovery time(note2) trr 50 75 ns typical thermal resistance r jc 3 c/w operating temperature range t j -55 to +150 c storage temperature range t stg -55 to +150 c notes:1.measured at 1. 0mhz and applied reverse voltage of 4.0v dc 2.measured with if=0.5a, ir=1a, irr=0.25a
fig. 1-typical forward current derating curve fig. 2-typical forward characteristics 12 16 20 o rward current,(a) 1.00 10.00 100.00 o rward current (a) tj=25 pulse width 300us 2% duty cycle 0 4 8 0 25 50 75 100 125 150 average f o ambient temperature ( ) 0.01 0.10 0.4 0.6 0.8 1.0 1.2 1.4 1.6 HER1601C~her1603c her1604c~her1605c her1606c~her1608c forward voltage (v) instantaneous f o fig. 3-maximum non-repetitive forward surg e current fig. 4-typical reverse characteristics 100 125 150 c urrent (a) 10 100 25 100 rrent (ua) tj=25 8.3ms single half sine wave 25 50 75 100 peak forward surge c 0.01 0.1 1 reverse leakage cu fig. 5-typical junction capacitance 0 1 10 100 number of cycles at 60hz 0.001 20 40 60 80 100 100 percentage rated peak reverse voltage (%) 40 60 80 c tion capacitance (pf) 0 20 0 1 10 100 reverse voltage (v) jun c 2012-1 willas electronic corp. 16.0a high efficiency rectifiers - 50v-1000v to-220 package HER1601C thru her1608c


▲Up To Search▲   

 
Price & Availability of HER1601C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X