Part Number Hot Search : 
06151 AP1512A H50N6 08501 UDN2981A 4040M 11EQS10 D5701
Product Description
Full Text Search
 

To Download HAT1005F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  application power switching features ?low on?esistance capable of 2.5 v gate drive low drive current high density mounting ordering information hitachi code fp?d eiaj code sc?27?a jedec code table 1 absolute maximum ratings (ta = 25?) item symbol ratings unit drain to source voltage v dss ?0 v gate to source voltage v gss ?0 v drain current i d ?.5 a drain peak current i d(pulse) * ?4 a body?rain diode reverse drain current i dr ?.5 a channel dissipation pch** 1.0 w channel temperature tch 150 ? storage temperature tstg ?5 to +150 ? * pw 10 ?, duty cycle 1 % ** when using the glass epoxy board (40 x 40 x 1.6 mm) sop? 1 2 3 4 5 6 7 8 1, 2, 3 source 4 gate 5, 6, 7, 8 drain g d sss d dd 56 78 4 12 3 HAT1005F silicon p channel power mos fet
table 2 electrical characteristics (ta = 25?) item symbol min typ max unit test conditions drain to source breakdown v (br)dss ?0 v i d = ?0 ma, v gs = 0 voltage gate to source breakdown v (br)gss ?0 v i g = ?00 ?, v ds = 0 voltage gate to source leak current i gss ?0 ? v gs = ?6 v, v ds = 0 zero gate voltage drain current i dss ?0 ? v ds = ?0 v, v gs = 0 gate to source cutoff voltage v gs(off) ?.5 ?.5 v v ds = ?0 v, i d = ? ma static drain to source on state r ds(on) 0.07 0.09 ? i d = ? a resistance v gs = ?0 v * 0.095 0.13 ? i d = ? a v gs = ? v * 0.14 0.2 ? i d = -0.7 a v gs = - 2.5 v * forward transfer admittance |y fs | 4.0 6 s i d = ? a v ds = - 10 v * input capacitance ciss 840 pf v ds = - 10 v output capacitance coss 515 pf v gs = 0 reverse transfer capacitance crss 145 pf f = 1 mhz turn?n delay time t d( on) 20 ns v gs = ? v, i d = ? a rise time t r 115 ns v dd = ?0 v turn?ff delay time t d( off) 100 ns fall time t f 120 ns body?rain diode forward v df ?.8 v i f = ?.5 a, v gs = 0 voltage body?rain diode reverse trr 65 ns i f = ?.5 a, v gs = 0 recovery time dif / dt = 20a / ? * pulse test HAT1005F
2.0 1.5 1.0 0.5 0 50 100 150 200 test condition : when using the glass epoxy board (40 x 40 x 1.6 mm) channel dissipation pch (w) ambient temperature ta (?) power vs. temperature derating ?0 ?6 ?2 ? ? 0 drain to source voltage v (v) ds drain current i (a) d typical output characteristics ? ? ? ? ?0 ?0 v ? v ? v ? v ? v ?.5 v ? v ?.5 v ? v v = ?.5 v gs pulse test ?0 ?6 ?2 ? ? 0 gate to source voltage v (v) gs drain current i (a) d typical transfer characteristics ? ? ? ? ? v = ?0 v pulse test ds tc = ?5 ? 75 ? 25 ? drain to source voltage v (v) ds drain current i (a) d maximum safe operation area ?.1 ?00 ?0 ? ?.1 ?.01 ?.3 ? ? ?0 ?0 ?00 ?0 ? ?.3 ?.03 operation in this area is limited by r ds(on) 10 ? 100 ? 1 ms dc operation ** ta = 25 ? 1 shot pulse pw = 10 ms ** when using the glass epoxy board (40 x 40 x 1.6 mm) HAT1005F
?.5 ?.4 ?.3 ?.2 ?.1 0 gate to source voltage v (v) gs drain to source saturation voltage vs. gate to source voltage v (v) ds(on) drain to source saturation voltage ? ? ? ? ?0 pulse test ?.5 a d i = ? a ? a 0.25 0.20 0.15 0.10 0.05 ?0 0 40 80 120 160 case temperature tc (?) 0 r ( ) ds(on) static drain to source on state resistance ? static drain to source on state resistance vs. temperature pulse test ? v v = ?.5 v gs i = ? a d ? a ?0 v ? , ? a ? , ? a forward transfer admittance |y | (s) fs forward transfer admittance vs. drain current drain current i (a) d 50 20 10 2 5 1 0.5 ?.2 ?.5 ? ? ? ?0 ?0 tc = ?5 ? 75 ? 25 ? v = ?0 v pulse test ds drain current i (a) d drain to source on state resistance r ( ) ? ds(on) static drain to source on state resistance vs. drain current 1 0.2 0.5 0.1 0.02 0.05 0.01 pulse test ? v v = ?.5 v gs ?0 v ?.2 ?.5 ? ? ? ?0 ?0 HAT1005F
reverse drain current i (a) dr reverse recovery time trr (ns) body?rain diode reverse recovery time 1000 200 500 100 20 50 10 ?.2 ?.5 ? ? ? ?0 ?0 di / dt = 20 a / ? v = 0, ta = 25 ? gs 0 ?0 ?0 ?0 ?0 0 gate charge qg (nc) drain to source voltage v (v) ds 0 ? ? ?2 ?6 ?0 ?0 gate to source voltage v (v) gs dynamic input characteristics ds v gs v d i = ?.5 a v = ? v ?0 v ?5 v dd dd v = ?5 v ?0 v ? v 8 16 24 32 40 drain current i (a) d switching time t (ns) switching characteristics 1000 200 500 100 20 50 10 ?.2 ?.5 ? ? ? ?0 ?0 t f r t d(off) t d(on) t v = ? v, v = ?0 v pw = 3 ?, duty < 1 % gs dd 0 capacitance c (pf) drain to source voltage v (v) ds typical capacitance vs. drain to source voltage 10000 3000 1000 300 100 30 10 ?0 ?0 ?0 ?0 ?0 ciss coss crss v = 0 f = 1 mhz gs HAT1005F
?0 ?6 ?2 ? ? 0 source to drain voltage v (v) sd reverse drain current i (a) dr reverse drain current vs. source to drain voltage ?.4 ?.8 ?.2 ?.6 ?.0 pulse test 0, 5 v v = ? v gs + 0.05 ?0.02 0.10 ?0.10 2.00 max 2.03 max 4.55 max 0.20 0.75 max 0.40 + 0.10 ?0.05 0.60 + 0.25 ?0.18 0.12 0 ?10 m 8 5 1 4 5.25 max 6.8 max 1.27 0.1 hitachi code eiaj jedec fp?d sc?27?a ?sop? package dimensions unit : mm HAT1005F


▲Up To Search▲   

 
Price & Availability of HAT1005F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X