Part Number Hot Search : 
FP9266 SL1014 MV5026A TC75S 09MUQ 2N431K 2N6786 SK541100
Product Description
Full Text Search
 

To Download FYSH-5050UX3C-60-24V-WW10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model. no. ningbo foryard optoelectronics co.,ltd. add: no.115 qixin road ningbo zhejiang china zip: 315051 tel: 0086-574-87933652 87927870 87922206 fax: 0086-574-87927917 e-mail: sales@foryard.com ( general) http://www.foryard.com page 1/5 prepared by rev. channel letters lighting source for shop windows http://www.foryard.com advertising signs indoor decoration lighting checked by customer approved signatures approved by FYSH-5050UX3C-60-24V-WW10 a model no. FYSH-5050UX3C-60-24V-WW10 product specification features: replacement for neon the application of soft & flexible pcb makes the strip possible to be bent into any shape as per users needs. the viewin g angle as wide as 120and adjustable length by cutting off or connect ing every three led's enable it to be more suitable for the applications of signs, advertisings and backlights. applications: monocolor flexible smd led
model. no. photo drawing (1 meter) notes: 1. all dimensions are millimeters. 2. tolerance is 0.2mm unless otherwise specified. 3. specifications are subject to change without no tice. 4. dimension: l1000*w10*h3.0mm.without prior notic e. 5. can be cut or connected every six leds. circuit diagram(a single group) page 2/5 rev. model no. FYSH-5050UX3C-60-24V-WW10 http://www.foryard.com FYSH-5050UX3C-60-24V-WW10 a 100010mm 1103mm 1 0 m m 0 . 2 m m 100mm 3 . 0 m m 5.0 5.0 l e d 1 l e d 1 l e d 1 l e d 1 r 1 r 1 r 1 r 1 l e d 2 l e d 2 l e d 2 l e d 2 l e d 3 l e d 3 l e d 3 l e d 3 r 2 r 2 r 2 r 2 r 3 r 3 r 3 r 3 vcc vccvcc vcc l e d 5 5 l e d 5 5 l e d 5 5 l e d 5 5 r 2 8 r 2 8 r 2 8 r 2 8 l e d 5 6 l e d 5 6 l e d 5 6 l e d 5 6 l e d 5 7 l e d 5 7 l e d 5 7 l e d 5 7 r 2 9 r 2 9 r 2 9 r 2 9 r 3 0 r 3 0 r 3 0 r 3 0 l e d 4 l e d 4 l e d 4 l e d 4 l e d 5 8 l e d 5 8 l e d 5 8 l e d 5 8 l e d 5 l e d 5 l e d 5 l e d 5 l e d 5 9 l e d 5 9 l e d 5 9 l e d 5 9 l e d 6 l e d 6 l e d 6 l e d 6 l e d 6 0 l e d 6 0 l e d 6 0 l e d 6 0
model. no. rating electrical/optical characteristics(1 meter) rating electrical/optical characteristics(5 meter) page 3/5 72w 72w 72w 72w 72w 5m0.5mm 5m0.5mm 5m0.5mm 5m0.5mm 5m0.5mm. 3000 3000 3000 3000 3000 300g 300g 300g 300g 300g dc24 dc24 dc24 14.4 single led luminous intensity(mcd) operation temperature( ) single led operating current(ma) item approval net weight:(g) life time(hrs) dimension:(mm) led quantity(pcs) luminous flux(lm) wavelength(nm) input current(ma) power dissipation(w) operation voltage(v) angle() white dc24 14.4 600 dc24 14.4 14.4 14.4 600 600 red yellow blue 515-525 720 ce(no:e8n 08 03 57489 004) 600 600 4500 4800 3200 625-635 590-594 cct:5000k-6500k 5000 465-475 green http://www.foryard.com 3000 120 -20~60 60 60 l1000*w10*h3mm 50000 60 item red yellow blue green white power dissipation total length input current(ma) weight rev. 960 1000 1080 560 model no. FYSH-5050UX3C-60-24V-WW10 FYSH-5050UX3C-60-24V-WW10 a
model. no. package(5 meters) the backsides of all products will stick 3m brande d double-sided sticker with 10mm width. page 4/5 rev. http://www.foryard.com FYSH-5050UX3C-60-24V-WW10 a model no. FYSH-5050UX3C-60-24V-WW10 foryard o p t o e l e c t r o n i c s www.foryard.com foryard o p t o e l e c t r o n i c s led ledled led qty: 360 m date:xxxx/xx/xx gw: 23 kg nw: 25 kg xxxxxxxxxx rohs rohs rohs rohs attention attention attention attention 24boxs/ carton qc: qc pass part no: fysh-5050uxc-60-24v-ww10 date:xxxx/xx/xx q'ty: 5 m foryard qc: qc pass xxxxxxxxxx 21.0 2 2 . 0 5 1 7 8 1 . 0 6 0 0 . 5 130.1 150.15 1 3 . 5 0 . 2 44.0 4 6 . 0 3 4 . 0 rohs rohs rohs rohs 5m reel 3reels/box reel pn: fysh-5050uxc-60-24v-ww10 outside label outside label
model. no. how to use: 1. please use this product with 24v dc. 2. please complete the esd-prevention before using . 3. the flexible led strips should be neither bent into right-angles nor folded. 4. for this product, every three leds on the same strip can be cut off and use separately (namely, every 100mm works as a group). please refer to the outline for the details. 5. the calculating way that how many this product a power supply can upload is: the current(a) that t he power supply can offer/the current distributed to each single group*total group of this pr oduct 6. the strip quantity of each sting that directly connected to the power supply should not exceed 30 pcs; otherwise, the brightness of the strip at the end of the string will be dimmed because of the vol tage reduction. although a loop circuit can avoid r eduction happening, one string should not connect too many strips. 7. the wire with gray line is anode, while the red green blue yellow white is cathode, if polarities connected in a wrong way, the strip will not b e lit, but will not be damaged either. what only needs to do is changing the polarity connectio n. 8. when installing the strips in the plastic lette rs or characters, please try to use 3 or 4 branch wires and when doing the connection try to make the strips in a letter or character or box form a loop circuit or severa l loop circuits by using red and black wire to connect the strips at the end of the strokes t ogether according to their polarities. 9. this product is water-proof. 10.when installing the strip, the double-sided adhe sive tape or carpenters glue is required to make the clip slot of the strip firmly stuc k together. when using the double-sided adhesive tape, proper glass glue must be sprea d to avoid the strip falling off after long-time exposed in the sunlight. 11.the strip quantity of each sting that directly c onnected to the power supply should not exceed 30pcs; otherwise, the brightness of the strip a t the end of the string will be dimmed because of the voltage reduction. although a lo op circuit can avoid reduction happening, one string should not connect too many strips. 12.no push, squeeze or press on the components of t he strip for fear damaging the components to affect the lighting effects. page 5/5 http://www.foryard.com FYSH-5050UX3C-60-24V-WW10 model no. FYSH-5050UX3C-60-24V-WW10 rev. a


▲Up To Search▲   

 
Price & Availability of FYSH-5050UX3C-60-24V-WW10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X