Part Number Hot Search : 
SS402 2N50C3 ZFMDK10C F4007 STBS028 SL1495 HPA26AX TESTEXEC
Product Description
Full Text Search
 

To Download DUG14C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  published date : feb 29, 2008 drawing no : sdsa2222 v4 checked : shi n chi p.1/4 14.22mm (0.56?) dual digit mumeric display part number: DUG14C2 www.sunled.com features 0.56 inch digit height. low current operation. excellent character appearance. easy mounting on p.c. boards or sockets. two digit package simplifies alignments & assembly. i.c. compatible. mechanically rugged. standard: gray face, white segment. rohs compliant. part number emitting color emitting material luminous intensity (if=10ma) ucd wavelength nm p description min. typ. DUG14C2 green gap 1900 10490 565 common cathode, rt. hand decimal notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. specifications are subjec t to change without notice. absolute maximum ratings (t a =25c ) ug (gap) unit reverse voltage v r 5 v forward current i f 25 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 140 ma power dissipation p t 62.5 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3~5 seconds operating characteristics (t a =25c ) ug (gap) unit forward voltage (typ.) (i f =10ma) v f 2.0 v forward voltage (max.) (i f =10ma) v f 2.5 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emission (typ.) (i f =10ma) p 565 nm wavelength of dominant emission (typ.) (i f =10ma) d 568 nm spectral line full width at half-maximum (typ.) (i f =10ma) ? 30 nm capacitance (typ.) (v f =0v, f=1mhz) c 15 pf
published date : feb 29, 2008 drawing no : sdsa2222 v4 checked : shi n chi p.2/4 14.22mm (0.56?) dual digit mumeric display part number: DUG14C2 www.sunled.com ? ug
published date : feb 29, 2008 drawing no : sdsa2222 v4 checked : shi n chi p.3/4 14.22mm (0.56?) dual digit mumeric display part number: DUG14C2 www.sunled.com remarks: if special sorting is required (e.g. binn ing based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity/ luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
published date : feb 29, 2008 drawing no : sdsa2222 v4 checked : shi n chi p.4/4 14.22mm (0.56?) dual digit mumeric display part number: DUG14C2 www.sunled.com packing & label specifications DUG14C2


▲Up To Search▲   

 
Price & Availability of DUG14C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X