Part Number Hot Search : 
42375 KBPC2508 LM117 KBPC2508 N2546 HF9316 SBL1040C LF441CN
Product Description
Full Text Search
 

To Download DF08M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 0.1 6.3 0.2 8.3 0.3 8.3 0.1 5 0.2 2.5 0.15 8.8 0.5 rating to 1000v prv ideal for printed circuit board low forward voltage drop, high current capab ility. reliable low cost construction utilizing molded plastic technique results in inexpensive product lead pb/sn copper the plastic material has ul flammability classification 94v-0 polarity : as marked on body weight : 0.02 ounces, 0.38 grams mounting position : any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20% notes : 1.measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2.thermal resistance from junction to ambient mounted on p.c.b with 0.5x0.5"(13x13mm) copper pads. df10m DF08M df06m df04m df02m df005m df01m unit characteristics symbol 1000 700 1000 800 560 800 600 420 600 400 280 400 200 140 200 50 35 50 100 70 100 v rms v dc v rrm i (av) i fsm v f @t a = 40 c maximum average forward rectified current peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum forward voltage at 1.0a dc 1.0 50 1.1 t j operating temperature range -55 to +150 c t stg storage temperature range -55 to +150 c typical thermal resistance (note 2) r 0ja 40 c/w i r maximum dc reverse current at rated dc blocking voltage @t j =125 c @t j =25 c 10 500 ua v a a v v v 10.4 a s 2 i t 2 i t rating for fusing (t < 8.3ms) 2 c j 25 pf typical junction capacitance per element (note 1) db-1 reverse voltage - 50 to 1000 volts forward current - 1.0 amperes dimensions in millimeters df005m-df10m glass passivated bridge rectifiers features mechanical data ? ? ? ? ? ? ? ? ? http://www.luguang.cn mail:lge@luguang.cn
instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.2 0.4 1.2 1.4 0 0.1 1.0 10 0.6 0.8 1.0 .01 1.8 1.6 t j = 25 c pulse width 300us 2% duty cycle fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 10 20 30 50 single half-sine-wave (jedec method) 40 fig.1 - forward current derating curve average forward current amperes 40 60 100 120 0.6 0.1 20 0.2 1.0 ambient temperature , c 0.8 0.4 single phase half wave 60hz resistive or inductive load 140 80 instantaneous reverse current ,(ua) 20 40 120 140 0 0.1 1.0 100 10 60 80 100 0.01 t j = 25 c t j = 125 c fig.5 - typical reverse characteristics percent of rated peak reverse voltage, (%) fig.3 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10.0 0.1 100 100 10 1.0 1.0 4.0 t j = 25 c, f = 1mhz df005m-df10m glass passivated bridge rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of DF08M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X