Part Number Hot Search : 
VSM52152 MAX4270 001TB 5KP22A RKL3CD PACDN004 A54SX72 CPH6104
Product Description
Full Text Search
 

To Download DF08M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. a / ah 2008 - 02 - 18 df005m ? df10m 1.0a glass passivated bridge rectifier taitron components incorporated www.taitroncomponents.com page 1 of 4 tel: (800) - tai t ron (800) - 824 - 8766 (661) - 257 - 6060 fax: (800)-taitfax (800)-824-8329 (661)-257-6415 1.0a glass passivated bridge rectifier features ? glass passivated die construction ? low leakage ? ideal for printed circuit boards ? applicable for automotive insertion ? high surge current capability ? plastic material ? ul flammability 94v-0 ? this series is ul recognized under component index, file number e194718 ? rohs compliant mechanical data case: df terminals: leads solderable per mil-std-202, method 208 polarity: as marked on case mounting position: any weight: 0.02 ounce, 0.4 gram maximum ratings and elec trical characteristics (t amb =25 ? c) symbol description df 005m df 01m df 02m df 04m df 06m df 08m df 10m unit conditions v rrm max. repetitive peak reverse voltage 50 100 200 400 600 800 1000 v v rms max. rms voltage 35 70 140 280 420 560 700 v v dc max. dc blocking voltage 50 100 200 400 600 800 1000 v i av max. average forward rectified current 1.0 a t a =40 c i fsm peak forward surge current 50 a 8.3ms single half sine-wave superimposed on rated load (jedec method) i2 t rating for fusing (t<8.3ms) 10 a2s df
1.0a glass passivated bridge rectifier rev. a / ah 2008 - 02 - 18 df005m ? df10m www.taitroncomponents.com page 2 of 4 fig.1- derating curve output rectified current ambient temperature (c) fig.2-max. non-repetitive peak forward surge current per leg number of cycle at 60hz symbol description df 005m df 01m df 02m df 04m df 06m df 08m df 10m unit conditions v f max. instantaneous forward voltage drop per leg 1.1 v i f =1.0a 5.0 t a =25 c i r max. dc reverse current at rated dc blocking voltage per leg 500 a t a =125 c c j typical junction capacitance per leg 25 pf v r = 4v f=1mhz r thja 40 r thjl typical thermal resistance per leg 15 c / w note t j , t stg operating junction and storage temperature range -55 to +150 c note: thermal resistance from junction to ambient and fr om junction to lead mounted on p.c.b. with 0.5x0.5?? (13x13mm) copper pads. typical characteristics curves peak forward surge current (a) average forward output current (a)
1.0a glass passivated bridge rectifier rev. a / ah 2008 - 02 - 18 df005m ? df10m www.taitroncomponents.com page 3 of 4 fig.5-typical junction capacitance reverse voltage (v) junction capacitance (pf) fig.3-typical instantaneous forward characteristic per leg instantaneous forward voltage (v) instantaneous forward current (a) fig.4-typical reverse leakage characteristics per leg percent of rated peak reverse voltage (%) instantaneous reverse current (a)
1.0a glass passivated bridge rectifier rev. a / ah 2008 - 02 - 18 df005m ? df10m www.taitroncomponents.com page 4 of 4 dimensions in inch (mm) how to contact us: us headquarters 28040 west harrison parkway, valencia, ca 91355-4162 tel: (800) taitron (800) 824-8766 (661) 257-6060 fax: (800) taitfax (800) 824-8329 (661) 257-6415 email: taitron@taitroncomponents.com http:// www.taitroncomponents.com taitron components mexico, s.a .de c.v. boulevard central 5000 interior 5 parque industrial atitalaquia, hidalgo c.p. 42970 mexico tel: +52-55-5560-1519 fax: +52-55-5560-2190 taitron components incorporated representa??es do brasil ltda rua domingos de morais, 2777, 2.andar, sala 24 sade - s?o paulo-sp 04035-001 brazil tel: +55-11-5574-7949 fax: +55-11-5572-0052 taitron components incorporated, shanghai representative office metrobank plaza, 1160 west yan? an road, suite 1503, shanghai, 200052, china tel: +86-21-5424-9942 fax: +86-21-5424-9931 df


▲Up To Search▲   

 
Price & Availability of DF08M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X