Part Number Hot Search : 
6A2010X0 C15034 EPSA1 D5011UK KTA2013F N5101 2SC3802K ZMM11LZB
Product Description
Full Text Search
 

To Download BC807-XXLT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general purpose transistors sot?23 1. fr?5 = 1.0 x 0.75 x 0.062 in. 2. alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. pnp silicon feature collector current capability i c = -500 ma. collector-emitter voltage v ceo (max) = -45 v. general purpose switching and amplification. pnp complement: bc807 series. device marking and ordering information device marking shipping bc807-16lt1 5a1 3000/tape&reel bc807-25lt1 5b1 3000/tape&reel bc807-40lt1 5c1 3000/tape&reel maximum ratings rating symbol value unit collector?emitter voltage v ceo ?45 v collector?base voltage v cbo ?50 v emitter?base voltage v ebo ?5.0 v collector current ? continuous i c ?500 madc thermal characteristics lobmys citsiretcarahc max unit total device dissipation fr? 5 board, (1) p d t a wm 522 c52 = 8.1 c52 evoba etared mw/c thermal resistance, junction to ambient r ja 556 c/w p noitapissid ecived latot d alumina substrate, (2) t a wm 003 c52 = 4.2 c52 evoba etared mw/c thermal resistance , junction to ambient r ja 417 c/w junction and storage temperature t j , t stg ?55 to +150 c 2 emitter 3 collector 1 base we declare that the material of product compliance with rohs requirements. willas rohs product for packing code suffix "g" halogen free product for packing code suffix "h" BC807-XXLT1 2012- willas electronic corp. preliminary
electrical characteristics (t a = 25c unless otherwise noted.) characteristic symbol min typ max unit off characteristics collector?emitter breakdown voltage (i c v )am 01? = (br)ceo ?45 ? ? v collector?emitter breakdown voltage (v eb = 0, i c = ?10 v )a (br)ces ?50 ? ? v emitter?base breakdown voltage (i e = ?1.0 v )a (br)ebo ?5.0 ? ? v i tnerruc ffotuc rotcelloc cbo (v cb an001? ? ? )v 02? = (v cb = ?20 v, t j 0.5? ? ? )c051 = a electrical characteristics (t a = 25c unless otherwise noted) characteristic symbol min typ max unit on characteristics h niag tnerruc cd fe ? (i c = ?100 ma, v ce 052 ? 001 61?708cb )v 0.1? = 004 ? 061 52?708cb 006 ? 052 04?708cb (i c = ?500 ma, v ce = ?1.0 v) 40 ? ? collector?emitter saturation voltage v ce(sat) ? ? ?0.7 v (i c = ?500 ma, i b = ?50 ma) base?emitter on voltage v be(on) ? ? ?1.2 v (i c = ?500 ma, v ce = ?1.0 v) small?signal characteristics current?gain ? bandwidth product f t 100 ? ? mhz (i c = ?10 ma, v ce = ?5.0 v dc , f = 100 mhz) output capacitance c obo ? 10 ? pf (v cb = ?10 v, f = 1.0 mhz) 2012- willas electronic corp. bc807-xxt1 preliminary
mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 sot-23 2012- willas electronic corp. BC807-XXLT1 dimensions in inches and (millimeters) .080(2.04) .070(1.78) .110(2.80) .083(2.10) .006(0.15)min. .008(0.20) .003(0.08) .055(1.40) .035(0.89) .020(0.50) .012(0.30) .004(0.10)max. .122(3.10) .106(2.70) .063(1.60) .047(1.20) preliminary


▲Up To Search▲   

 
Price & Availability of BC807-XXLT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X