Part Number Hot Search : 
BC850C BLF6G CXA20 4812S FN2459 BAS70W 210EMB 100103
Product Description
Full Text Search
 

To Download 1047140000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet creation date february 19, 2011 12:03:37 am cet last update 29.11.2010 / we reserve the right to make technical changes. 1 system lxxx lxxx 15.00/03/90 4.5sn bk bx weidmller interface gmbh & co. kg klingenbergstra?e 16 d-32758 detmold germany fon: +49 5231 14-0 fax: +49 5231 14-2083 www.weidmueller.com general ordering data material number 1047140000 short text for material lxxx 15.00/03/90 4.5sn bk bx article - short description pcb terminal, clamping yoke connection, solder connection, clamping range, rated connection, max.: 50 mm2, pitch in mm: 15.00 mm, no. of poles: 3, 90, box ean 4032248784011 qty. 10 pc(s). packaging box the high-current pcb connection for more power on board: 150 a /1000 v with wires up to 50 mm2, transmitted right to the pcb! the lxxx 15.0 C with its proven steel clamping-yoke technology in a compact standard housing C integrates the latest market requirements for security, power density and miniaturization in power electronics. it connects these requirements into an efficient solution for the entire value-creation chain C including development, production, installation and maintenance. the function and form of the application's connection method plays a key role. it influences the application's design, reliability, usability and costs. with the substitution of for example, with the replacement of complex constructions involving bolts or bus bars, the pcb can be transformed into a system platform that is both consistent and sustainable into the future C even for high-current applications. the lxxx 15.0 reduces size and complexity while at the same time improving application integration. in so doing, it fulfils the requirements of power electronics better than the established mechanisms and connection elements.
datasheet system lxxx lxxx 15.00/03/90 4.5sn bk bx weidmller interface gmbh & co. kg klingenbergstra?e 16 d-32758 detmold germany fon: +49 5231 14-0 fax: +49 5231 14-2083 www.weidmueller.com technical data creation date february 19, 2011 12:03:37 am cet last update 29.11.2010 / we reserve the right to make technical changes. 2 approvals approvals csa; ur system parameters product family system lxxx conductor connection system clamping yoke connection fitted to pcb solder connection outgoing direction of conductor 90 pitch in mm 15 mm pitch in inch 0.591 inch no. of poles 3 fitted by customer no no. of rows 1 solder pin length 4.5 mm diameter of solder eyelet 1.6 mm tolerance of the diameter of the solder eyelet + 0,1 mm number of solder pins per pole 4 screwdriver blade 1.2 x 6.5 screwdriver blade standard din 5264 tightening torque, min. 2.5 nm tightening torque, max. 4 nm clamping screw m 6 stripping length 18 mm l1 in mm 30 mm l1 in inch 1.181 inch material data insulating material wemid (pa) colour black flammability class ul 94 v-0 cti 600 contact material copper alloy contact surface tinned contact base material copper alloy connectable conductors clamping range, rated connection, min. 0.5 mm2 clamping range, rated connection, max. 50 mm2 conductor connection cross-section awg, min. awg 20 conductor connection cross-section awg, max. awg 1 solid, min. h05(07) v-u 0.5 mm2 solid, max. h05(07) v-u 16 mm2 stranded, max. h07v-r 50 mm2 stranded, min. h07v-r 6 mm2 flexible, min. h05(07) v-k 0.5 mm2 flexible, max. h05(07) v-k 35 mm2 w. wire end ferrule, din 46228 pt 1, min 0.5 mm2 with wire end ferrule, din 46228 pt 1, max. 35 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.5 mm2 with plastic collar ferrule, din 46228 pt 4, max. 35 mm2 din iec rating data rated current, min. no. of poles (tu=20c) 150 a rated current, no. of poles (tu=40c), min. 150 a rated voltage for overvoltage class/pollution severity ii/2 1,000 v rated voltage for overvoltage class/pollution severity iii/2 1,000 v rated voltage at overvoltage category/ pollution degree iii/3 1,000 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 8 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 8 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 8 kv csa rating data rated voltage (use group b) 600 v rated current (use group b) 127 a rated voltage (use group c) 600 v rated current (use group c) 127 a rated voltage (use group d) 600 v rated current (use group d) 5 a wire cross-section, awg, min. awg 20 wire cross-section, awg, max. awg 1
datasheet system lxxx lxxx 15.00/03/90 4.5sn bk bx weidmller interface gmbh & co. kg klingenbergstra?e 16 d-32758 detmold germany fon: +49 5231 14-0 fax: +49 5231 14-2083 www.weidmueller.com technical data creation date february 19, 2011 12:03:37 am cet last update 29.11.2010 / we reserve the right to make technical changes. 3 ul 1059 rating data rated voltage (use group b) 600 v rated current (use group b) 127 a rated voltage (use group c) 600 v rated current (use group c) 127 a rated voltage (use group d) 600 v rated current (use group d) 5 a wire cross-section, awg, min. awg 20 wire cross-section, awg, max. awg 1 classifications etim 3.0 ec001284 etim 4.0 ec002643 eclass 6.0 27-26-11-01 notes notes ? additional colours on request ? rated current related to rated cross-section and min. no. of poles. ? wire end ferrule without plastic collar to din 46228 pt 1 ? wire end ferrule with plastic collar to din 46228 pt 4 ? p on drg. = pitch ? rated data refer only to the component itself. clearance and creepage distances to other components are to be designed in accordance with the relevant application standards. ? ip 20 from 16 mm2 to 50 mm2
datasheet system lxxx lxxx 15.00/03/90 4.5sn bk bx weidmller interface gmbh & co. kg klingenbergstra?e 16 d-32758 detmold germany fon: +49 5231 14-0 fax: +49 5231 14-2083 www.weidmueller.com drawings creation date february 19, 2011 12:03:37 am cet last update 29.11.2010 / we reserve the right to make technical changes. 4 derating curve derating curve derating curve


▲Up To Search▲   

 
Price & Availability of 1047140000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X