Part Number Hot Search : 
VCH162 ICS66401 FZT493A BS62L 2SC6045G 0ZA6T 1SV103 20100C
Product Description
Full Text Search
 

To Download 02-09-8108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/28/2012 please check www.molex.com for latest part information part number: 02-09-8108 status: active overview: standard .093" description: 2.36mm diameter, standard .093" pin and socket crimp grounding terminal, series 1973, male, with tin (sn) plated brass contact, 14-18 awg, reel documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-02-09 (pdf) general product family crimp terminals series 1973 application power comments grounding pin crimp quality equipment yes overview standard .093" product name standard .093" physical durability (mating cycles max) 25 gender male material - metal brass material - plating mating tin material - plating termination tin packaging type reel plating min - mating 0.508m plating min - termination 0.508m termination interface: style crimp or compression wire insulation diameter 1.65-3.56mm wire size awg 14, 16, 16+18, 18, 18+18 wire size mm2 n/a material info old part number 1973-2a(p901) reference - drawing numbers product specification ps-02-09 sales drawing sd-1973-* series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed low-halogen status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 1973 series use with 1619 plug or receptacle housing, 1545 plug or receptacle housing, 1396 plug or receptacle housing, 1490 plug or receptacle housing, 2629 plug or receptacle crimp housings, 1261 plug or receptacle housing, 1292 plug or recept application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # mini-mac? applicator 0638924300 extractor tool for .093 and hcs-125 product series 0638240200 extraction tool 0011030006 terminator die 0011402214
this document was generated on 03/28/2012 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 02-09-8108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X